Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP-CF004GL9FS-RM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AP-CF004GL9FS-RM
Description  Specifications for Industrial CompactFlash Card
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF004GL9FS-RM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AP-CF004GL9FS-RM Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-CF004GL9FS-RM Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-CF004GL9FS-RM Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-CF004GL9FS-RM Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF004GL9FS-RM Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF004GL9FS-RM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF004GL9FS-RM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF004GL9FS-RM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF004GL9FS-RM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Compact Flash 5 series
AP-CFxxxxL9XS-XXXXXX
3
© 2012 Apacer Technology Inc.
Rev. 1.2
1. General Description
Apacer’s value-added Industrial CompactFlash Card offers high performance, high reliability and power-
efficient storage. Regarding standard compliance, this CompactFlash Card complies with CompactFlash
specification revision 4.1, supporting transfer modes up to Programmed Input Output (PIO) Mode 6, Multi-
word Direct Memory Access (DMA) Mode 4, Ultra DMA Mode 5, and PCMCIA Ultra DMA Mode 5.
For power efficiency, this industrial CompactFlash card supports some power smart design mechanisms
such as Power-On-Reset, voltage regulator for output voltage adjustments and power failure protection,
as well as the automatic sleep and wake-up feature. In terms of security, it comes with a hardware write
protect switch.
In terms of data integrity and accuracy, the CompactFlash card is built with on-chip hardware 13/24 bit
BCH ECC engine that can correct up to 24-bit errors per 1,024 byte data. The 13-bit is used for 2KB page
size with 16 bytes spare region per 512 byte data, while the 24-bit ECC is used for flash with 218 or more
bytes, companied with 4KB data. The controller of this CompactFlash card is designed to transfer the host
data through fast DMA engine and utilize the internal memory buffer in a sufficient way, which greatly
minimizes the internal microprocessor’s loading and improves performance efficiency.
Apacer’s value-added CFC provides complete PCMCIA - ATA functionality and compatibility. Apacer ‘s
CompactFlash technology is designed for applications in Point of Sale (POS) terminals, telecom, IP-STB,
medical instruments, surveillance systems, industrial PCs and handheld applications such as the new
generation of Digital Single Lens Reflex (DSLR) cameras.
2. Functional Block
The CompactFlash Card (CFC) includes a controller and flash media, as well as the CompactFlash
standard interface. Figure 2-1 shows the functional block diagram.
Figure 2-1: Functional block diagram


Similar Part No. - AP-CF004GL9FS-RM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF004GA5GS-ETNR ETC2-AP-CF004GA5GS-ETNR Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF004GA5GS-ETRM ETC2-AP-CF004GA5GS-ETRM Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF004GA5GS-NDNR ETC2-AP-CF004GA5GS-NDNR Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF004GA5GS-NDRM ETC2-AP-CF004GA5GS-NDRM Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF004GA5GS-NR ETC2-AP-CF004GA5GS-NR Datasheet
1Mb / 23P
   Compact Flash 4 Series
More results

Similar Description - AP-CF004GL9FS-RM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF128MR9NS-NRA ETC2-AP-CF128MR9NS-NRA Datasheet
201Kb / 20P
   CompactFlash Series 5 Specifications for Industrial CompactFlash Card
logo
Transcend Information. ...
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10_V01 Datasheet
510Kb / 1P
   Industrial CompactFlash
3-Jul-2013
SQF-P10 ADVANTECH-SQF-P10 Datasheet
314Kb / 1P
   Advantech Industrial CompactFlash
logo
ALPS ELECTRIC CO.,LTD.
SCFB ALPS-SCFB Datasheet
395Kb / 5P
   Connector for CompactFlash
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
   300X CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com