Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJSP2424 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PJSP2424
Description  Panneau pivotant
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PJSP2424 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PJSP2424 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Use with PJ Series Raised Lid Enclosures
Part No.
Panel Dimensions
Height
Width
PJSP108
9.50
7.50
PJSP1210
11.50
9.50
PJSP1412
13.50
11.50
PJSP1614
15.50
13.50
PJSP1816
17.63
15.63
PJSP2016
19.25
15.25
PJSP2420
23.25
19.38
PJSP2424
23.38
23.25
PJSP3024
29.25
23.38
Use with PJU Series Enclosures
Part No.
Panel Dimensions
Height
Width
PJSPU108
9.64
7.87
PJSPU1210
11.64
9.86
PJSPU1412
13.64
11.86
PJSPU1614
15.64
13.86
PJSPU1816
17.90
15.99
PJSPU2016
19.65
15.55
Panneau pivotant
Panneau à charnière en aluminium.
Se monte à l'avant de l'armoire.
Installé sur place; aucun perçage requis.
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - PJSP2424

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
PJS008-1000 YAMAICHI-PJS008-1000 Datasheet
102Kb / 1P
   microSD Card Adapter (microSD-to-miniSD)
PJS008-2000-0 YAMAICHI-PJS008-2000-0 Datasheet
211Kb / 1P
   microSD??Card Connector
PJS008-2000-1 YAMAICHI-PJS008-2000-1 Datasheet
211Kb / 1P
   microSD??Card Connector
PJS008-2100-0 YAMAICHI-PJS008-2100-0 Datasheet
118Kb / 1P
   microSD Card Reader - Push / Push (Top Mount)
PJS008-2100-X YAMAICHI-PJS008-2100-X Datasheet
2Mb / 1P
   microSD card connector
More results

Similar Description - PJSP2424

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PCJSP HAMMOND-PCJSP Datasheet
63Kb / 2P
   Panneau pivotant
HMESWP HAMMOND-HMESWP Datasheet
75Kb / 2P
   Panneau pivotant
ESP HAMMOND-ESP Datasheet
54Kb / 2P
   Panneau pivotant Eclipse
SPK HAMMOND-SPK Datasheet
52Kb / 1P
   Ensemble de panneau pivotant
1487V HAMMOND-1487V Datasheet
51Kb / 1P
   Raccord pivotant
1487VSS HAMMOND-1487VSS Datasheet
49Kb / 1P
   Raccord pivotant
S2CSWF HAMMOND-S2CSWF Datasheet
66Kb / 1P
   Cadre pivotant
1485V HAMMOND-1485V Datasheet
54Kb / 1P
   Raccord pivotant
S2CCP HAMMOND-S2CCP Datasheet
70Kb / 1P
   Panneau pour miniconsole
ESF HAMMOND-ESF Datasheet
50Kb / 1P
   Bati pivotant Eclipse
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com