Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP-CF256MH4NR-NDNRQ Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AP-CF256MH4NR-NDNRQ
Description  ATA CF
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF256MH4NR-NDNRQ Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AP-CF256MH4NR-NDNRQ Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-CF256MH4NR-NDNRQ Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-CF256MH4NR-NDNRQ Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-CF256MH4NR-NDNRQ Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF256MH4NR-NDNRQ Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF256MH4NR-NDNRQ Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF256MH4NR-NDNRQ Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF256MH4NR-NDNRQ Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF256MH4NR-NDNRQ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ATA CF
AP-CFxxxxH4NR-XXXXXXQ
4
© 2013 Apacer Technology Inc.
Rev. 1.6
3. Pin Assignments
Table 3-1 lists the pin assignments with respective signal names for the 50-pin configuration. A “#” suffix
indicates the active low signal. The pin type can be input, output or input/output.
Table 3-1: Pin assignments
True IDE mode
True IDE mode
Pin No.
Signal name
Pin I/O type
Pin No.
Signal name
Pin I/O type
1
GND
-
26
#CD1
O
2
D3
I/O
27
D11
I/O
3
D4
I/O
28
D12
I/O
4
D5
I/O
29
D13
I/O
5
D6
I/O
30
D14
I/O
6
D7
I/O
31
D15
I/O
7
#CE1
I
32
#CE2
I
8
GND
-
33
#VS1
O
9
GND
-
34
#IORD
I
10
GND
-
35
#IOWR
I
11
GND
-
36
VCC
-
12
GND
-
37
INTRQ
O
13
VCC
-
38
VCC
-
14
GND
-
39
#CSEL
I
15
GND
-
40
#WP_PD*
I
16
GND
-
41
RESET
I
17
GND
-
42
IORDY
O
18
A2
I
43
DMARQ**
O
19
A1
I
44
DMACK**
I
20
A0
I
45
#DASP
I/O
21
D0
I/O
46
#PDIAG
I/O
22
D1
I/O
47
D8
I/O
23
D2
I/O
48
D9
I/O
24
#IOCS16
O
49
D10
I/O
25
#CD2
O
50
GND
-
*Write-Protect enabled when pin 40 assigned to GND.
**Connection required when UDMA is in use.


Similar Part No. - AP-CF256MH4NR-NDNRQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF256MA5FS-ETNR ETC2-AP-CF256MA5FS-ETNR Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF256MA5FS-ETRM ETC2-AP-CF256MA5FS-ETRM Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF256MA5FS-NDNR ETC2-AP-CF256MA5FS-NDNR Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF256MA5FS-NDRM ETC2-AP-CF256MA5FS-NDRM Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF256MA5FS-NR ETC2-AP-CF256MA5FS-NR Datasheet
1Mb / 23P
   Compact Flash 4 Series
More results

Similar Description - AP-CF256MH4NR-NDNRQ

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11011 SONIX-SN11011 Datasheet
225Kb / 18P
   USB to CF/ATA/ATAPI Interface Controller, Mass Storage Class Compliant?
SN11030 SONIX-SN11030 Datasheet
236Kb / 8P
   USB to CF/ATA/SM/Flash Interface Controller, Mass Storage Class Compliant
logo
Amphenol Corporation
101-00178-64 AMPHENOL-101-00178-64 Datasheet
143Kb / 1P
   CF Conn.-32
logo
Adam Technologies, Inc.
CF2A-50-SG-R ADAM-TECH-CF2A-50-SG-R Datasheet
128Kb / 1P
   CF TYPE SOCKET
CFE-50-LXX ADAM-TECH-CFE-50-LXX Datasheet
70Kb / 1P
   CF SOCKET EJECTOR
CFR-50-A-SG-2 ADAM-TECH-CFR-50-A-SG-2 Datasheet
146Kb / 1P
   CF TYPE SOCKET
logo
Transcend Information. ...
TS128MCF100I TRANSCEND-TS128MCF100I Datasheet
3Mb / 80P
   Industrial CF Card
logo
List of Unclassifed Man...
SIL3811 ETC2-SIL3811 Datasheet
302Kb / 1P
   Serial ATA to Parallel ATA Module
logo
Adam Technologies, Inc.
CFR-50-A-SG-E-X ADAM-TECH-CFR-50-A-SG-E-X Datasheet
114Kb / 1P
   CF SOCKET SLIM TYPE
logo
PHOENIX CONTACT
2701669 PHOENIX-2701669 Datasheet
52Kb / 1P
   Memory card - 32GB CF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com