Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SV10 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # SV10
Description  Rectifier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

SV10 Datasheet(HTML) 1 Page - Dynex Semiconductor

  SV10 Datasheet HTML 1Page - Dynex Semiconductor SV10 Datasheet HTML 2Page - Dynex Semiconductor SV10 Datasheet HTML 3Page - Dynex Semiconductor SV10 Datasheet HTML 4Page - Dynex Semiconductor SV10 Datasheet HTML 5Page - Dynex Semiconductor SV10 Datasheet HTML 6Page - Dynex Semiconductor SV10 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SV10
1/7
APPLICATIONS
s Rectification
s Freewheel Diode
s DC Motor Control
s Power Supplies
s Welding
s Battery Chargers
FEATURES
s High Surge Capability
VOLTAGE RATINGS
KEY PARAMETERS
V
RRM
2500V
I
F(AV)
180A
I
FSM
2200A
2500
2000
1600
SV10 25 M or K(R)
SV10 20 M or K(R)
SV10 16 M or K(R)
Conditions
V
RSM
= V
RRM
+ 100V
Lower voltage grades available.
M for M12 thread. K for 1/2" - 20UNF thread, R for reverse
polarity.
Add C to type number for DO8C package.
Type Number
Repetitive Peak
Reverse Voltage
V
RRM
V
CURRENT RATINGS
Symbol
Parameter
Conditions
Single Side Cooled
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Units
Max.
Half wave resistive load, T
case = 100
oC
180
A
T
case = 100
oC
283
A
T
case = 100
oC
233
A
Outline type codes: DO8C and DO8.
See Package Details for further information.
SV10
Rectifier Diode
Replaces March 1998 version, DS4084-2.3
DS4084-3.0 January 2000


Similar Part No. - SV10

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SV10 AVX-SV10 Datasheet
100Kb / 3P
   High Voltage MLC Radials (SV Style)
logo
Pan Jit International I...
SV1040 PANJIT-SV1040 Datasheet
273Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
SV1040 PANJIT-SV1040_16 Datasheet
280Kb / 6P
   SCHOTTKY BARRIER RECTIFIER
SV1040_R2_00001 PANJIT-SV1040_R2_00001 Datasheet
280Kb / 6P
   SCHOTTKY BARRIER RECTIFIER
logo
MAKO SEMICONDUCTOR CO.,...
SV1045 MAKOSEMI-SV1045 Datasheet
499Kb / 4P
   High current capability, low forward voltage
More results

Similar Description - SV10

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com