Electronic Components Datasheet Search |
|
AP-CF001GK7FS-NDNR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
AP-CF001GK7FS-NDNR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 22 page Compact Flash 5 series AP-CFxxxxK7XS-XXXXXX 1. General Description Apacer’s value-added Industrial CompactFlash Card offers high performance, high reliability and power- efficient storage. Regarding standard compliance, this CompactFlash Card complies with CompactFlash specification revision 4.1, supporting transfer modes up to Programmed Input Output (PIO) Mode 6, Multi- word Direct Memory Access (DMA) Mode 4, Ultra DMA Mode 6, and PCMCIA Ultra DMA Mode 6. For power efficiency, this industrial CompactFlash card supports some power smart design mechanisms such as Power-On-Reset, voltage regulator for output voltage adjustments and power failure protection, as well as the automatic sleep and wake-up feature. In terms of security, it comes with a hardware write protect switch. Apacer’s value-added CFC provides complete PCMCIA - ATA functionality and compatibility. Apacer ‘s CompactFlash technology is designed for applications in Point of Sale (POS) terminals, telecom, IP-STB, medical instruments, surveillance systems, industrial PCs and handheld applications such as the new generation of Digital Single Lens Reflex (DSLR) cameras. 1.1 Performance-Optimized Controller The CompactFlash Card Controller translates standard CF signals into flash media data and control signals. 1.1.1 Power Management Unit (PMU) The power management unit (PMU) controls the power consumption of the CompactFlash card controller. It reduces the power consumption of the CompactFlash Card Controller by putting circuitry not in operation into sleep mode. The PMU has zero wake-up latency. 1.1.2 SRAM Buffer The CompactFlash Card Controller performs as an SRAM buffer to optimize the host’s data transfer to and from the flash media. 1.1.3 Embedded Flash File System The embedded Flash File System (FFS) is an integral part of the CompactFlash controller. It contains the MCU firmware to perform the following tasks: 1. Translate host side signals into flash media writes and reads 2. Provide dynamic data flash media wear leveling to spread the flash writes across all unused memory address space to increase the longevity of flash media 3. Keep track of data file structures 1.1.4 Error Correction Code (ECC) The CompactFlash card is programmed with BCH Error Detection Code (EDC) and Error Correction Code (ECC) algorithms capable of correcting up to 24 random bits in 1,024 bytes data. High performance is achieved through hardware-based error detection and correction. 3 © 2011 Apacer Technology Inc. Rev. 1.0 |
Similar Part No. - AP-CF001GK7FS-NDNR |
|
Similar Description - AP-CF001GK7FS-NDNR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |