Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP-CF064GR7FS-NDNR Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AP-CF064GR7FS-NDNR
Description  CompactFlash Series 5 Specifications for Industrial CompactFlash Card
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF064GR7FS-NDNR Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AP-CF064GR7FS-NDNR Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NDNR Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NDNR Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NDNR Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NDNR Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NDNR Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NDNR Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NDNR Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-CF064GR7FS-NDNR Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Compact Flash 5 series
AP-CFxxxxRXXS-XXXXXXA
8
© 2013 Apacer Technology Inc.
Rev. 1.2
4.3 Environmental Specifications
Environmental specification of the Compact Flash Card series (CFC) which follows the MIL-STD-810F
standards is available as shown in Table 4-3.
Table 4-3: Environmental specifications
Environment
Specification
Operation
0°C to 70°C; -40°C to 85°C (Extended Temperature)
Temperature
Storage
-40°C to 100°C
Vibration (Non-Operation)
Sine wave : 10~2000Hz, 15G (X, Y, Z axes)
Shock (Non-Operation)
Half sine wave 1,500G (X, Y, Z ; All 6 axes)
4.4 Certification & Compliance
The CompactFlash card complies with the following global standards:
CE
FCC
Halogen-free
CompactFlash Association Specification Revision 4.1
EMC
4.5 Endurance
The endurance of a storage device is predicted by TeraBytes Written based on several factors related to
usage, such as the amount of data written into the drive, block management conditions, and daily
workload for the drive. Thus, key factors, such as Write Amplifications and the number of P/E cycles, can
influence the lifespan of the drive.
Capacity
TeraBytes Written
128 MB
0.5
256 MB
1.1
512 MB
2.3
1 GB
4.5
2 GB
9.1
4 GB
18.2
8 GB
36.5
16 GB
73.0
32 GB
146.0
64 GB
292.1
Notes:
The measurement assumes the data written to the SSD for test is under a typical and constant rate.
The measurement follows the standard metric: 1 TB (Terabyte) = 1000 GB.


Similar Part No. - AP-CF064GR7FS-NDNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF064GL9FS-NDRM ETC2-AP-CF064GL9FS-NDRM Datasheet
191Kb / 18P
   Specifications for Industrial CompactFlash Card
AP-CF064GL9FS-NR ETC2-AP-CF064GL9FS-NR Datasheet
191Kb / 18P
   Specifications for Industrial CompactFlash Card
AP-CF064GL9FS-RM ETC2-AP-CF064GL9FS-RM Datasheet
191Kb / 18P
   Specifications for Industrial CompactFlash Card
More results

Similar Description - AP-CF064GR7FS-NDNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF004GL9FS-NR ETC2-AP-CF004GL9FS-NR Datasheet
191Kb / 18P
   Specifications for Industrial CompactFlash Card
logo
Transcend Information. ...
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10_V01 Datasheet
510Kb / 1P
   Industrial CompactFlash
3-Jul-2013
SQF-P10 ADVANTECH-SQF-P10 Datasheet
314Kb / 1P
   Advantech Industrial CompactFlash
logo
Hitachi Semiconductor
HB289048C4 HITACHI-HB289048C4 Datasheet
192Kb / 66P
   CompactFlash?
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
ALPS ELECTRIC CO.,LTD.
SCFB ALPS-SCFB Datasheet
395Kb / 5P
   Connector for CompactFlash
logo
Hitachi Semiconductor
HB288256C5 HITACHI-HB288256C5 Datasheet
171Kb / 67P
   CompactFlash?
HB288256C6 HITACHI-HB288256C6 Datasheet
170Kb / 67P
   CompactFlash?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com