Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA329Q Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # TA329Q
Description  Asymmetric Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TA329Q Datasheet(HTML) 3 Page - Dynex Semiconductor

  TA329Q Datasheet HTML 1Page - Dynex Semiconductor TA329Q Datasheet HTML 2Page - Dynex Semiconductor TA329Q Datasheet HTML 3Page - Dynex Semiconductor TA329Q Datasheet HTML 4Page - Dynex Semiconductor TA329Q Datasheet HTML 5Page - Dynex Semiconductor TA329Q Datasheet HTML 6Page - Dynex Semiconductor TA329Q Datasheet HTML 7Page - Dynex Semiconductor TA329Q Datasheet HTML 8Page - Dynex Semiconductor TA329Q Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TA329..Q
3/10
GATE TRIGGER CHARACTERISTICS AND RATINGS
V
DWM = 12V, RL = 3Ω, Tcase = 25
oC
Typ.
Max.
Units
Conditions
Parameter
Symbol
V
GT
Gate trigger voltage
V
DWM = 12V, RL = 3Ω, Tcase = 25
oC
I
GT
Gate trigger current
-4
V
-
250
mA
V
RGM
Peak reverse gate voltage
I
FGM
Peak forward gate current
-
P
GM
Peak gate power
-
-7
V
-10
A
-50
W
-15
W
-
-
P
G(AV)
Average gate power


Similar Part No. - TA329Q

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA32 TIMOTION-TA32 Datasheet
544Kb / 6P
   Voltage of motor 24V DC, 24V DC (PTC)
20170718-B
logo
Transko Electronics, In...
TA320AP TRANSKO-TA320AP Datasheet
272Kb / 3P
   Wireless, RF SAW Filter
Revision 0: August 2011
TA320AP1 TRANSKO-TA320AP1 Datasheet
273Kb / 3P
   Wireless, RF SAW Filter
Revision 0: October 2007
logo
Beijing Yaohuadechang E...
TA3212W YHDC-TA3212W Datasheet
1Mb / 1P
   Through core type precision current transformer
logo
Toshiba Semiconductor
TA32305 TOSHIBA-TA32305 Datasheet
605Kb / 26P
   RF 1chip Receiver and Transmitter for low power wireless
More results

Similar Description - TA329Q

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
TA449W DYNEX-TA449W Datasheet
146Kb / 12P
   Asymmetric Thyristor
ACR44U DYNEX-ACR44U Datasheet
67Kb / 7P
   Fast Turn-off Asymmetric Thyristor
logo
ABB
5SHY42L6500 ABB-5SHY42L6500 Datasheet
766Kb / 9P
   Asymmetric Integrated Gate- Commutated Thyristor
5SHY35L4512 ABB-5SHY35L4512 Datasheet
431Kb / 9P
   Asymmetric Integrated Gate- Commutated Thyristor
5SHY42L6530 ABB-5SHY42L6530 Datasheet
767Kb / 9P
   Asymmetric Integrated Gate- Commutated Thyristor
5SHY35L4511 ABB-5SHY35L4511 Datasheet
433Kb / 9P
   Asymmetric Integrated Gate- Commutated Thyristor
5SGA06D4502 ABB-5SGA06D4502 Datasheet
391Kb / 5P
   Asymmetric Gate turn-off Thyristor
5SGA40L4501 ABB-5SGA40L4501 Datasheet
245Kb / 9P
   Asymmetric Gate turn-off Thyristor
logo
Dynex Semiconductor
ACR300SG33 DYNEX-ACR300SG33 Datasheet
115Kb / 6P
   Fast Turn-on Asymmetric Thyristor
logo
ABB
5SGA15F2502 ABB-5SGA15F2502 Datasheet
314Kb / 9P
   Asymmetric Gate turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com