Electronic Components Datasheet Search |
|
MD_MDC_MDS-169 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
MD_MDC_MDS-169 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 4 page • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.4155721 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 2 Termination Insensitive Mixer, 1 MHz - 3.5 GHz Rev. V5 MD- / MDC- / MDS-169 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Electrical Specifications 1: T A = -55°C to +85°C Parameter Test Conditions Frequency Units Min Typ Max Frequency Range RF, LO Ports IF Port 0.001 - 3.5 5 - 1500 GHz MHz — — — — — — Conversion Loss 5 - 1000 MHz 2 5 - 3000 MHz 3 1 - 3500 MHz dB dB dB — — — — — — 7 8 10 Isolation LO to RF 5 - 1000 MHz 1 - 3500 MHz dB dB 30 20 — — — — LO to IF 5 - 1000 MHz 1 - 3500 MHz dB dB 30 20 — — — — RF to IF 10 - 500 MHz 1 - 3000 MHz 1 - 3500 MHz dB dB dB 30 20 18 — — — — — — RF Input 1 dB Compression 1 dB Desensitization — — dBm dBm — — +7 +5 — — SSB Noise Figure Within 1 dB of Conversion Loss Max — — — — — Typical Two-Tone IM Ratio Pin = –10 dBm per tone IF = 60 MHz 10 MHz 500 MHz 3000 MHz dB dB dB — — — 55 58 56 — — — 3rd Order Intermodulation Ratio Degradation @ IF VSWR 3:1 — dB — 3 — 1. All specifications apply when operated at +10 dBm available LO power with 50 Ohm source and load impedance. 2. For IF Frequencies of 5 - 300 MHz and RF of –10 dBm or less. 3. For MDC-169, add 1.0 dB to conversion loss. Parameter Test Conditions Frequency Units Min Typ Max Conversion Loss LO @ +10 dBm IF @ 60 MHz 5 - 1000 MHz 1000 - 3000 MHz 1 - 3500 MHz dB dB dB — — — 6.5 7.5 8.0 7.0 9.0 10.0 Isolation LO to RF 5 - 1000 MHz 1 - 3500 MHz dB dB 30 20 35 25 — — LO to IF 5 - 1000 MHz 1 - 3500 MHz dB dB 30 20 35 25 — — RF to IF 10 - 500 MHz 1 - 3000 MHz 1 - 3500 MHz dB dB dB 30 20 18 35 25 23 — — — Electrical Specifications (MDS-169): TA = -55°C to +85°C Frequency: RF, LO Ports = 1 - 3500 MHz, IF Port = 5-1500 MHz |
Similar Part No. - MD_MDC_MDS-169 |
|
Similar Description - MD_MDC_MDS-169 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |