Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP-CF001GE3ER-NRK Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AP-CF001GE3ER-NRK
Description  Value Added Compact Flash Series ?
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF001GE3ER-NRK Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AP-CF001GE3ER-NRK Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF001GE3ER-NRK Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF001GE3ER-NRK Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF001GE3ER-NRK Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF001GE3ER-NRK Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF001GE3ER-NRK Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF001GE3ER-NRK Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF001GE3ER-NRK Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF001GE3ER-NRK Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Value Added
Compact Flash Ⅲ
Ⅲ series
AP-CFxxxxE3XR-XXXXXXK
7
© 2011 Apacer Technology Inc.
Rev. 1.0
4. Capacity Specification
Capacity specification of the Compact Flash Card series (CFC) is available as shown in Table 4-1. It lists
the specific capacity and the default numbers of heads, sectors and cylinders for each product line.
Table 4-1: Capacity specifications
Capacity
Total bytes*
Cylinders
Heads
Sectors
Max LBA
128 MB
128,450,560
980
8
32
250,880
256 MB
256,901,120
980
16
32
501,760
512 MB
512,483,328
993
16
63
1,000,944
1GB
1,024,966,656
1,986
16
63
2,001,888
2GB
2,048,901,120
3,970
16
63
4,001,760
4GB
4,110,188,544
7,964
16
63
8,027,712
8GB
8,195,604,480
15,880
16
63
16,007,040
16GB
16,391,208,960
16,383**
16
63
32,014,080
*Display of total bytes varies from file systems.
**Cylinders, heads or sectors are not applicable for these capacities. Only LBA addressing applies
4.1 Performance Specification
Performances of the Standard and High Speed ATA-Flash Disk are listed in Table 4-2 and Table 4-3.
Table 4-2: Standard Performance specifications
Capacity
Performance
128 MB / 256 MB
512 MB / 1 GB
2 GB
16 GB
Sustained read (MB/s)
15
20
20
Sustained write (MB/s)
5
5
5
Table 4-3: High Speed Performance specifications
Capacity
Performance
256 MB
512 MB
1 GB
2 GB
4 GB
8 GB
Sustained read (MB/s)
25
25
25
25
30
30
Sustained write (MB/s)
5
5
5
5
10
15
Note: Performance varies from flash configurations.


Similar Part No. - AP-CF001GE3ER-NRK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF001GE3ER-NRK ETC2-AP-CF001GE3ER-NRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
More results

Similar Description - AP-CF001GE3ER-NRK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF128ME3ER-NRK ETC2-AP-CF128ME3ER-NRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF128ME3ER-NRJ ETC2-AP-CF128ME3ER-NRJ Datasheet
185Kb / 21P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-FD18A20B0001GR-KS ETC2-AP-FD18A20B0001GR-KS Datasheet
181Kb / 18P
   Value Added ATA Flash Drive ?
AP-FD25A20A00256R-KS ETC2-AP-FD25A20A00256R-KS Datasheet
182Kb / 19P
   Value Added ATA Flash Drive ?
AP-CF128MK7ES-NR ETC2-AP-CF128MK7ES-NR Datasheet
199Kb / 22P
   Value Added CompactFlash Series5
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
   Value Added ATA Disk Module ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com