Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP-CF256MA5FS-NDNR Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AP-CF256MA5FS-NDNR
Description  Compact Flash 4 Series
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF256MA5FS-NDNR Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AP-CF256MA5FS-NDNR Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF256MA5FS-NDNR Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF256MA5FS-NDNR Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF256MA5FS-NDNR Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF256MA5FS-NDNR Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF256MA5FS-NDNR Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF256MA5FS-NDNR Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF256MA5FS-NDNR Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-CF256MA5FS-NDNR Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Compact Flash 4 series
AP-CFxxxxA5XS-XXXXXX
8
© 2009 Apacer Technology Inc.
Rev. 1.1
5. Flash Management
5.1 Advanced Wear Leveling
The goal of advanced wear leveling algorithms is to evenly spread the program and erase cycles on the
area of programmed and erased multiple times and the area of programmed one and read multiple times
among the available blocks in the flash array.
5.2 Read Recovery Technology
Read Recovery Technology enables reliable storage. When it is detected correctable error during read
command operation, all data of related block is corrected and is moved to other block. Since it continues
to read data after recovery operation, read data is the same as no error data for host system. However,
since data transfer is stopped temporarily, the output time of BSY signal becomes long. In order to
perform Read Command Recovery, it is necessary to set up the threshold for the number of detected
error bit. Read Command Recovery is performed by following commands.
READ DMA
READ MULTIPLE
READ SECTOR(S)
READ VERIFY SECTOR(S)
5.3 Power Failure Recovery
The controller enables to reduce data loss in case of sudden power fail. Once power was failure before
cached data writing back into flash, data in the cache will lost. The next time the power is on, the
controller will check these fragmented data segment, and, if necessary, replace them with old data kept in
flash until programmed successfully.
5.4 S.M.A.R.T. Technology
S.M.A.R.T. is an acronym for Self-Monitoring, Analysis and Reporting Technology and enables to expect
the endurance of flash memory. The S.M.A.R.T. function protects the user from unexpected fault of
product. The S.M.A.R.T function enables to predict the occurrence of near-term degradation or fault
conditions by monitoring and storing critical parameters of flash memory (ex. Number of bad block,
maximum number of erase, etc). The host system is warned of a negative reliability condition which is the
impending risk of data loss by the S.M.A.R.T. function. Then the user can take appropriate action to
minimize the risk.


Similar Part No. - AP-CF256MA5FS-NDNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF256ME3ER-ETNDNRK ETC2-AP-CF256ME3ER-ETNDNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
AP-CF256ME3ER-ETNRK ETC2-AP-CF256ME3ER-ETNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
AP-CF256ME3ER-NDNRJ ETC2-AP-CF256ME3ER-NDNRJ Datasheet
185Kb / 21P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF256ME3ER-NDNRK ETC2-AP-CF256ME3ER-NDNRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF256ME3ER-NDNRK ETC2-AP-CF256ME3ER-NDNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
More results

Similar Description - AP-CF256MA5FS-NDNR

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLCF-II ADL-ADLCF-II Datasheet
224Kb / 2P
   Compact Flash
logo
List of Unclassifed Man...
AP-CF256ME3FR-NRK ETC2-AP-CF256ME3FR-NRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
logo
Adam Technologies, Inc.
CF2B-50-SG ADAM-TECH-CF2B-50-SG Datasheet
109Kb / 1P
   COMPACT FLASH MALE
CFS-68-A-SG-SM ADAM-TECH-CFS-68-A-SG-SM Datasheet
94Kb / 1P
   COMPACT FLASH SOCKET
CF2-50-SG-EJ ADAM-TECH-CF2-50-SG-EJ Datasheet
107Kb / 1P
   COMPACT FLASH HEADER
CFE-2B-50 ADAM-TECH-CFE-2B-50 Datasheet
81Kb / 1P
   COMPACT FLASH MALE
CFS-50-FRAME ADAM-TECH-CFS-50-FRAME Datasheet
62Kb / 1P
   COMPACT FLASH SOCKET
CF1-50-A-SG ADAM-TECH-CF1-50-A-SG Datasheet
134Kb / 1P
   COMPACT FLASH HEADER
CF1-50-A-SG-15 ADAM-TECH-CF1-50-A-SG-15 Datasheet
130Kb / 1P
   COMPACT FLASH HEADER
CFS-50-A-SG-SMT-X ADAM-TECH-CFS-50-A-SG-SMT-X Datasheet
133Kb / 1P
   COMPACT FLASH SOCKET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com