Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP-CF008GA5GS-ETRM Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AP-CF008GA5GS-ETRM
Description  Compact Flash 4 Series
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF008GA5GS-ETRM Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AP-CF008GA5GS-ETRM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF008GA5GS-ETRM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF008GA5GS-ETRM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF008GA5GS-ETRM Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF008GA5GS-ETRM Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF008GA5GS-ETRM Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF008GA5GS-ETRM Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-CF008GA5GS-ETRM Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-CF008GA5GS-ETRM Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Compact Flash 4 series
AP-CFxxxxA5XS-XXXXXX
9
© 2009 Apacer Technology Inc.
Rev. 1.1
6. Software Interface
6.1 CF-ATA Command Set
Table 6-1 summarizes the CF-ATA command set with the paragraphs that follow describing the individual
commands and the task file for each.
Table 6-1: CFC-ATA command set (1/2)
Command
Code
Command Protocol
CFA Erase-Sector(s)
C0H
Non-data
CFA Request Extended Error Code
03H
Non-data
CFA Translate-Sector
87H
PIO data-in
CFA Write-Multiple-Without-Erase
CDH
PIO data-out
CFA Write-Sector(s)-Without-Erase
38H
PIO data-out
Check-Power-Mode
E5H or 98H
Non-data
Download Microcode
92H
PIO data-out
Execute-Drive-Diagnostic
90H
Device Diagnostic
Flush-Cache
E7H
Non-data
Format-Track
50H
PIO data-out
Identify-Drive
ECH
PIO data-in
Idle
E3H or 97H
Non-data
Idle-Immediate
E1H or 95H
Non-data
Initialize-Drive-Parameters
91H
Non-data
NOP
00H
Non-data
Read-Buffer
E4H
PIO data-in
Read DMA
C8H or C9H
DMA
Read Long
22h or 23h
PIO data-in
Read-Multiple
C4H
PIO data-in
Read-Sector(s)
20H or 21H
PIO data-in
Read-Verify-Sector(s)
40H or 41H
Non-data
Recalibrate
1XH
Non-data
Security Disable Password
F6H
PIO data-out
Security Erase Prepare
F3H
Non-data
Security Erase Unit
F4H
PIO data-out
Security Freeze Lock
F5H
Non-data
Security Set Password
F1H
PIO data-out
Security Unlock
F2H
PIO data-out


Similar Part No. - AP-CF008GA5GS-ETRM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF008GE3FR-ETNDNRK ETC2-AP-CF008GE3FR-ETNDNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
AP-CF008GE3FR-ETNRK ETC2-AP-CF008GE3FR-ETNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
AP-CF008GE3FR-NDNRJ ETC2-AP-CF008GE3FR-NDNRJ Datasheet
185Kb / 21P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF008GE3FR-NDNRK ETC2-AP-CF008GE3FR-NDNRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF008GE3FR-NDNRK ETC2-AP-CF008GE3FR-NDNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
More results

Similar Description - AP-CF008GA5GS-ETRM

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLCF-II ADL-ADLCF-II Datasheet
224Kb / 2P
   Compact Flash
logo
List of Unclassifed Man...
AP-CF256ME3FR-NRK ETC2-AP-CF256ME3FR-NRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
logo
Adam Technologies, Inc.
CF2B-50-SG ADAM-TECH-CF2B-50-SG Datasheet
109Kb / 1P
   COMPACT FLASH MALE
CFS-68-A-SG-SM ADAM-TECH-CFS-68-A-SG-SM Datasheet
94Kb / 1P
   COMPACT FLASH SOCKET
CF2-50-SG-EJ ADAM-TECH-CF2-50-SG-EJ Datasheet
107Kb / 1P
   COMPACT FLASH HEADER
CFE-2B-50 ADAM-TECH-CFE-2B-50 Datasheet
81Kb / 1P
   COMPACT FLASH MALE
CFS-50-FRAME ADAM-TECH-CFS-50-FRAME Datasheet
62Kb / 1P
   COMPACT FLASH SOCKET
CF1-50-A-SG ADAM-TECH-CF1-50-A-SG Datasheet
134Kb / 1P
   COMPACT FLASH HEADER
CF1-50-A-SG-15 ADAM-TECH-CF1-50-A-SG-15 Datasheet
130Kb / 1P
   COMPACT FLASH HEADER
CFS-50-A-SG-SMT-X ADAM-TECH-CFS-50-A-SG-SMT-X Datasheet
133Kb / 1P
   COMPACT FLASH SOCKET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com