Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP-CF001GA5GS-ETNR Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AP-CF001GA5GS-ETNR
Description  Compact Flash 4 Series
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF001GA5GS-ETNR Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AP-CF001GA5GS-ETNR Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF001GA5GS-ETNR Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF001GA5GS-ETNR Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF001GA5GS-ETNR Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF001GA5GS-ETNR Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF001GA5GS-ETNR Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF001GA5GS-ETNR Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF001GA5GS-ETNR Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF001GA5GS-ETNR Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Compact Flash 4 series
AP-CFxxxxA5XS-XXXXXX
7
© 2009 Apacer Technology Inc.
Rev. 1.1
4. Capacity Specification
Capacity specification of Compact Flash 4 series is available as shown in Table 4-1. It lists the specific
capacity and the default numbers of heads, sectors and cylinders for each product line.
Table 4-1: Capacity specifications
Capacity
Total bytes
1,2
Cylinders
Heads
Sectors
Max LBA
256 MB
256,901,120
980
16
32
501,760
512 MB
512,483,328
993
16
63
1,000,944
1GB
1,024,966,656
1,986
16
63
2,001,888
2GB
2,048,901,120
3,970
16
63
4,001,760
4GB
4,110,188,544
7,964
16
63
8,027,712
8GB
8,195,604,480
15,880
16
63
16,007,040
16GB
16,391,208,960
16,383
3
16
63
32,014,080
1. Total bytes includes reserved block.
2. Display of total bytes varies from operating systems.
3. Cylinders, heads or sectors are not applicable for these capacities. Only LBA addressing applies
4.1 Performance Specification
Performances of Compact Flash 4 are listed below.
Table 4-2: Performance specifications
Capacity
Performance
256 MB
512 MB
1 GB/ 2 GB
4 GB/ 8 GB
16 GB
Sustained read (MB/s)
32
43
46
50
Sustained write (MB/s)
10
15~17
17
21
4.2 Environmental Specifications
Environmental specification of Compact Flash 4 series follows the MIL-STD-810F standards as shown in
Table 4-3.
Table 4-3: Environmental specifications
Environment
Specification
Operation
0°C to 70°C; -40°C to 85°C (Extended Temperature)
Temperature
Storage
-40°C to 100°C
Humidity
5% to 95% RH (Non-condensing)
Vibration (Non-Operation)
Sine wave: 10~2000Hz, 15G (X, Y, Z axes)
Shock (Non-Operation)
Half sine wave, Peak acceleration 50 G, 11 ms (X, Y, Z ; All 6 axes)


Similar Part No. - AP-CF001GA5GS-ETNR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF001GE3ER-ETNDNRK ETC2-AP-CF001GE3ER-ETNDNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
AP-CF001GE3ER-ETNRK ETC2-AP-CF001GE3ER-ETNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
AP-CF001GE3ER-NDNRJ ETC2-AP-CF001GE3ER-NDNRJ Datasheet
185Kb / 21P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF001GE3ER-NDNRK ETC2-AP-CF001GE3ER-NDNRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF001GE3ER-NDNRK ETC2-AP-CF001GE3ER-NDNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
More results

Similar Description - AP-CF001GA5GS-ETNR

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLCF-II ADL-ADLCF-II Datasheet
224Kb / 2P
   Compact Flash
logo
List of Unclassifed Man...
AP-CF256ME3FR-NRK ETC2-AP-CF256ME3FR-NRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
logo
Adam Technologies, Inc.
CF2B-50-SG ADAM-TECH-CF2B-50-SG Datasheet
109Kb / 1P
   COMPACT FLASH MALE
CFS-68-A-SG-SM ADAM-TECH-CFS-68-A-SG-SM Datasheet
94Kb / 1P
   COMPACT FLASH SOCKET
CF2-50-SG-EJ ADAM-TECH-CF2-50-SG-EJ Datasheet
107Kb / 1P
   COMPACT FLASH HEADER
CFE-2B-50 ADAM-TECH-CFE-2B-50 Datasheet
81Kb / 1P
   COMPACT FLASH MALE
CFS-50-FRAME ADAM-TECH-CFS-50-FRAME Datasheet
62Kb / 1P
   COMPACT FLASH SOCKET
CF1-50-A-SG ADAM-TECH-CF1-50-A-SG Datasheet
134Kb / 1P
   COMPACT FLASH HEADER
CF1-50-A-SG-15 ADAM-TECH-CF1-50-A-SG-15 Datasheet
130Kb / 1P
   COMPACT FLASH HEADER
CFS-50-A-SG-SMT-X ADAM-TECH-CFS-50-A-SG-SMT-X Datasheet
133Kb / 1P
   COMPACT FLASH SOCKET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com