Electronic Components Datasheet Search |
|
KBU8B Datasheet(PDF) 2 Page - Vishay Siliconix |
|
KBU8B Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 4 page KBU8A, KBU8B, KBU8D, KBU8G, KBU8J, KBU8K, KBU8M www.vishay.com Vishay General Semiconductor Revision: 14-May-14 2 Document Number: 88658 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes (1) Units mounted in free air, no heatsink, PCB at 0.375" (9.5 mm) lead length with 0.5" x 0.5" (12 mm x 12 mm) copper pads (2) Units mounted on a 3.0" x 3.0" x 0.11" thick (7.5 cm x 7.5 cm x 0.3 cm) aluminum plate heatsink RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted) Fig. 1 - Derating Curve Output Rectified Current Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode Fig. 4 - Typical Reverse Leakage Characteristics Per Diode THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL KBU8A KBU8B KBU8D KBU8G KBU8J KBU8K KBU8M UNIT Typical thermal resistance RJA (1) 18 °C/W RJC (2) 3.0 ORDERING INFORMATION (Example) PREFERRED P/N UNIT WEIGHT (g) PREFERRED PACKAGE CODE BASE QUANTITY DELIVERY MODE KBU8J-E4/51 8.0 51 250 Anti-static PVC tray 0 50 100 150 0 2 4 6 8 Heatsink Mounting, T C, 3.0 x 3.0 x 12" Thk. Al. Plate (7.5 x 0.3 cm) PCB Mounting, T A 0.375" (9.5 mm) Lead Length 0.5 x 0.5" (12 x 12 mm) Copper Pads 60 Hz Resistive or Inductive Load Temperature (°C) 1 10 100 0 50 100 150 200 250 300 T J = 150 °C Single Sine-Wave Number of Cycles at 60 Hz 1.0 Cycle 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 0.1 1 10 100 T J = 25 °C Pulse Width = 300 µs 1 % Duty Cycle Instantaneous Forward Voltage (V) 0 20 40 60 80 100 0.01 0.1 1 10 100 T J = 100 °C T J = 25 °C Percent of Rated Peak Reverse Voltage (%) |
Similar Part No. - KBU8B |
|
Similar Description - KBU8B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |