Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SV1508FK Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # SV1508FK
Description  Fast Recovery Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

SV1508FK Datasheet(HTML) 6 Page - Dynex Semiconductor

  SV1508FK Datasheet HTML 1Page - Dynex Semiconductor SV1508FK Datasheet HTML 2Page - Dynex Semiconductor SV1508FK Datasheet HTML 3Page - Dynex Semiconductor SV1508FK Datasheet HTML 4Page - Dynex Semiconductor SV1508FK Datasheet HTML 5Page - Dynex Semiconductor SV1508FK Datasheet HTML 6Page - Dynex Semiconductor SV1508FK Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SV15..F
6/7
PACKAGE DETAILS
For further package information, please contact your local Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
Thread M12
1/2" 20 UNF
8 min
Ø27 max
8 min
3.17 max
Ø8.4
± 0.3
20 max
Nominal weight: 120g
Mounting torque: 15Nm
±10%
Package outine type code: DO8
Nominal weight: 120g
Mounting torque: 15Nm
±10%
Package outine type code: DO8C
Thread M12
1/2" 20 UNF
Ø27 max
8 min
3.17 max
Ø5.2
± 0.2
12
± 0.5
ASSOCIATED PUBLICATIONS
Title
Application Note
Number
Calculating the junction temperature or power semiconductors
AN4506
Thyristor and diode measurement with a multi-meter
AN4853
Use of V
TO
, r
T
on-state characteristic
AN5001


Similar Part No. - SV1508FK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SV150 ETC1-SV150 Datasheet
225Kb / 2P
   SLUG-A-VOLT
SV150F ETC1-SV150F Datasheet
225Kb / 2P
   SLUG-A-VOLT
logo
Stackpole Electronics, ...
SV150K05 SEI-SV150K05 Datasheet
230Kb / 5P
   Special Medium Voltage Leaded Varistor
08/28/2019
SV150K07 SEI-SV150K07 Datasheet
230Kb / 5P
   Special Medium Voltage Leaded Varistor
08/28/2019
logo
Bourns Electronic Solut...
SV150K10 BOURNS-SV150K10 Datasheet
1Mb / 19P
   Special Medium Voltage Varistors
More results

Similar Description - SV1508FK

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com