Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP-FM002GED0S3S-KS1M Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AP-FM002GED0S3S-KS1M
Description  Value Added ATA Disk Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-FM002GED0S3S-KS1M Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AP-FM002GED0S3S-KS1M Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-FM002GED0S3S-KS1M Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-FM002GED0S3S-KS1M Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-FM002GED0S3S-KS1M Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-FM002GED0S3S-KS1M Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-FM002GED0S3S-KS1M Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-FM002GED0S3S-KS1M Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-FM002GED0S3S-KS1M Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-FM002GED0S3S-KS1M Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Value Added ATA-Disk Module Ⅲ
AP-FMxxxxEDXXXS-XXXXXX
8
© 2011 Apacer Technology Inc.
Rev. 1.6
5. Flash Management
5.1 Intelligent Endurance Design
5.1.1 Advanced wear-leveling algorithms
The NAND flash devices are limited by a certain number of write cycles. When using a file system,
frequent file table updates is mandatory. If some area on the flash wears out faster than others, it would
significantly reduce the lifetime of the whole device, even if the erase counts of others are far from the
write cycle limit. Thus, if the write cycles can be distributed evenly across the media, the lifetime of the
media can be prolonged significantly. The scheme is achieved both via buffer management and Apacer-
specific advanced wear leveling to ensure that the lifetime of the flash media can be increased, and the
disk access performance is optimized as well.
5.1.2 S.M.A.R.T. technology
S.M.A.R.T. is an acronym for Self-Monitoring, Analysis and Reporting Technology, an open standard
allowing disk drives to automatically monitor their own health and report potential problems. It protects the
user from unscheduled downtime by monitoring and storing critical drive performance and calibration
parameters. Ideally, this should allow taking proactive actions to prevent impending drive failure. Apacer
SMART feature adopts the standard SMART command B0h to read data from the drive. When the Apacer
SMART Utility running on the host, it analyzes and reports the disk status to the host before the device is
in critical condition.
5.1.3 Built-in hardware ECC
The ATA-Disk Module uses BCH Error Detection Code (EDC) and Error Correction Code (ECC)
algorithms which correct up to eight random single-bit errors for each 512-byte block of data. High
performance is fulfilled through hardware-based error detection and correction.
5.1.4 Enhanced data integrity
The properties of NAND flash memory make it ideal for applications that require high integrity while
operating in challenging environments. The integrity of data to NAND flash memory is generally
maintained through ECC algorithms and bad block management. Flash controllers can support up to 8
bits ECC capability for accuracy of data transactions, and bad block management is a preventive
mechanism from loss of data by retiring unusable media blocks and relocating the data to the other blocks,
along with the integration of advanced wear leveling algorithms, so that the lifespan of device can be
expanded.


Similar Part No. - AP-FM002GED0S3S-KS1M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM002GED0S3S-KS1M ETC2-AP-FM002GED0S3S-KS1M Datasheet
283Kb / 22P
   Value Added ATA Disk Module
More results

Similar Description - AP-FM002GED0S3S-KS1M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
   Value Added ATA Disk Module ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS_14 Datasheet
186Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128E30S3R-KS ETC2-AP-FM0128E30S3R-KS Datasheet
166Kb / 19P
   Value Added ATA Disk Module
AP-FM0128EA4S5S-KS ETC2-AP-FM0128EA4S5S-KS Datasheet
193Kb / 19P
   Value Added ATA Disk Module
AP-FM0128E40S3R-KS ETC2-AP-FM0128E40S3R-KS Datasheet
196Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E15S5S-KS ETC2-AP-FM0128E15S5S-KS Datasheet
182Kb / 19P
   Halogen Free Value Added ATA Disk Module ?
AP-FD18A20B0001GR-KS ETC2-AP-FD18A20B0001GR-KS Datasheet
181Kb / 18P
   Value Added ATA Flash Drive ?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com