Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP-SDM016G1PADS-E Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AP-SDM016G1PADS-E
Description  Halogen Free SATA-Disk Module?
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SDM016G1PADS-E Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AP-SDM016G1PADS-E Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-SDM016G1PADS-E Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-SDM016G1PADS-E Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-SDM016G1PADS-E Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-SDM016G1PADS-E Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-SDM016G1PADS-E Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-SDM016G1PADS-E Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-SDM016G1PADS-E Datasheet HTML 14Page - List of Unclassifed Manufacturers AP-SDM016G1PADS-E Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SATA-Disk Module
AP-SDMxxxx1PAXS-E
10
© 2010 Apacer Technology Inc.
Rev. 1.1
4. Environmental Specifications
4.1
Environments
The SDM environmental specifications follow the US Military Standard MIL-STD-810F, as shown in Table 4-1.
Table 4-1 SDM environmental specifications (plan)
Environment
Specification
Operation
0°C to 70°C
Temperature
Storage
-40°C to 100°C
Humidity
5% to 95% RH (Non-condensing)
Sine wave: 5~55~5 Hz (X, Y, Z)
Random: 10-2000 Hz, 16.3 G (X, Y, Z)
Vibration
Shock
Acceleration: 1,500 G, 0.5 ms
Peak acceleration: 50 G, 11 ms


Similar Part No. - AP-SDM016G1PADS-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-SDM016G1PADS-EM ETC2-AP-SDM016G1PADS-EM Datasheet
1Mb / 18P
   SATA-Disk Module?
More results

Similar Description - AP-SDM016G1PADS-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM0128E15S5S-KS ETC2-AP-FM0128E15S5S-KS Datasheet
182Kb / 19P
   Halogen Free Value Added ATA Disk Module ?
AP-SDM512MAPANS-B ETC2-AP-SDM512MAPANS-B Datasheet
355Kb / 44P
   SATA-Disk Module?
AP-SDM512MDPANS-HT ETC2-AP-SDM512MDPANS-HT Datasheet
204Kb / 20P
   SATA-Disk Module?
AP-SDM512MAPANS-HT ETC2-AP-SDM512MAPANS-HT Datasheet
262Kb / 21P
   SATA-Disk Module?
AP-SDM001G1PANS-HT ETC2-AP-SDM001G1PANS-HT Datasheet
270Kb / 35P
   SATA-Disk Module?
AP-SDM004G1PANS-EM ETC2-AP-SDM004G1PANS-EM Datasheet
1Mb / 18P
   SATA-Disk Module?
AP-SDM004GMPANS-HTC ETC2-AP-SDM004GMPANS-HTC Datasheet
155Kb / 18P
   SATA Disk Module
logo
Apacer Technology Inc.
SDM5A-22P180D APACER-SDM5A-22P180D Datasheet
1Mb / 4P
   SATA DOM (SATA disk of module)
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
logo
Apacer Technology Inc.
SDM5A-7P180D-SLIM2 APACER-SDM5A-7P180D-SLIM2 Datasheet
1Mb / 4P
   SATA Disk Module 5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com