Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APSDM008GA5AN-AC Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # APSDM008GA5AN-AC
Description  SATA-Disk Module 4
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM008GA5AN-AC Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button APSDM008GA5AN-AC Datasheet HTML 4Page - List of Unclassifed Manufacturers APSDM008GA5AN-AC Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM008GA5AN-AC Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM008GA5AN-AC Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM008GA5AN-AC Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM008GA5AN-AC Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM008GA5AN-AC Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM008GA5AN-AC Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM008GA5AN-AC Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-AXXX
7
© 2012 Apacer Technology Inc.
Rev. 1.2
4. Capacity Specification
Capacity specification of SDM4 product family is available as shown in Table 4-1. It lists the specific
capacity and the default numbers of heads, sectors and cylinders for each product line.
Table 4-1: Capacity specifications
Capacity
Total bytes*
Cylinders
Heads
Sectors
Max LBA
1 GB
1,011,032,064
1,959
16
63
1,974,672
2 GB
2,011,226,112
3,897
16
63
3,928,176
4 GB
4,011,614,208
7,773
16
63
7,835,184
8 GB
8,012,390,400
15,525
16
63
15,649,200
16 GB
16,013,942,784
16,383
16
63
31,277,232
*Display of total bytes varies from file systems. which means not all of the bytes can be used for storage.
**Cylinders, heads or sectors are not applicable for these capacities. Only LBA addressing applies.
4.1 Performance Specification
4.1.1 ATA Mode Support
SDM4 supports the following ATA operating modes:
Supports up to PIO Mode-4
Supports up to Multi-word DMA Mode-2
Supports up to Ultra DMA Mode-5
4.1.2 Performance
Performances of SDM4 are listed below in table 4-2.
Table 4-2: Performance (Typical)
Capacity
Performance
1 GB
2 GB
4 GB
8 GB
16 GB
Sustained read (MB/s)
38
43
43
43
43
Sustained write (MB/s)
12
24
24
41
42
Note: Results may differ from various flash configurations.


Similar Part No. - APSDM008GA5AN-AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM008GA5AN-ACM ETC2-APSDM008GA5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM008GA5AN-ACMC ETC2-APSDM008GA5AN-ACMC Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM008GA5AN-ACMW ETC2-APSDM008GA5AN-ACMW Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM008GA5AN-ACMWC ETC2-APSDM008GA5AN-ACMWC Datasheet
3Mb / 23P
   SATA-Disk Module 4
More results

Similar Description - APSDM008GA5AN-AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
APSDM001GD5AN-AT ETC2-APSDM001GD5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM004GD5AN-ACM ETC2-APSDM004GD5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002G55AN-PT ETC2-APSDM002G55AN-PT Datasheet
344Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-PT ETC2-APSDM002G15AN-PT Datasheet
376Kb / 20P
   SATA-Disk Module 4
APSDM002GG5AN-PTW ETC2-APSDM002GG5AN-PTW Datasheet
318Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-AT ETC2-APSDM002G15AN-AT Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM002G45AN-PT ETC2-APSDM002G45AN-PT Datasheet
334Kb / 18P
   SATA-Disk Module 4
APSDM004GA5AN-ACM ETC2-APSDM004GA5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002GF5AN-AT ETC2-APSDM002GF5AN-AT Datasheet
225Kb / 21P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com