Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL80N75F6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL80N75F6
Description  N-channel 75 V, 4.5 m typ., 18 A STripFET DeepGATE VI Power MOSFET in PowerFLAT 5x6 package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL80N75F6 Datasheet(HTML) 1 Page - STMicroelectronics

  STL80N75F6 Datasheet HTML 1Page - STMicroelectronics STL80N75F6 Datasheet HTML 2Page - STMicroelectronics STL80N75F6 Datasheet HTML 3Page - STMicroelectronics STL80N75F6 Datasheet HTML 4Page - STMicroelectronics STL80N75F6 Datasheet HTML 5Page - STMicroelectronics STL80N75F6 Datasheet HTML 6Page - STMicroelectronics STL80N75F6 Datasheet HTML 7Page - STMicroelectronics STL80N75F6 Datasheet HTML 8Page - STMicroelectronics STL80N75F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
March 2014
DocID018785 Rev 3
1/15
15
STL80N75F6
N-channel 75 V, 4.5 m
Ω typ., 18 A STripFET™ DeepGATE™ VI
Power MOSFET in PowerFLAT™ 5x6 package
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• Low gate charge
• Very low on-resistance
• High avalanche ruggedness
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using the 6
th
generation of STripFET™
DeepGATE™ technology, with a new gate
structure. The resulting Power MOSFET exhibits
the lowest R
DS(on)
in all packages.
PowerFLAT™ 5x6
1
2
3
4
AM15540v2
5
6
7
8
12
3
4
Top View
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
Order code
VDS
RDS(on) max
ID
STL80N75F6
75 V
5.5 m
Ω
18 A
Table 1. Device summary
Order code
Marking
Package
Packaging
STL80N75F6
80N75F6
PowerFLAT™ 5x6
Tape and reel
www.st.com


Similar Part No. - STL80N75F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL80N3LLH6 STMICROELECTRONICS-STL80N3LLH6 Datasheet
874Kb / 13P
   N-channel 30 V, 0.0046, 21 A PowerFLAT 5x6 STripFET VI DeepGATE Power MOSFET
December 2011 Rev 4
STL80N4LLF3 STMICROELECTRONICS-STL80N4LLF3 Datasheet
347Kb / 12P
   N-channel 40V - 0.0042ohm - 80A - PowerFLAT (6x5) STripFET Power MOSFET for DC-DC conversion
STL80NF3LL STMICROELECTRONICS-STL80NF3LL Datasheet
344Kb / 9P
   N-CHANNEL 30V - 0.0045ohm - 80A PowerFLAT(6X5) STripFET II MOSFET
More results

Similar Description - STL80N75F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL90N3LLH6 STMICROELECTRONICS-STL90N3LLH6 Datasheet
725Kb / 16P
   N-channel 30 V, 0.0038 廓 typ., 24 A STripFET??VI DeepGATE?? Power MOSFET in PowerFLAT??5x6 package
September 2013 Rev 4
STL100N6LF6 STMICROELECTRONICS-STL100N6LF6 Datasheet
2Mb / 15P
   N-channel 60 V, 3.3 m廓 typ., 25 A STripFET??VI DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
March 2014 Rev 3
STL75N8LF6 STMICROELECTRONICS-STL75N8LF6 Datasheet
797Kb / 16P
   N-channel 80 V, 5.6 m廓, 18 A, PowerFLAT??5x6 STripFET??VI DeepGATE??Power MOSFET
November 2011 Rev 3
STL12P6F6 STMICROELECTRONICS-STL12P6F6 Datasheet
601Kb / 13P
   P-channel 60 V, 0.13 typ., 3 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 5x6 package
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
1Mb / 5P
   N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
March 2011 Rev 6
STL80N3LLH6 STMICROELECTRONICS-STL80N3LLH6 Datasheet
874Kb / 13P
   N-channel 30 V, 0.0046, 21 A PowerFLAT 5x6 STripFET VI DeepGATE Power MOSFET
December 2011 Rev 4
STL60N10F7 STMICROELECTRONICS-STL60N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.0145 ??typ., 12 A, STripFET??VII DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
October 2013 Rev 3
STL6N3LLH6 STMICROELECTRONICS-STL6N3LLH6 Datasheet
1Mb / 14P
   N-channel 30 V, 0.021 typ., 6 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT
STL100N10F7 STMICROELECTRONICS-STL100N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.0062 廓 typ., 19 A, STripFET??VII DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
July 2013 Rev 4
STL160N3LLH6 STMICROELECTRONICS-STL160N3LLH6 Datasheet
781Kb / 16P
   N-channel 30 V, 0.0011 廓, 35 A PowerFLAT??5x6 STripFET??VI DeepGATE??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com