Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APSDM002GA5AN-PTW Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # APSDM002GA5AN-PTW
Description  SATA-Disk Module 4 SDM4 7P/180D Low Profile Specifications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM002GA5AN-PTW Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button APSDM002GA5AN-PTW Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM002GA5AN-PTW Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM002GA5AN-PTW Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM002GA5AN-PTW Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM002GA5AN-PTW Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM002GA5AN-PTW Datasheet HTML 12Page - List of Unclassifed Manufacturers APSDM002GA5AN-PTW Datasheet HTML 13Page - List of Unclassifed Manufacturers APSDM002GA5AN-PTW Datasheet HTML 14Page - List of Unclassifed Manufacturers APSDM002GA5AN-PTW Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-PXXX
10
© 2013 Apacer Technology Inc.
Rev. 1.5
5. Flash Management
5.1 Error Correction/Detection
SDM4 implements a hardware ECC scheme, based on the BCH algorithm. It can detect and correct up to
16 bits or 24 bits error in 1K bytes.
5.2 Bad Block Management
Current production technology is unable to guarantee total reliability of NAND flash memory array. When
a flash memory device leaves factory, it comes with a minimal number of initial bad blocks during
production or out-of-factory as there is no currently known technology that produce flash chips free of bad
blocks. In addition, bad blocks may develop during program/erase cycles. When host performs
program/erase command on a block, bad block may appear in Status Register. Since bad blocks are
inevitable, the solution is to keep them in control. Apacer flash devices are programmed with ECC, block
mapping technique and S.M.A.R.T to reduce invalidity or error. Once bad blocks are detected, data in
those blocks will be transferred to free blocks and error will be corrected by designated algorithms.
5.3 Wear Leveling
Flash memory devices differ from Hard Disk Drives (HDDs) in terms of how blocks are utilized. For HDDs,
when a change is made to stored data, like erase or update, the controller mechanism on HDDs will
perform overwrites on blocks. Unlike HDDs, flash blocks cannot be overwritten and each P/E cycle wears
down the lifespan of blocks gradually. Repeatedly program/erase cycles performed on the same memory
cells will eventually cause some blocks to age faster than others. This would bring flash storages to their
end of service term sooner. Wear leveling is an important mechanism that level out the wearing of blocks
so that the wearing-down of blocks can be almost evenly distributed. This will increase the lifespan of
SSDs. Commonly used wear leveling types are Static and Dynamic.
5.4 Power Failure Management
Power Failure Management plays a crucial role when experiencing unstable power supply. Power
disruption may occur when users are storing data into the SSD. In this urgent situation, the controller
would run multiple write-to-flash cycles to store the metadata for later block rebuilding. This urgent
operation requires about several milliseconds to get it done. At the next power up, the firmware will
perform a status tracking to retrieve the mapping table and resume previously programmed NAND blocks
to check if there is any incompleteness of transmission.
5.5 ATA Secure Erase
ATA Secure Erase is an ATA disk purging command currently embedded in most of the storage drives.
Defined in ATA specifications, (ATA) Secure Erase is part of Security Feature Set that allows storage
drives to erase all user data areas. The erase process usually runs on the firmware level as most of the
ATA-based storage media currently in the market are built-in with this command. ATA Secure Erase can
securely wipe out the user data in the drive and protects it from malicious attack.


Similar Part No. - APSDM002GA5AN-PTW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM002GA5AN-AT ETC2-APSDM002GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002GA5AN-ATC ETC2-APSDM002GA5AN-ATC Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002GA5AN-ATW ETC2-APSDM002GA5AN-ATW Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002GA5AN-ATWC ETC2-APSDM002GA5AN-ATWC Datasheet
3Mb / 23P
   SATA-Disk Module 4
More results

Similar Description - APSDM002GA5AN-PTW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM001GD5AN-AT ETC2-APSDM001GD5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM004GD5AN-ACM ETC2-APSDM004GD5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002G55AN-PT ETC2-APSDM002G55AN-PT Datasheet
344Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-PT ETC2-APSDM002G15AN-PT Datasheet
376Kb / 20P
   SATA-Disk Module 4
APSDM002GG5AN-PTW ETC2-APSDM002GG5AN-PTW Datasheet
318Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-AT ETC2-APSDM002G15AN-AT Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM002G45AN-PT ETC2-APSDM002G45AN-PT Datasheet
334Kb / 18P
   SATA-Disk Module 4
APSDM004GA5AN-ACM ETC2-APSDM004GA5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com