Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMLJ26C Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMLJ26C
Description  Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMLJ26C Datasheet(HTML) 1 Page - Micro Commercial Components

  SMLJ26C Datasheet HTML 1Page - Micro Commercial Components SMLJ26C Datasheet HTML 2Page - Micro Commercial Components SMLJ26C Datasheet HTML 3Page - Micro Commercial Components SMLJ26C Datasheet HTML 4Page - Micro Commercial Components SMLJ26C Datasheet HTML 5Page - Micro Commercial Components SMLJ26C Datasheet HTML 6Page - Micro Commercial Components SMLJ26C Datasheet HTML 7Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Ú»¿¬«®»-
Ó»½¸¿²·½¿´ Ü¿¬¿
Ì»®³·²¿´-æ -±´¼»®¿¾´» °»® Ó×ÔóÍÌÜóéëðô Ó»¬¸±¼ îðîê
б´¿®·¬§æ ݱ´±® ¾¿²¼ ¼»²±¬»- °±-·¬·ª» »²¼ø ½¿¬¸±¼»÷ »¨½»°¬
Þ·ó¼·®»½¬·±²¿´ ¬§°»-ò
ͬ¿²¼¿®¼ °¿½µ¿¹·²¹æ ïê³³ ¬¿°» °»® ø Û×ß ìèï÷ò
É»·¹¸¬æ ðòððé ±«²½»ô ðòîï ¹®¿³
Ó¿¨·³«³ ο¬·²¹- à îë±Ý ˲´»-- Ѭ¸»®©·-» Í°»½·º·»¼
л¿µ Ы´-» Ý«®®»²¬ ±²
ïðñïððð«-
©¿ª»º±®³øÒ±¬»îô Ú·¹
í÷
× ÐÐÓ
Í»» Ì¿¾´» ï
ß³°-
л¿µ Ы´-» б©»®
Ü·--°¿¬·±² ±² ïðñïððð«-
©¿ª»º±®³øÒ±¬»îôíôÚ·¹ï÷
ÐÐÐÓ
Ó·²·³«³
íððð
É¿¬¬-
Ñ°»®¿¬·±² ß²¼ ͬ±®¿¹»
Ì»³°»®¿¬«®» ο²¹»
ÌÖô
ÌÍÌÙ
óëë±Ý ¬±
õï75
±Ý
ÒÑÌÛÍæ
î Ò±²ó®»°»¬·¬·ª» ½«®®»²¬ °«´-» °»® Ú·¹òí ¿²¼ ¼»®¿¬»¼ ¿¾±ª» Ìßãîë
±
Ý °»® Ú·¹òîò
í Ó±«²¬»¼ ±² èòð³³î ½±°°»® °¿¼- ¬± »¿½¸ ¬»®³·²¿´ò
ÍÓÔÖëòð
ÌØÎË
ÍÓÔÖïéðÝß
Ì®¿²-·»²¬
ʱ´¬¿¹» Í«°°®»--±®
ëò𠬱 ïéð ʱ´¬-
íððð É¿¬¬
ÓÝÝ
Ü×ÓÛÒÍ×ÑÒÍ
×ÒÝØÛÍ
ÓÓ
Ü×Ó
Ó×Ò
ÓßÈ
Ó×Ò
ÓßÈ
ÒÑÌÛ
ß
òðéç
òïðí
îòðð
îòêî
Þ
òïïë
òïîï
îòçî
íòðé
Ý
òððî
òððè
ðòðëï
ðòîðí
Ü
òððê
òðïî
ðòïëî
ðòíðë
Û
òðíð
0..060
ðòéê
1.52
Ú
òòíðë
òíîð
éòéë
èòïí
Ù
òîêð
òîèð
êòêð
éòïï
Ø
òîîð
òîìë
ëòëç
êòîî
ðòð7ð’
0.190
þ
ðòïî5 ’
ÍËÙÙÛÍÌÛÜ ÍÑÔÜÛÎ
ÐßÜ ÔßÇÑËÌ
Ù
Ø
Û
Ü
Ú
ß
Þ
Ý
ÜÑóîïìßÞ
øÍÓÝ÷øÔÛßÜ ÚÎßÓÛ÷
Ú±® -«®º¿½» ³±«²¬ ¿°°´·½¿¬·±² ·² ±®¼»® ¬± ±°¬·³·¦» ¾±¿®¼ -°¿½»
Þ«·´¬ó·² -¬®¿·² ®»´·»º
Ù´¿-- °¿--·ª¿¬»¼ ¶«²½¬·±²
Û¨½»´´»²¬ ½´¿³°·²¹ ½¿°¿¾·´·¬§
λ°»¬·¬·±² כּø ¼«¬§ ½§½´»÷æ ðòëû
Ú¿-¬ ®»-°±²-» ¬·³»æ ¬§°·½¿´ ´»-- ¬¸¿² ï°- º®±³ ðÊ ¬± ÞÊ ³·²
̧°·½¿´ ×Ü ´»-- ¬¸¿² ï«ß ¿¾±ª» ïðÊ
Ø·¹¸ ¬»³°»®¿¬«®» -±´¼»®·²¹æ îêð
±
Ýñïð -»½±²¼- ¿¬ ¬»®³·²¿´-
UL Recognized File #E 331408
îðéíê Ó¿®·´´¿ ͬ®»»¬ ݸ¿¬-©±®¬¸
ÌÓ
Ó·½®± ݱ³³»®½·¿´ ݱ³°±²»²¬-
©©©ò³½½-»³·ò½±³
ï ±º é
̸»®³¿´ λ-·-¬¿²½»
Ö«²½¬·±² ¬± ß³¾·»²¬úÔ»¿¼
ά¸Öß
ÑÝñÉ
ά¸ÖÔ
éë
ïéòë
Ô»¿¼ Ú®»» Ú·²·-¸ñα¸- ݱ³°´·¿²¬ øÒ±¬»ï÷ øþÐþÍ«ºº·¨ ¼»-·¹²¿¬»-
ݱ³°´·¿²¬ò Í»» ±®¼»®·²¹ ·²º±®³¿¬·±²÷
ïò Ø·¹¸ Ì»³°»®¿¬«®» ͱ´¼»® Û¨»³°¬·±²- ß°°´·»¼ô -»» ÛË Ü·®»½¬·ª» ß²²»¨ éò
Revision: E
2014/03/07
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - SMLJ26C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ26C MCC-SMLJ26C Datasheet
383Kb / 7P
   Transient Voltage Suppressor 5.0 to 440 Volts 3000 Watt
logo
Bourns Electronic Solut...
SMLJ26CA BOURNS-SMLJ26CA Datasheet
205Kb / 5P
   SMLJ Transient Voltage Suppressor Diode Series
logo
MDE Semiconductor, Inc.
SMLJ26CA MDE-SMLJ26CA Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Bourns Electronic Solut...
SMLJ26CA BOURNS-SMLJ26CA Datasheet
258Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Micro Commercial Compon...
SMLJ26CA MCC-SMLJ26CA Datasheet
383Kb / 7P
   Transient Voltage Suppressor 5.0 to 440 Volts 3000 Watt
More results

Similar Description - SMLJ26C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ15A-TP MCC-SMLJ15A-TP Datasheet
492Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ28A-TP MCC-SMLJ28A-TP Datasheet
504Kb / 7P
   Transient Voltgae Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
SMBJ50 MCC-SMBJ50 Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
SMLJ440CA MCC-SMLJ440CA Datasheet
383Kb / 7P
   Transient Voltage Suppressor 5.0 to 440 Volts 3000 Watt
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Micro Commercial Compon...
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com