Selected language     English  ā–¼


STX-3100-3N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. STX-3100-3N
Description  AUDIO JACKS STX-3100 Series PCB Mount 3.5mm Audio Jack
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 2013
Contact Kycon for other options
AUDIO JACKS: STX-3100 Series
PCB Mount 3.5mm Audio Jack
Product Features
Audio Applications for Computers and Multimedia
Can Be Used To Activate Speakers, an Equalizer or to
Configure the Audio Signal
Available with Up to One Double-Pole Single-Throw Switch &
One Double-Pole Double-Throw Switch in One Audio Jack
CSA/NRTL Certified File No. LR78160
Performance Specifications
Materials and Finish
Housing
PBT Thermoplastic, Black Color, UL94V-0 Rated
Bushing
Brass, Nickel Plated
Terminals
Pin #1: Brass, Nickel Plated
Pin #5 and Pin #2: Phosphor Bronze, Matte Tin Plated
Pin #3 and Pin #4: Brass, Matte Tin Plated
Slide Switch Terminals: Brass, Silver Plated
Mechanical Characteristics
Insertion Force
0.4kg - 2.0kg
Extraction Force
0.3kg - 2.0kg
Durability
5000 Mating Cycles
Electrical Characteristics
Contact Resistance
Before Durability Test
30 milliohms Max.
After Durability Test
60 milliohms Max.
Insulation Resistance
100 Megohms Min. at 250V DC
Dielectric Withstanding Voltage
250V AC RMS for 1 Minute
Operating Temperature
-25Ā°C to + 85Ā°C
STX-3100-3C
Dimensions in mm
Series
STX-3100 - 3.5mm Audio Jack
Number of Pins
3 Pins - Audio Jack, No Switch
5 Pins - One Double-Pole Single-Throw Switch
9 Pins - One Double-Pole Double-Throw Switch
11 Pins - One Double-Pole Single-Throw Switch/
One Double-Pole Double-Throw Switch
Threading Option
C -
Threaded Barred
N -
Non-Threaded Barred
Back Plate Option
Blank - No Back Plate
B - With Back Plate (Available only with 3 & 5 Pins Option)
Generated Part Number
Part Number Builder
Series
Number
of Pins
Threading
Option
Back Plate
Option
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
LR78160
STX-3100-3N
STX-3100
3
N




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl