Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP-UM512MD10EG Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AP-UM512MD10EG
Description  USB-Disk Module?
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-UM512MD10EG Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AP-UM512MD10EG Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-UM512MD10EG Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-UM512MD10EG Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-UM512MD10EG Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-UM512MD10EG Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-UM512MD10EG Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-UM512MD10EG Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-UM512MD10EG Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-UM512MD10EG Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
USB-Disk ModuleⅡ
AP-UMxxxxXXXXG-XXXX
10
© 2009 Apacer Technology, Inc.
Rev.
1.5
5. Electrical Specification
Caution: Absolute Maximum Stress Ratings – Applied conditions greater than those listed under
“Absolute Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these conditions or conditions greater than those defined in
the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating
conditions may affect device reliability.
Table 5-1: Operating Range
Range
Ambient Temperature
Voltage
Standard
0°C to 70°C
Extended Temperature
-40°C to 85°C
4.5-5.5V
Table 5-2: Absolute maximum power pin stress ratings
Parameter
Symbol
Min
Max
Unit
Power Supply Input
VDD
-0.3
5.5
V
Voltage on any pin except VDD with respect to GND
VIN
-0.3
5.8
V


Similar Part No. - AP-UM512MD10EG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-UM512MN10CS ETC2-AP-UM512MN10CS Datasheet
444Kb / 22P
   USB-Disk Module?좵lus
AP-UM512MN10CS-MH ETC2-AP-UM512MN10CS-MH Datasheet
444Kb / 22P
   USB-Disk Module?좵lus
AP-UM512MN10CS-MS ETC2-AP-UM512MN10CS-MS Datasheet
444Kb / 22P
   USB-Disk Module?좵lus
AP-UM512MN20CS ETC2-AP-UM512MN20CS Datasheet
444Kb / 22P
   USB-Disk Module?좵lus
AP-UM512MN31CG-MS ETC2-AP-UM512MN31CG-MS Datasheet
444Kb / 22P
   USB-Disk Module?좵lus
More results

Similar Description - AP-UM512MD10EG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-UM256MN10CS ETC2-AP-UM256MN10CS Datasheet
444Kb / 22P
   USB-Disk Module?좵lus
logo
Apacer Technology Inc.
UDMII-PLUS-LP-180D APACER-UDMII-PLUS-LP-180D Datasheet
1Mb / 4P
   USB-Disk Module (UDM) II Plus
UDMII-PLUS APACER-UDMII-PLUS Datasheet
1Mb / 4P
   USB-Disk Module (UDM) II Plus
logo
Taiwan Memory Technolog...
I5062-ZD TMT-I5062-ZD Datasheet
134Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
I5062-ZD ETC1-I5062-ZD Datasheet
129Kb / 8P
   USB Flash Disk Controller
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
List of Unclassifed Man...
AU9384 ETC-AU9384 Datasheet
461Kb / 24P
   USB Flash Disk Controller
logo
Taiwan Memory Technolog...
I5068-Z TMT-I5068-Z Datasheet
132Kb / 8P
   USB Flash Disk Controller
logo
SMSC Corporation
97CFDC SMSC-97CFDC Datasheet
143Kb / 20P
   USB FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
I5068-Z ETC2-I5068-Z Datasheet
124Kb / 7P
   USB Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com