Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APSDM016GA5AN-ACMWC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # APSDM016GA5AN-ACMWC
Description  SATA-Disk Module 4
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM016GA5AN-ACMWC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button APSDM016GA5AN-ACMWC Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM016GA5AN-ACMWC Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM016GA5AN-ACMWC Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM016GA5AN-ACMWC Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM016GA5AN-ACMWC Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM016GA5AN-ACMWC Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM016GA5AN-ACMWC Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM016GA5AN-ACMWC Datasheet HTML 12Page - List of Unclassifed Manufacturers APSDM016GA5AN-ACMWC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-ACMXX
8
© 2012 Apacer Technology Inc.
Rev. 1.2
4.2 Environmental Specifications
Environmental specification of SDM4-M product family which follows the MIL-STD-202 and MIL-STD-810
standards is available as shown in Table 4-3.
Table 4-3 SDM4-M environmental specifications
Item
Specification
operating temp.
0~70℃ (standard); -40 ~ +85℃ (extended)
non-operating temp.
-40~100(℃)
humidity
10~95% R.H, non-condensing
operating vibration
10~2000(Hz), 15(G), sine wave, 1(hr)/per axis
non-operating vibration
20~2000(Hz), 7.7(Grms), random wave, 1(hr)/per axis
operating shock
50(G), 11(ms), half-sine wave
non-operating shock
1500(G), 0.5(ms), half-sine wave
Note: extended operating temperature specifications are only available for 4, 8, 16GB capacities.
4.3 Mean Time Between Failures (MTBF)
Mean Time Between Failures (MTBF) is predicted based on reliability data for the individual components
in SDM4-M. Although many component MTBFs are given in databases and often these values are not
really accurate, the prediction result for SDM4-M is more than 1,000,000 hours.
Notes about the MTBF:
The MTBF is predicated and calculated based on “Telcordia Technologies Special Report, SR-332, Issue
2” method.
4.4 Certification and Compliance
SDM4-M complies with the following standards:
CE – EN55022/55024
FCC 47CFR Part15 Class B
RoHS
MIL-STD-202 and MIL-STD-810
SATA II (SATA Rev. 2.6)
Up to ATA/ATAPI-7 ( including S.M.A.R.T.)


Similar Part No. - APSDM016GA5AN-ACMWC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM016GA5AN-AC ETC2-APSDM016GA5AN-AC Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM016GA5AN-ACC ETC2-APSDM016GA5AN-ACC Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM016GA5AN-ACW ETC2-APSDM016GA5AN-ACW Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM016GA5AN-ACWC ETC2-APSDM016GA5AN-ACWC Datasheet
3Mb / 23P
   SATA-Disk Module 4
More results

Similar Description - APSDM016GA5AN-ACMWC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM001GD5AN-AT ETC2-APSDM001GD5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM004GD5AN-ACM ETC2-APSDM004GD5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002G55AN-PT ETC2-APSDM002G55AN-PT Datasheet
344Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-PT ETC2-APSDM002G15AN-PT Datasheet
376Kb / 20P
   SATA-Disk Module 4
APSDM002GG5AN-PTW ETC2-APSDM002GG5AN-PTW Datasheet
318Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-AT ETC2-APSDM002G15AN-AT Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM002G45AN-PT ETC2-APSDM002G45AN-PT Datasheet
334Kb / 18P
   SATA-Disk Module 4
APSDM002GF5AN-AT ETC2-APSDM002GF5AN-AT Datasheet
225Kb / 21P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com