Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KE11A Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 15KE11A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

15KE11A Datasheet(HTML) 3 Page - Pan Jit International Inc.

  15KE11A Datasheet HTML 1Page - Pan Jit International Inc. 15KE11A Datasheet HTML 2Page - Pan Jit International Inc. 15KE11A Datasheet HTML 3Page - Pan Jit International Inc. 15KE11A Datasheet HTML 4Page - Pan Jit International Inc. 15KE11A Datasheet HTML 5Page - Pan Jit International Inc. 15KE11A Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE . 3
November 15,2012-REV.04
1.5KE SERIES
Part Number
Reverse
Stand-off
Voltage
Breakdown Voltage
Test Current
Reverse Leakage
Max. Clamp
Voltage
10/1000
μs
Peak Pulse
Current
10/1000
μs
Marking Code
V RWM
( Notes 4)
V BR @ IT
IT
IR @ VRWM
VC @ IPP
IPP
Mi n.
Max.
UNI
BI
UNI
BI
V
V
V
mA
μA
μA
V
A
UNI
BI
1500W Transient Voltage Suppressor
1.5KE51A
1.5KE51CA
43.6
48.5
53.6
1
1
1
70.1
21.4
1.5KE51A
1.5KE51CA
1.5KE56
1.5KE56C
45.6
50.4
61.6
1
1
1
80.5
18.6
1.5KE56
1.5KE56C
1.5KE56A
1.5KE56CA
47.8
53.2
58.8
1
1
1
77
19.5
1.5KE56A
1.5KE56CA
1.5KE62
1.5KE62C
50.2
55.8
68.2
1
1
1
89
16.9
1.5KE62
1.5KE62C
1.5KE62A
1.5KE62CA
53
58.9
65.1
1
1
1
85
17.7
1.5KE62A
1.5KE62CA
1.5KE68
1.5KE68C
55.1
61.2
74.8
1
1
1
98
15.3
1.5KE68
1.5KE68C
1.5KE68A
1.5KE68CA
58.1
64.6
71.4
1
1
1
92
16.3
1.5KE68A
1.5KE68CA
1.5KE75
1.5KE75C
60.7
67.5
82.5
1
1
1
108
13.9
1.5KE75
1.5KE75C
1.5KE75A
1.5KE75CA
64.1
71.3
78.8
1
1
1
103
14.6
1.5KE75A
1.5KE75CA
1.5KE82
1.5KE82C
66.4
73.8
90.2
1
1
1
118
12.7
1.5KE82
1.5KE82C
1.5KE82A
1.5KE82CA
70.1
77.9
86.1
1
1
1
113
13.3
1.5KE82A
1.5KE82CA
1.5KE91
1.5KE91C
73.7
81.9
100
1
1
1
131
11.4
1.5KE91
1.5KE91C
1.5KE91A
1.5KE91CA
77.8
86.5
95.5
1
1
1
125
12
1.5KE91A
1.5KE91CA
1.5KE100
1.5KE100C
81
90
110
1
1
1
144
10.4
1.5KE100
1.5KE100C
1.5KE100A
1.5KE100CA
85.5
95
105
1
1
1
137
11
1.5KE100A
1.5KE100CA
1.5KE110
1.5KE110C
89.2
99
121
1
1
1
158
9.5
1.5KE110
1.5KE110C
1.5KE110A
1.5KE110CA
94
105
116
1
1
1
152
9.9
1.5KE110A
1.5KE110CA
1.5KE120
1.5KE120C
97.2
108
132
1
1
1
173
8.7
1.5KE120
1.5KE120C
1.5KE120A
1.5KE120CA
102
114
126
1
1
1
165
9.1
1.5KE120A
1.5KE120CA
1.5KE130
1.5KE130C
105
117
143
1
1
1
187
8
1.5KE130
1.5KE130C
1.5KE130A
1.5KE130CA
111
124
137
1
1
1
179
8.4
1.5KE130A
1.5KE130CA
1.5KE150
1.5KE150C
121
135
165
1
1
1
215
7
1.5KE150
1.5KE150C
1.5KE150A
1.5KE150CA
128
143
158
1
1
1
207
7.2
1.5KE150A
1.5KE150CA
1.5KE160
1.5KE160C
130
144
176
1
1
1
230
6.5
1.5KE160
1.5KE160C
1.5KE160A
1.5KE160CA
136
152
168
1
1
1
219
6.8
1.5KE160A
1.5KE160CA
1.5KE170
1.5KE170C
138
153
187
1
1
1
244
6.2
1.5KE170
1.5KE170C
1.5KE170A
1.5KE170CA
145
162
179
1
1
1
234
6.4
1.5KE170A
1.5KE170CA
1.5KE180
1.5KE180C
146
162
198
1
1
1
258
5.8
1.5KE180
1.5KE180C
1.5KE180A
1.5KE180CA
154
171
189
1
1
1
246
6.1
1.5KE180A
1.5KE180CA
1.5KE200
1.5KE200C
162
180
220
1
1
1
287
5.2
1.5KE200
1.5KE200C
1.5KE200A
1.5KE200CA
171
190
210
1
1
1
274
5.5
1.5KE200A
1.5KE200CA
1.5KE220
1.5KE220C
175
198
242
1
1
1
344
4.3
1.5KE220
1.5KE220C
1.5KE220A
1.5KE220CA
185
209
231
1
1
1
328
4.6
1.5KE220A
1.5KE220CA
1.5KE250
1.5KE250C
202
225
275
1
1
1
360
4.3
1.5KE250
1.5KE250C
1.5KE250A
1.5KE250CA
214
237
263
1
1
1
344
4.5
1.5KE250A
1.5KE250CA
1.5KE300
1.5KE300C
243
270
330
1
1
1
430
3.6
1.5KE300
1.5KE300C
1.5KE300A
1.5KE300CA
256
285
315
1
1
1
414
3.8
1.5KE300A
1.5KE300CA
1.5KE350
1.5KE350C
284
315
385
1
1
1
504
3.1
1.5KE350
1.5KE350C
1.5KE350A
1.5KE350CA
300
332
368
1
1
1
482
3.2
1.5KE350A
1.5KE350CA
1.5KE400
1.5KE400C
324
360
440
1
1
1
574
2.7
1.5KE400
1.5KE400C
1.5KE400A
1.5KE400CA
342
380
420
1
1
1
548
2.8
1.5KE400A
1.5KE400CA
1.5KE440
1.5KE440C
356
396
484
1
1
1
631
2.4
1.5KE440
1.5KE440C
1.5KE440A
1.5KE440CA
376
418
462
1
1
1
600
2.6
1.5KE440A
1.5KE440CA


Similar Part No. - 15KE11A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
15KE11A RECTRON-15KE11A Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE11A DIODES-15KE11A Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Microsemi Corporation
15KE11A MICROSEMI-15KE11A Datasheet
252Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Leshan Radio Company
15KE11A LRC-15KE11A Datasheet
175Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 15KE11A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE PANJIT-1.5KE_08 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
1.5SMC-AU PANJIT-1.5SMC-AU Datasheet
126Kb / 7P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
5KP_SERIES PANJIT-5KP_SERIES_14 Datasheet
142Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5SMC PANJIT-1.5SMC_09 Datasheet
143Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
5KP PANJIT-5KP_08 Datasheet
108Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
P6KE_SERIES PANJIT-P6KE_SERIES_14 Datasheet
243Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
SA5.0_SERIES PANJIT-SA5.0_SERIES_14 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
P4KE_SERIES PANJIT-P4KE_SERIES_14 Datasheet
194Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
logo
DB Lectro Inc
1.5SMC DBLECTRO-1.5SMC Datasheet
208Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 91 Volts 1500 Watts Peak Power
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com