Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS18P6A016G-5TWL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # APS18P6A016G-5TWL
Description  Serial ATA Flash Drive
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APS18P6A016G-5TWL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  APS18P6A016G-5TWL Datasheet HTML 1Page - List of Unclassifed Manufacturers APS18P6A016G-5TWL Datasheet HTML 2Page - List of Unclassifed Manufacturers APS18P6A016G-5TWL Datasheet HTML 3Page - List of Unclassifed Manufacturers APS18P6A016G-5TWL Datasheet HTML 4Page - List of Unclassifed Manufacturers APS18P6A016G-5TWL Datasheet HTML 5Page - List of Unclassifed Manufacturers APS18P6A016G-5TWL Datasheet HTML 6Page - List of Unclassifed Manufacturers APS18P6A016G-5TWL Datasheet HTML 7Page - List of Unclassifed Manufacturers APS18P6A016G-5TWL Datasheet HTML 8Page - List of Unclassifed Manufacturers APS18P6A016G-5TWL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Serial ATA Flash Drive
APS18P6Axxxx-5XXX
3
© 2013 Apacer Technology Inc.
Rev. 1.4
1. Product Description
1.1
Introduction
Apacer’s Serial ATA Flash Drive (SAFD) is a solid-state disk (SSD) drive that contains a controller, embedded
firmware, and flash media along with a male connector. Using NAND flash memory devices, the drive
transfers data between the host and the storage devices at a radical high speed, making it a great partner for
embedded systems and servers.
SAFD 18P drive is designed with a single-chip controller, offering capacities of up to 128 gigabytes and
providing full support for the SATA 3.0 Gbps high-speed interface standard. It can operate at sustained
access rates of up to higher than 260 megabytes per second, providing an ideal solution for industrial
applications.
In addition, SAFD 18P adopts the Apacer-specific static wear-leveling scheme to allow uniform use of all
storage blocks, ensuring that the lifetime of a flash media can be significantly increased and the disk
performance is optimized as well. SAFD 18P provides the S.M.A.R.T. feature that follows the SATA Rev. 2.6,
ATA/ATAPI specifications and uses the standard SMART command B0h to read data from the drive. This
feature protects the user from unscheduled downtime by monitoring and storing critical drive performance.
1.2
Functional Block Diagram
SAFD 18P drive includes a single-chip SATA Controller and the flash media, as well as the SATA standard
interface. The controller integrates the flash management unit with the controller itself to support multi-channel,
multi-bank flash arrays. Figure 1-1 shows the functional block diagram.
Figure 1-1 Apacer SAFD 18P block diagram


Similar Part No. - APS18P6A016G-5TWL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS18P6A016G-CCM ETC2-APS18P6A016G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
APS18P6A016G-CCML ETC2-APS18P6A016G-CCML Datasheet
245Kb / 21P
   Serial ATA Flash Drive
APS18P6A016G-CT ETC2-APS18P6A016G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A016G-CTL ETC2-APS18P6A016G-CTL Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A016G-CTW ETC2-APS18P6A016G-CTW Datasheet
247Kb / 22P
   Serial ATA Flash Drive
More results

Similar Description - APS18P6A016G-5TWL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
APSDM008GM5AN-PCM ETC2-APSDM008GM5AN-PCM Datasheet
308Kb / 21P
   Serial ATA Flash Drive
APS25P6B008G-5T ETC2-APS25P6B008G-5T Datasheet
387Kb / 19P
   Serial ATA Flash Drive
APS25P6B032G-CT ETC2-APS25P6B032G-CT Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
AP-SAFD255AA008GS-T ETC2-AP-SAFD255AA008GS-T Datasheet
340Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A016G-CCM ETC2-APS18P6A016G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com