Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA_SERIES Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # P4SMA_SERIES
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P4SMA_SERIES Datasheet(HTML) 2 Page - Pan Jit International Inc.

  P4SMA_SERIES_14 Datasheet HTML 1Page - Pan Jit International Inc. P4SMA_SERIES_14 Datasheet HTML 2Page - Pan Jit International Inc. P4SMA_SERIES_14 Datasheet HTML 3Page - Pan Jit International Inc. P4SMA_SERIES_14 Datasheet HTML 4Page - Pan Jit International Inc. P4SMA_SERIES_14 Datasheet HTML 5Page - Pan Jit International Inc. P4SMA_SERIES_14 Datasheet HTML 6Page - Pan Jit International Inc. P4SMA_SERIES_14 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PAGE . 2
November 22,2012-REV.06
P4SMA SERIES
Part Number
Reverse
Stand-off
Voltage
Breakdown
Voltage
Test
Current
Reverse
Leakage
Max.
Clamp
Voltage
10/1000μs
Peak
Pulse
Current
10/1000μs
Marking
Code
VRWM (Notes 6)
VBR @ I T
IT
I R @ VRWM
VC @ IPP
IPP
Min.
Max.
UNI
BI
UNI
BI
V
V
V
mA
μ
A
μ
A
V
A
UNI
BI
400W Transient Voltage Suppressor
P4SMA6.8
P4SMA6.8C
5.5
6.12
7.48
10
1000
2000
10.8
38
MZA
NZA
P4SMA6.8A
P4SMA6.8CA
5.8
6.45
7.14
10
1000
2000
10.5
40
MZB
NZB
P4SMA7.5
P4SMA7.5C
6.05
6.75
8.25
10
500
1000
11.7
36
MZC
NZC
P4SMA7.5A
P4SMA7.5CA
6.4
7.13
7.88
10
500
1000
11.3
37
MZD
NZD
P4SMA8.2
P4SMA8.2C
6.63
7.38
9.02
10
200
400
12.5
33
MZE
NZE
P4SMA8.2A
P4SMA8.2CA
7.02
7.79
8.61
10
200
400
12.1
35
MZF
NZF
P4SMA9.1
P4SMA9.1C
7.37
8.19
10
1
50
100
13.8
30
MZG
NZG
P4SMA9.1A
P4SMA9.1CA
7.78
8.65
9.5
1
50
100
13.4
31
MZH
NZH
P4SMA10
P4SMA10C
8.1
9
11
1
10
20
15
28
MZJ
NZJ
P4SMA10A
P4SMA10CA
8.55
9.5
10.5
1
10
20
14.5
29
MZK
NZK
P4SMA11
P4SMA11C
8.92
9.9
12.1
1
5
10
16.2
26
MZL
NZL
P4SMA11A
P4SMA11CA
9.4
10.5
11.6
1
5
10
15.6
27
MZM
NZM
P4SMA12
P4SMA12C
9.72
10.8
13.2
1
1
1
17.3
24
MZN
NZN
P4SMA12A
P4SMA12CA
10.2
11.4
12.6
1
1
1
16.7
25
MZP
NZP
P4SMA13
P4SMA13C
10.5
11.7
14.3
1
1
1
19
22
MZQ
NZQ
P4SMA13A
P4SMA13CA
11.1
12.4
13.7
1
1
1
18.2
23
MZR
NZR
P4SMA15
P4SMA15C
12.1
13.5
16.5
1
1
1
22
19
MZS
NZS
P4SMA15A
P4SMA15CA
12.8
14.3
15.8
1
1
1
21.2
20
MZT
NZT
P4SMA16
P4SMA16C
12.9
14.4
17.6
1
1
1
23.5
18
MZU
NZU
P4SMA16A
P4SMA16CA
13.6
15.2
16.8
1
1
1
22.5
19
MZV
NZV
P4SMA18
P4SMA18C
14.5
16.2
19.8
1
1
1
26.5
16
MZW
NZW
P4SMA18A
P4SMA18CA
15.3
17.1
18.9
1
1
1
25.2
17
MZX
NZX
P4SMA20
P4SMA20C
16.2
18
22
1
1
1
29.1
14
MZY
NZY
PSMA20A
P4SMA20CA
17.1
19
21
1
1
1
27.7
15
MZZ
NZZ
P4SMA22
P4SMA22C
17.8
19.8
24.2
1
1
1
31.9
13
MXA
NXA
P4SMA22A
P4SMA22CA
18.8
20.9
23.1
1
1
1
30.6
14
MXB
NXB
P4SMA24
PSMA24C
19.4
21.6
26.4
1
1
1
34.7
12
MXC
NXC
P4SMA24A
P4SMA24CA
20.5
22.8
25.2
1
1
1
33.2
13
MXD
NXD
P4SMA27
P4SMA27C
21.8
24.3
29.7
1
1
1
39.1
11
MXE
NXE
P4SMA27A
P4SMA27CA
23.1
25.7
28.4
1
1
1
37.5
11.2
MXF
NXF
P4SMA30
P4SMA30C
24.3
27
33
1
1
1
43.5
10
MXG
NXG
P4SMA30A
P4SMA30CA
25.6
28.5
31.5
1
1
1
41.4
10
MXH
NXH
P4SMA33
P4SMA33C
26.8
29.7
36.3
1
1
1
47.7
9
MXJ
NXJ
P4SMA33A
P4SMA33CA
28.2
31.4
34.7
1
1
1
45.7
9
MXK
NXK
P4SMA36
P4SMA36C
29.1
32.4
39.6
1
1
1
52
8
MXL
NXL
P4SMA36A
P4SMA36CA
30.8
34.2
37.8
1
1
1
49.9
8.4
MXM
NXM
P4SMA39
P4SMA39C
31.6
35.1
42.9
1
1
1
56.4
7.4
MXN
NXN
P4SMA39A
P4SMA39CA
33.3
37.1
41
1
1
1
53.9
7.8
MXP
NXP
P4SMA43
P4SMA43C
34.8
38.7
47.3
1
1
1
61.9
6.8
MXQ
NXQ


Similar Part No. - P4SMA_SERIES_14

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P4SMA-28D-29 LUGUANG-P4SMA-28D-29 Datasheet
2Mb / 3P
   Transient Voltage Suppressors
logo
Littelfuse
P4SMA-E LITTELFUSE-P4SMA-E Datasheet
1Mb / 5P
   The P4SMA-E series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Bourns Electronic Solut...
P4SMA-Q BOURNS-P4SMA-Q Datasheet
599Kb / 6P
   Transient Voltage Suppressor Diode Series
logo
Taiwan Semiconductor Co...
P4SMA10 TSC-P4SMA10 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA10 TSC-P4SMA10 Datasheet
194Kb / 6P
   400W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
More results

Similar Description - P4SMA_SERIES_14

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P4SMAJ-220V-SMA YFWDIODE-P4SMAJ-220V-SMA Datasheet
715Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
P4SMAFJ5.0A YFWDIODE-P4SMAFJ5.0A Datasheet
669Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
SHIKUES Electronics
SMAFJ SKTECHNOLGY-SMAFJ Datasheet
669Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
SMAJ SKTECHNOLGY-SMAJ Datasheet
401Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Pan Jit International I...
P4SMAFJ PANJIT-P4SMAFJ Datasheet
481Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
logo
Xian Semipower Electron...
P4SMAFJ SEMIPOWER-P4SMAFJ Datasheet
172Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
DONGGUAN YOU FENG WEI E...
P4SMAFJ5.0A-SMAF YFWDIODE-P4SMAFJ5.0A-SMAF_17 Datasheet
669Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
Guangdong Juxing Electr...
P4SMAFJ JUXING-P4SMAFJ Datasheet
1Mb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
DONGGUAN YOU FENG WEI E...
SMAJ5.0A YFWDIODE-SMAJ5.0A_V01 Datasheet
565Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
SMAJ6.8A YFWDIODE-SMAJ6.8A Datasheet
510Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com