Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN4803CS-1 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN4803CS-1
Description  8-Pin PFC and PWM Controller Combo
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4803CS-1 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN4803CS-1 Datasheet HTML 1Page - Fairchild Semiconductor FAN4803CS-1 Datasheet HTML 2Page - Fairchild Semiconductor FAN4803CS-1 Datasheet HTML 3Page - Fairchild Semiconductor FAN4803CS-1 Datasheet HTML 4Page - Fairchild Semiconductor FAN4803CS-1 Datasheet HTML 5Page - Fairchild Semiconductor FAN4803CS-1 Datasheet HTML 6Page - Fairchild Semiconductor FAN4803CS-1 Datasheet HTML 7Page - Fairchild Semiconductor FAN4803CS-1 Datasheet HTML 8Page - Fairchild Semiconductor FAN4803CS-1 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FAN4803
PRODUCT SPECIFICATION
4
REV. 1.2.3 11/2/04
Functional Description
The FAN4803 consists of an average current mode boost
Power Factor Corrector (PFC) front end followed by a syn-
chronized Pulse Width Modulation (PWM) controller. It is
distinguished from earlier combo controllers by its low pin
count, innovative input current shaping technique, and very
low start-up and operating currents. The PWM section is
dedicated to peak current mode operation. It uses conven-
tional trailing-edge modulation, while the PFC uses leading-
edge modulation. This patented Leading Edge/Trailing Edge
(LETE) modulation technique helps to minimize ripple cur-
rent in the PFC DC buss capacitor.
The FAN4803 is offered in two versions. The FAN4803-1
operates both PFC and PWM sections at 67kHz, while the
FAN4803-2 operates the PWM section at twice the fre-
quency (134kHz) of the PFC. This allows the use of smaller
PWM magnetics and output filter components, while mini-
mizing switching losses in the PFC stage.
In addition to power factor correction, several protection fea-
tures have been built into the FAN4803. These include soft
start, redundant PFC over-voltage protection, peak current
limiting, duty cycle limit, and under voltage lockout
(UVLO). See Figure 12 for a typical application.
Detailed Pin Descriptions
VEAO
This pin provides the feedback path which forces the PFC
output to regulate at the programmed value. It connects to
programming resistors tied to the PFC output voltage and is
shunted by the feedback compensation network.
ISENSE
This pin ties to a resistor or current sense transformer which
senses the PFC input current. This signal should be negative
with respect to the IC ground. It internally feeds the pulse-
by-pulse current limit comparator and the current sense feed-
back signal. The ILIMIT trip level is –1V. The ISENSE feed-
back is internally multiplied by a gain of four and compared
against the internal programmed ramp to set the PFC duty
cycle. The intersection of the boost inductor current
downslope with the internal programming ramp determines
the boost off-time.
VDC
This pin is typically tied to the feedback opto-collector. It is
tied to the internal 5V reference through a 26k
Ω resistor and
to GND through a 40k
Ω resistor.
ILIMIT
This pin is tied to the primary side PWM current sense resis-
tor or transformer. It provides the internal pulse-by-pulse
current limit for the PWM stage (which occurs at 1.5V) and
the peak current mode feedback path for the current mode
control of the PWM stage. The current ramp is offset inter-
nally by 1.2V and then compared against the opto feedback
voltage to set the PWM duty cycle.
PFC OUT and PWM OUT
PFC OUT and PWM OUT are the high-current power driv-
ers capable of directly driving the gate of a power MOSFET
with peak currents up to ±1A. Both outputs are actively held
low when VCC is below the UVLO threshold level.
VCC
VCC is the power input connection to the IC. The VCC start-
up current is 150µA . The no-load ICC current is 2mA. VCC
quiescent current will include both the IC biasing currents
and the PFC and PWM output currents. Given the operating
frequency and the MOSFET gate charge (Qg), average
PFC and PWM output currents can be calculated as IOUT =
Qg x F. The average magnetizing current required for any
gate drive transformers must also be included. The VCC pin
is also assumed to be proportional to the PFC output voltage.
Internally it is tied to the VCCOVP comparator (16.2V)
providing redundant high-speed over-voltage protection
(OVP) of the PFC stage. VCC also ties internally to the
UVLO circuitry, enabling the IC at 12V and disabling it at
9.1V. VCC must be bypassed with a high quality ceramic
bypass capacitor placed as close as possible to the IC.
Good bypassing is critical to the proper operation of the
FAN4803.
VCC is typically produced by an additional winding off the
boost inductor or PFC Choke, providing a voltage that is pro-
portional to the PFC output voltage. Since the VCCOVP max
voltage is 16.2V, an internal shunt limits VCC overvoltage to
an acceptable value. An external clamp, such as shown in
Figure 1, is desirable but not necessary.
Figure 1. Optional VCC Clamp
VCC is internally clamped to 16.7V minimum, 18.3V maxi-
mum. This limits the maximum VCC that can be applied to
the IC while allowing a VCC which is high enough to trip the
VCCOVP. The max current through this zener is 10mA.
External series resistance is required in order to limit the
current through this Zener in the case where the VCC voltage
exceeds the zener clamp level.
VCC
GND
1N4148
1N4148
1N5246B


Similar Part No. - FAN4803CS-1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4803CS-1 FAIRCHILD-FAN4803CS-1 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS-1 FAIRCHILD-FAN4803CS-1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS-1 FAIRCHILD-FAN4803CS-1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS-1 FAIRCHILD-FAN4803CS-1 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS-1 FAIRCHILD-FAN4803CS-1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results

Similar Description - FAN4803CS-1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2X FAIRCHILD-FAN4803CS2X Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2 FAIRCHILD-FAN4803CS2 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com