Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0603FA4000V032T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # F0603FA4000V032T
Description  SolidMatrix짰 0603 Fast Acting Surface Mount Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F0603FA4000V032T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  F0603FA4000V032T Datasheet HTML 1Page - List of Unclassifed Manufacturers F0603FA4000V032T Datasheet HTML 2Page - List of Unclassifed Manufacturers F0603FA4000V032T Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. Aug. 11
Website: www.aemchina.com & www.aemcomponents.com
SolidMatrix
® 0603 Fast Acting Surface Mount Fuses
Part Number
Current Rating
(A)
Voltage Rating
(VDC)
Nominal Cold DCR
( )
1
F0603FA0500V063T
0.5
63
0.485
F0603FA0750V063T
0.75
63
0.254
F0603FA1000V063T
1.0
63
0.147
F0603FA1500V063T
1.5
63
0.059
F0603FA2000V032T
2.0
32
0.044
F0603FA2500V032T
2.5
32
0.032
F0603FA3000V032T
3.0
32
0.025
F0603FA3500V032T
3.5
32
0.024
F0603FA4000V032T
4.0
32
0.018
F0603FA5000V032T
5.0
32
0.013
F0603FA6000V024T
6.0
24
0.010
Ordering Information:
Agency Approval: Recognized Under the Components
Program of Underwriters Laboratories. File Number: E232989.
Interrupting Ratings:
0.5 A - 1.0 A
50 A at rated voltage
1.5 A - 6.0 A
35 A at rated voltages
Shape and Dimensions:
SOLDER
FUSE ELEMENT
NICKEL
SILVER
METALLIZATION
0.031 ± 0.006
(0.80± 0.15)
0.031 ± 0.006
(0.80 ± 0.15)
0.014 ± 0.006
(0.36 ± 0.15)
Patents: U.S. Patent numbers 6,034,589; 6,602,766;
7,268,661 B2; and other pending patents
0.087
(2.20)
0.031
(0.80)
0.039
(1.00)
Inch (mm)
Recommended Land Pattern:
1. Measured at
10% rated current and 25
oC ambient .
0.063 ± 0.006
(1.60 ± 0.15)
Features:
Multilayer monolithic structure with glass ceramic body and
silver fusing element
Silver termination with nickel and pure-tin solder plating,
providing excellent solderability
Standard EIA0603/EIAJ1608 size
Compatible with both wave and reflow soldering processes
Operating temperature range: -55
oC to +125oC (with de-rating)
RoHS compliant
Marking (Optional): Black Marking Character Code
0.5 A:C, 0.75 A:D, 1.0 A:E, 1.5 A:G, 2.0 A:I, 2.5 A:J, 3.0 A:K, 3.5 A:L,
4.0 A:M, 5.0 A:N, 6.0 A:O
Clearing Time Characteristics (Fast Acting):
% of current rating
Clearing time at 25
oC
100 %
4 hours min.
250 %
5 seconds max.
400 %
0.05 seconds max.


Similar Part No. - F0603FA4000V032T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F0603FA4000V032T ETC2-F0603FA4000V032T Datasheet
103Kb / 4P
   0603 Fast Acting Surface Mount Fuses
More results

Similar Description - F0603FA4000V032T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F0603FA0500V063T ETC2-F0603FA0500V063T Datasheet
103Kb / 4P
   0603 Fast Acting Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
   Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0603F050-2 BOURNS-SF-0603F050-2 Datasheet
366Kb / 4P
   Fast Acting Surface Mount Fuses
logo
Tyco Electronics
0402SFF100F MACOM-0402SFF100F Datasheet
180Kb / 4P
   Raychem Fast Acting Surface-Mount Fuses
logo
List of Unclassifed Man...
F1206FA0500V063T ETC2-F1206FA0500V063T Datasheet
103Kb / 3P
   1206 Fast Acting Surface Mount Fuses
AF2-3507 ETC2-AF2-3507 Datasheet
668Kb / 8P
   2410 Fast Acting Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-0603FPXXXF BOURNS-SF-0603FPXXXF Datasheet
496Kb / 5P
   Fast Acting Precision Surface Mount Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com