Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30SMCJ24 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 30SMCJ24
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

30SMCJ24 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  30SMCJ24 Datasheet HTML 1Page - Pan Jit International Inc. 30SMCJ24 Datasheet HTML 2Page - Pan Jit International Inc. 30SMCJ24 Datasheet HTML 3Page - Pan Jit International Inc. 30SMCJ24 Datasheet HTML 4Page - Pan Jit International Inc. 30SMCJ24 Datasheet HTML 5Page - Pan Jit International Inc. 30SMCJ24 Datasheet HTML 6Page - Pan Jit International Inc. 30SMCJ24 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PAGE . 1
November 2,2012-REV.10
3.0SMCJ SERIES
FEATURES
• For surface mounted applications in order to optimize board space
• Glass passivated junction
• Low inductance
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• High temperature soldering : 260°C /10 seconds at terminals
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: JEDEC DO-214AB,Molded plastic over passivated junction.
• Terminals: Solder plated,solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Standard Packaging: 16mm tape (EIA-481)
• Weight: 0.008 ounce, 0.23 gram
DEVICES FOR BIPOLARAPPLICATIONS
For Bidirectional use C or CA Suffix for types 3.0SMCJ5.0 thru types 3.0SMCJ220.
Electrical characteristics apply in both directions.
MAXIMUM RATINGSAND CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
NOTES:
1.Non-repetitive current pulse, per Fig. 3 and derated above T
A=25°C per Fig. 2.
2.Mounted on 8mm2 ( .013mm thick) land areas.
3.Measured on 8.3ms , single half sine-wave or equivalent square wave , duty cycle= 4 pulses per minutes maximum.
4.A transient suppressor is selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than the DC
or continuous peak operating voltage level.
Recongnized File # E210467
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000Watts
STAND-OFF VOLTAGE
5 to 220 Volt
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000μs waveform (Notes 1,2, Fig.1)
PPP
3000
Watts
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method) (Notes 2,3)
IFSM
200
Amps
Peak Pulse Current on 10/1000μs waveform (Notes 1) Fig.3
IPPM
see Table 1
Amps
Typical Thermal Resistance Junction to Air
R
θ
JA
25
O
C / W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to +150
O
C
0.280(7.11)
0.260(6.60)
0.050(1.27)
0.030(0.76)
0.320(8.13)
0.305(7.75)
0.008(0.203)
0.002(0.051)
0.012(0.305)
0.006(0.152)


Similar Part No. - 30SMCJ24

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
30SMCJ WTE-30SMCJ Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Taychipst Elec...
30SMCJ TAYCHIPST-30SMCJ Datasheet
2Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
30SMCJ50 DIOTEC-30SMCJ50 Datasheet
124Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
30SMCJ50 DIOTEC-30SMCJ50 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
30SMCJ50 DIOTEC-30SMCJ50_18 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results

Similar Description - 30SMCJ24

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP_SERIES PANJIT-3KP_SERIES_14 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
logo
Jinan Jingheng (Group) ...
3KP JINANJINGHENG-3KP Datasheet
775Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER-3000 Watts
logo
Pan Jit International I...
5.0SMCJ_SERIES PANJIT-5.0SMCJ_SERIES_14 Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
5.0SMCJ PANJIT-5.0SMCJ Datasheet
158Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
3.0SMCJ PANJIT-3.0SMCJ_09 Datasheet
153Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
3KP PANJIT-3KP_09 Datasheet
86Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
1.5SMCJ PANJIT-1.5SMCJ_09 Datasheet
148Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
2.0SMCJ22A PANJIT-2.0SMCJ22A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
Taiwan Semiconductor Co...
3.0SMCJ TSC-3.0SMCJ_1 Datasheet
279Kb / 4P
   3000 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com