Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP-UM512MQ31EG-MS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP-UM512MQ31EG-MS
Description  USB-Disk Module?좵lus
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-UM512MQ31EG-MS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP-UM512MQ31EG-MS Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-UM512MQ31EG-MS Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-UM512MQ31EG-MS Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-UM512MQ31EG-MS Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-UM512MQ31EG-MS Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-UM512MQ31EG-MS Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-UM512MQ31EG-MS Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-UM512MQ31EG-MS Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-UM512MQ31EG-MS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
USB-Disk ModuleⅡ
ⅡPlus
AP-UMxxxxXXXXX-XXXXX
1
© 2011 Apacer Technology, Inc.
Rev. 1.1
FEATURES:
USB2.0 High-Speed and USB1.1 Full-
Speed compatible interface
Capacity
256, 512 MB
1, 2, 4, 8 GB
Fast sustained read performance
Sustained read: 30 MB/s
Fast sustained write performance
Sustained write: 25 MB/s
Intelligent USB Module
Implements dynamic wear-leveling
algorithms to substantially increase
longevity of flash media
BCH (24 bit) Error Detection Code/Error
Correction Code (EDC/ECC)
Intrinsic data integrity after power loss
Wear leveling algorithm that provides more
reliable data storage over an extended
period
Extended Data Protection (Optional)
Write protection setting by jumper for
prevention of data overwrites.
Zero Power Data Retention
Batteries not required for data storage
Support Ready Boost for Windows Vista
Support boot-up function for OS
Windows XP Embedded
Windows CE
Linux
Temperature ranges
0°C to 70°C for operation (standard)
-40°C to 85°C for operation (ET
1)
-40°C to 100°C for storage
Power consumption (typical)
Active mode: 181 mA
Sleep mode: 402 μA
Connector
10-pin (2x5) female header
RoHS Compliant
Support Non-Removable Setting
2
1. Extended Temperature
2. Standard Temperature Exclusive


Similar Part No. - AP-UM512MQ31EG-MS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-UM512MD10EG ETC2-AP-UM512MD10EG Datasheet
429Kb / 22P
   USB-Disk Module?
AP-UM512MD10EG-MH ETC2-AP-UM512MD10EG-MH Datasheet
429Kb / 22P
   USB-Disk Module?
AP-UM512MD10EG-MS ETC2-AP-UM512MD10EG-MS Datasheet
429Kb / 22P
   USB-Disk Module?
AP-UM512ME10CG ETC2-AP-UM512ME10CG Datasheet
429Kb / 22P
   USB-Disk Module?
AP-UM512ME10CG-MH ETC2-AP-UM512ME10CG-MH Datasheet
429Kb / 22P
   USB-Disk Module?
More results

Similar Description - AP-UM512MQ31EG-MS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-UM256ME10CG ETC2-AP-UM256ME10CG Datasheet
429Kb / 22P
   USB-Disk Module?
logo
Apacer Technology Inc.
UDMII-PLUS-LP-180D APACER-UDMII-PLUS-LP-180D Datasheet
1Mb / 4P
   USB-Disk Module (UDM) II Plus
UDMII-PLUS APACER-UDMII-PLUS Datasheet
1Mb / 4P
   USB-Disk Module (UDM) II Plus
logo
Taiwan Memory Technolog...
I5062-ZD TMT-I5062-ZD Datasheet
134Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
I5062-ZD ETC1-I5062-ZD Datasheet
129Kb / 8P
   USB Flash Disk Controller
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
List of Unclassifed Man...
AU9384 ETC-AU9384 Datasheet
461Kb / 24P
   USB Flash Disk Controller
logo
Taiwan Memory Technolog...
I5068-Z TMT-I5068-Z Datasheet
132Kb / 8P
   USB Flash Disk Controller
logo
SMSC Corporation
97CFDC SMSC-97CFDC Datasheet
143Kb / 20P
   USB FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
I5068-Z ETC2-I5068-Z Datasheet
124Kb / 7P
   USB Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com