Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15SMCJ51 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 15SMCJ51
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

15SMCJ51 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  15SMCJ51 Datasheet HTML 1Page - Pan Jit International Inc. 15SMCJ51 Datasheet HTML 2Page - Pan Jit International Inc. 15SMCJ51 Datasheet HTML 3Page - Pan Jit International Inc. 15SMCJ51 Datasheet HTML 4Page - Pan Jit International Inc. 15SMCJ51 Datasheet HTML 5Page - Pan Jit International Inc. 15SMCJ51 Datasheet HTML 6Page - Pan Jit International Inc. 15SMCJ51 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PAGE . 2
November 5,2012-REV.03
1.5SMCJ SERIES
Part Number
Re v e r s e
St a nd- o f f
Vo lt a g e
B r eak dow n
Vo l t a g e
Test
Current
Reverse
Leakage
Max. Clamp
Voltage
10/1000
μs
Peak Pulse
Current
10/1000
μs
Marking
Code
V RWM
(N o t e s 4)
V BR @ I T
I T
IR @ VRWM
VC @ IPP
IPP
Mi n .
Ma x .
UNI
BI
UN I
BI
V
V
V
mA
μ A
μ A
V
A
UN I
BI
1500W Transient Voltage Suppressor
1.5SMCJ5.0
1.5SMCJ5.0C
5
6.4
7.55
10
1000
2000
9.6
156.2
GDD
BDD
1.5SMCJ5.0A
1.5SMCJ5.0CA
5
6.4
7.25
10
1000
2000
9.2
163
GDE
BDE
1.5SMCJ6.0
1.5SMCJ6.0C
6
6.67
8.45
10
1000
2000
11.4
131.6
GDF
BDF
1.5SMCJ6.0A
1.5SMCJ6.0CA
6
6.67
7.67
10
1000
2000
10.3
145.6
GDG
BDG
1.5SMCJ6.5
1.5SMCJ6.5C
6.5
7.22
9.14
10
500
1000
12.3
122
GDH
BDH
1.5SMCJ6.5A
1.5SMCJ6.5CA
6.5
7.22
8.3
10
500
1000
11.2
133.9
GDK
BDK
1.5SMCJ7.0
1.5SMCJ7.0C
7
7.78
9.86
10
200
400
13.3
112.8
GDL
BDL
1.5SMCJ7.0A
1.5SMCJ7.0CA
7
7.78
8.95
10
200
400
12
125
GDM
BDM
1.5SMCJ7.5
1.5SMCJ7.5C
7.5
8.33
10.67
1
100
200
14.3
104.9
GDN
BDN
1.5SMCJ7.5A
1.5SMCJ7.5CA
7.5
8.33
9.58
1
100
200
12.9
116.3
GDP
BDP
1.5SMCJ8.0
1.5SMCJ8.0C
8
8.89
11
1
50
100
15
100
GDQ
BDQ
1.5SMCJ8.0A
1.5SMCJ8.0CA
8
8.89
10.23
1
50
100
13.6
110.3
GDR
BDR
1.5SMCJ8.5
1.5SMCJ8.5C
8.5
9.44
11.92
1
25
50
15.9
94.3
GDS
BDS
1.5SMCJ8.5A
1.5SMCJ8.5CA
8.5
9.44
10.82
1
25
50
14.4
104.2
GDT
BDT
1.5SMCJ9.0
1.5SMCJ9.0C
9
10
12.6
1
10
20
16.9
88.7
GDU
BDU
1.5SMCJ9.0A
1.5SMCJ9.0CA
9
10
11.5
1
10
20
15.4
97.4
GDV
BDV
1.5SMCJ10
1.5SMCJ10C
10
11.1
14.1
1
5
5
18.8
79.8
GDW
BDW
1.5SMCJ10A
1.5SMCJ10CA
10
11.1
12.8
1
5
5
17
88.2
GDX
BDX
1.5SMCJ11
1.5SMCJ11C
11
12.2
15.4
1
1
1
20.1
74.6
GDY
BDY
1.5SMCJ11A
1.5SMCJ11CA
11
12.2
14
1
1
1
18.2
82.4
GDZ
BDZ
1.5SMCJ12
1.5SMCJ12C
12
13.3
16.9
1
1
1
22
68.2
GED
BED
1.5SMCJ12A
1.5SMCJ12CA
12
13.3
15.3
1
1
1
19.9
75.3
GEE
BEE
1.5SMCJ13
1.5SMCJ13C
13
14.4
18.2
1
1
1
23.8
63
GEF
BEF
1.5SMCJ13A
1.5SMCJ13CA
13
14.4
16.5
1
1
1
21.5
69.7
GEG
BEG
1.5SMCJ14
1.5SMCJ14C
14
15.6
19.8
1
1
1
25.8
58.1
GEH
BEH
1.5SMCJ14A
1.5SMCJ14CA
14
15.6
17.9
1
1
1
23.2
64.7
GEK
BEK
1.5SMCJ15
1.5SMCJ15C
15
16.7
21.1
1
1
1
26.9
55.8
GEL
BEL
1.5SMCJ15A
1.5SMCJ15CA
15
16.7
19.2
1
1
1
24.4
61.5
GEM
BEM
1.5SMCJ16
1.5SMCJ16C
16
17.8
22.6
1
1
1
28.8
52.1
GEN
BEN
1.5SMCJ16A
1.5SMCJ16CA
16
17.8
20.5
1
1
1
26
57.7
GEP
BEP
1.5SMCJ17
1.5SMCJ17C
17
18.9
23.9
1
1
1
30.5
49.2
GEQ
BEQ
1.5SMCJ17A
1.5SMCJ17CA
17
18.9
21.7
1
1
1
27.6
53.3
GER
BER
1.5SMCJ18
1.5SMCJ18C
18
20
25.3
1
1
1
32.2
46.6
GES
BES
1.5SMCJ18A
1.5SMCJ18CA
18
20
23.3
1
1
1
29.2
51.4
GET
BET
1.5SMCJ20
1.5SMCJ20C
20
22.2
28.1
1
1
1
35.8
41.9
GEU
BEU
1.5SMCJ20A
1.5SMCJ20CA
20
22.2
25.5
1
1
1
32.4
46.3
GEV
BEV
1.5SMCJ22
1.5SMCJ22C
22
24.4
30.9
1
1
1
39.4
38.1
GEW
BEW
1.5SMCJ22A
1.5SMCJ22CA
22
24.4
28
1
1
1
35.5
42.2
GEX
BEX
1.5SMCJ24
1.5SMCJ24C
24
26.7
33.8
1
1
1
43
34.9
GEY
BEY
1.5SMCJ24A
1.5SMCJ24CA
24
26.7
30.7
1
1
1
38.9
38.6
GEZ
BEZ
1.5SMCJ26
1.5SMCJ26C
26
28.9
36.6
1
1
1
46.6
32.2
GFD
BFD
1.5SMCJ26A
1.5SMCJ26CA
26
28.9
33.2
1
1
1
42.1
35.6
GFE
BFE
1.5SMCJ28
1.5SMCJ28C
28
31.1
39.4
1
1
1
50
30
GFF
BFF
1.5SMCJ28A
1.5SMCJ28CA
28
31.1
35.8
1
1
1
45.4
33
GFG
BFG
1.5SMCJ30
1.5SMCJ30C
30
33.3
42.2
1
1
1
53.5
28
GFH
BFH
1.5SMCJ30A
1.5SMCJ30CA
30
33.3
38.3
1
1
1
48.4
31
GFK
BFK
1.5SMCJ33
1.5SMCJ33C
33
36.7
46.5
1
1
1
59
25.2
GFL
BFL
1.5SMCJ33A
1.5SMCJ33CA
33
36.7
42.2
1
1
1
53.3
28.1
GFM
BFM
1.5SMCJ36
1.5SMCJ36C
36
40
50.7
1
1
1
64.3
23.3
GFN
BFN
1.5SMCJ36A
1.5SMCJ36CA
36
40
46
1
1
1
58.1
25.8
GFP
BFP
1.5SMCJ40
1.5SMCJ40C
40
44.4
56.3
1
1
1
71.4
21
GFQ
BFQ
1.5SMCJ40A
1.5SMCJ40CA
40
44.4
51.1
1
1
1
64.5
23.2
GFR
BFR


Similar Part No. - 15SMCJ51

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
15SMCJ PANJIT-15SMCJ Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Won-Top Electronics
15SMCJ WTE-15SMCJ Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diotec Semiconductor
15SMCJ65 DIOTEC-15SMCJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
15SMCJ65 DIOTEC-15SMCJ65 Datasheet
170Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
15SMCJ65 DIOTEC-15SMCJ65 Datasheet
169Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
More results

Similar Description - 15SMCJ51

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMCJ-AU PANJIT-1.5SMCJ-AU Datasheet
244Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
3KP_SERIES PANJIT-3KP_SERIES_14 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
3.0SMCJ_SERIES PANJIT-3.0SMCJ_SERIES_14 Datasheet
240Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
5.0SMCJ_SERIES PANJIT-5.0SMCJ_SERIES_14 Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
5.0SMCJ PANJIT-5.0SMCJ Datasheet
158Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5KE PANJIT-1.5KE_08 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
3.0SMCJ PANJIT-3.0SMCJ_09 Datasheet
153Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
3KP PANJIT-3KP_09 Datasheet
86Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
1.5SMCJ PANJIT-1.5SMCJ_09 Datasheet
148Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
2.0SMCJ22A PANJIT-2.0SMCJ22A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com