Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30SMCJ58 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 30SMCJ58
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

30SMCJ58 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  30SMCJ58 Datasheet HTML 1Page - Pan Jit International Inc. 30SMCJ58 Datasheet HTML 2Page - Pan Jit International Inc. 30SMCJ58 Datasheet HTML 3Page - Pan Jit International Inc. 30SMCJ58 Datasheet HTML 4Page - Pan Jit International Inc. 30SMCJ58 Datasheet HTML 5Page - Pan Jit International Inc. 30SMCJ58 Datasheet HTML 6Page - Pan Jit International Inc. 30SMCJ58 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PAGE . 3
November 2,2012-REV.10
3.0SMCJ SERIES
Part Number
Reve rse
S tand -off
Vo lta ge
Breakdown
Voltage
TestC urrent
Reverse
Leakage
Max.
Clamp
Voltage
10/1000 μs
Peak
Pulse
Current
10/1000μs
Marking Code
VRWM
(No tes 4)
V BR @ I T
IT
IR @ VRWM
VC @ IPP
IPP
Mi n.
Ma x.
UNI
BI
UNI
BI
V
V
V
mA
μ
A
μ
A
V
A
UNI
BI
3000W Transient Voltage Suppressor
3.0SMCJ43A
3.0SMCJ43CA
43
47.8
54.9
1
3
3
69.4
43.2
HFT
IFT
3.0SMCJ45
3.0SMCJ45C
45
50
63.3
1
3
3
80.3
37.4
HFU
IFU
3.0SMCJ45A
3.0SMCJ45CA
45
50
57.5
1
3
3
72.7
41.2
HFV
IFV
3.0SMCJ48
3.0SMCJ48C
48
53.3
67.5
1
3
3
85.5
35
HFW
IFW
3.0SMCJ48A
3.0SMCJ48CA
48
53.3
61.3
1
3
3
77.4
38.8
HFX
IFX
3.0SMCJ51
3.0SMCJ51C
51
56.7
71.8
1
3
3
91.1
37
HFY
IFY
3.0SMCJ51A
3.0SMCJ51CA
51
56.7
65.2
1
3
3
82.4
36.4
HFZ
IFZ
3.0SMCJ54
3.0SMCJ54C
54
60
76
1
3
3
96.3
31.2
HGD
IGD
3.0SMCJ54A
3.0SMCJ54CA
54
60
69
1
3
3
87.1
34.4
HGE
IGE
3.0SMCJ58
3.0SMCJ58C
58
64.4
81.6
1
3
3
103
39.2
HGF
IGF
3.0SMCJ58A
3.0SMCJ58CA
58
64.4
74.1
1
3
3
93.6
32
HGG
IGG
3.0SMCJ60
3.0SMCJ60C
60
66.7
84.5
1
3
3
107
28
HGH
IGH
3.0SMCJ60A
3.0SMCJ60CA
60
66.7
76.7
1
3
3
96.8
31
HGK
IGK
3.0SMCJ64
3.0SMCJ64C
64
71.1
90.1
1
3
3
114
26.4
HGL
IGL
3.0SMCJ64A
3.0SMCJ64CA
64
71.1
81.8
1
3
3
103
29.2
HGM
IGM
3.0SMCJ70
3.0SMCJ70C
70
77.8
98.6
1
3
3
125
24
HGN
IGN
3.0SMCJ70A
3.0SMCJ70CA
70
77.8
89.5
1
3
3
113
26.6
HGP
IGP
3.0SMCJ75
3.0SMCJ75C
75
83.3
105.7
1
3
3
134
22.4
HGQ
IGQ
3.0SMCJ75A
3.0SMCJ75CA
75
83.3
95.8
1
3
3
121
24.8
HGR
IGR
3.0SMCJ78
3.0SMCJ78C
78
86.7
109.8
1
3
3
139
21.6
HGS
IGS
3.0SMCJ78A
3.0SMCJ78CA
78
86.7
99.7
1
3
3
126
22.8
HGT
IGT
3.0SMCJ85
3.0SMCJ85C
85
94.4
119.2
1
3
3
151
19.8
HGU
IGU
3.0SMCJ85A
3.0SMCJ85CA
85
94.4
108.2
1
3
3
137
20.8
HGV
IGV
3.0SMCJ90
3.0SMCJ90C
90
100
126.5
1
3
3
160
18.8
HGW
IGW
3.0SMCJ90A
3.0SMCJ90CA
90
100
115.5
1
3
3
146
20.6
HGX
IGX
3.0SMCJ100
3.0SMCJ100C
100
111
141
1
3
3
179
16.6
HGY
IGY
3.0SMCJ100A
3.0SMCJ100CA
100
111
128
1
3
3
162
18.6
HGZ
IGZ
3.0SMCJ110
3.0SMCJ110C
110
122
154.5
1
3
3
196
15.4
HHD
IHD
3.0SMCJ110A
3.0SMCJ110CA
110
122
140.5
1
3
3
177
16.8
HHE
IHE
3.0SMCJ120
3.0SMCJ120C
120
133
169
1
3
3
214
14
HHF
IHF
3.0SMCJ120A
3.0SMCJ120CA
120
133
153
1
3
3
193
15.6
HHG
IHG
3.0SMCJ130
3.0SMCJ130C
130
144
182.5
1
3
3
231
13
HHH
IHH
3.0SMCJ130A
3.0SMCJ130CA
130
144
165.5
1
3
3
209
14.4
HHK
IHK
3.0SMCJ150
3.0SMCJ150C
150
167
211.5
1
3
3
268
11.2
HHL
IHL
3.0SMCJ150A
3.0SMCJ150CA
150
167
192.5
1
3
3
243
12.4
HHM
IHM
3.0SMCJ160
3.0SMCJ160C
160
178
226
1
3
3
287
10.4
HHN
IHN
3.0SMCJ160A
3.0SMCJ160CA
160
178
205
1
3
3
259
11.6
HHP
IHP
3.0SMCJ170
3.0SMCJ170C
170
189
239.5
1
3
3
304
9.8
HHQ
IHQ
3.0SMCJ170A
3.0SMCJ170CA
170
189
217.5
1
3
3
275
11
HHR
IHR
3.0SMCJ180
3.0SMCJ180C
180
198
253.8
1
3
3
322
9.3
HHS
IHS
3.0SMCJ180A
3.0SMCJ180CA
180
198
230.4
1
3
3
292
10.3
HHT
IHT
3.0SMCJ190
3.0SMCJ190C
190
209
267.9
1
3
3
340
8.8
HHU
IHU
3.0SMCJ190A
3.0SMCJ190CA
190
209
243.2
1
3
3
308
9.7
HHV
IHV
3.0SMCJ200
3.0SMCJ200C
200
220
282
1
3
3
358
8.4
HHW
IHW
3.0SMCJ200A
3.0SMCJ200CA
200
220
256
1
3
3
324
9.3
HHX
IHX
3.0SMCJ210
3.0SMCJ210C
210
231
296.1
1
3
3
376
7.8
HHY
IHY
3.0SMCJ210A
3.0SMCJ210CA
210
231
268.8
1
3
3
340
8.8
HHZ
IHZ
3.0SMCJ220
3.0SMCJ220C
220
242
310.2
1
3
3
394
7.6
HID
IID
3.0SMCJ220A
3.0SMCJ220CA
220
242
281.6
1
3
3
356
8.4
HIE
IIE


Similar Part No. - 30SMCJ58

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
30SMCJ50 DIOTEC-30SMCJ50 Datasheet
124Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
30SMCJ50 DIOTEC-30SMCJ50 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
30SMCJ50 DIOTEC-30SMCJ50_18 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results

Similar Description - 30SMCJ58

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP_SERIES PANJIT-3KP_SERIES_14 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
logo
Jinan Jingheng (Group) ...
3KP JINANJINGHENG-3KP Datasheet
775Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER-3000 Watts
logo
Pan Jit International I...
5.0SMCJ_SERIES PANJIT-5.0SMCJ_SERIES_14 Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
5.0SMCJ PANJIT-5.0SMCJ Datasheet
158Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
3.0SMCJ PANJIT-3.0SMCJ_09 Datasheet
153Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
3KP PANJIT-3KP_09 Datasheet
86Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
1.5SMCJ PANJIT-1.5SMCJ_09 Datasheet
148Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
2.0SMCJ22A PANJIT-2.0SMCJ22A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
Taiwan Semiconductor Co...
3.0SMCJ TSC-3.0SMCJ_1 Datasheet
279Kb / 4P
   3000 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com