Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE130 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # P6KE130
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6KE130 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  P6KE130 Datasheet HTML 1Page - Pan Jit International Inc. P6KE130 Datasheet HTML 2Page - Pan Jit International Inc. P6KE130 Datasheet HTML 3Page - Pan Jit International Inc. P6KE130 Datasheet HTML 4Page - Pan Jit International Inc. P6KE130 Datasheet HTML 5Page - Pan Jit International Inc. P6KE130 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE . 3
November 15,2012-REV.07
P6KE SERIES
Part Number
Reverse
Stand-off
Voltage
Breakdown Voltage
Test
Current
Reverse Leakage
Max.
Clamp
Voltage
10/1000μs
Peak
Pulse
Current
10/1000μs
Marking Code
V RWM
(Notes 4)
V BR @ IT
IT
IR @ VRWM
VC @ IPP
IPP
Mi n.
Max.
UNI
BI
UNI
BI
V
V
V
mA
μ
A
μ
A
V
A
UNI
BI
600W Transient Voltage Suppressor
P6KE51
P6KE51C
41.3
45.9
56.1
1
1
1
73.5
8.2
P6KE51
P6KE51C
P6KE51A
P6KE51CA
43.6
48.5
53.6
1
1
1
70.1
8.6
P6KE51A
P6KE51CA
P6KE56
P6KE56C
45.6
50.4
61.6
1
1
1
80.5
7.4
P6KE56
P6KE56C
P6KE56A
P6KE56CA
47.8
53.2
58.8
1
1
1
77
7.8
P6KE56A
P6KE56CA
P6KE62
P6KE62C
50.2
55.8
68.2
1
1
1
89
6.8
P6KE62
P6KE62C
P6KE62A
P6KE62CA
53
58.9
65.1
1
1
1
85
7.1
P6KE62A
P6KE62CA
P6KE68
P6KE68C
55.1
61.2
74.8
1
1
1
98
6.1
P6KE68
P6KE68C
P6KE68A
P6KE68CA
58.1
64.6
71.4
1
1
1
92
6.5
P6KE68A
P6KE68CA
P6KE75
P6KE75C
60.7
67.5
82.5
1
1
1
108
5.5
P6KE75
P6KE75C
P6KE75A
P6KE75CA
64.1
71.3
78.8
1
1
1
103
5.8
P6KE75A
P6KE75CA
P6KE82
P6KE82C
66.4
73.8
90.2
1
1
1
118
5.1
P6KE82
P6KE82C
P6KE82A
P6KE82CA
70.1
77.9
86.1
1
1
1
113
5.3
P6KE82A
P6KE82CA
P6KE91
P6KE91C
73.7
81.9
100
1
1
1
131
4.5
P6KE91
P6KE91C
P6KE91A
P6KE91CA
77.8
86.5
95.5
1
1
1
125
4.8
P6KE91A
P6KE91CA
P6KE100
P6KE100C
81
90
110
1
1
1
144
4.2
P6KE100
P6KE100C
P6KE100A
P6KE100CA
85.5
95
105
1
1
1
137
4.4
P6KE100A P6KE100CA
P6KE110
P6KE110C
89.2
99
121
1
1
1
158
3.8
P6KE110
P6KE110C
P6KE110A
P6KE110CA
94
105
116
1
1
1
152
4
P6KE110A P6KE110CA
P6KE120
P6KE120C
97.2
108
132
1
1
1
173
3.5
P6KE120
P6KE120C
P6KE120A
P6KE120CA
102
114
126
1
1
1
165
3.6
P6KE120A P6KE120CA
P6KE130
P6KE130C
105
117
143
1
1
1
187
3.2
P6KE130
P6KE130C
P6KE130A
P6KE130CA
111
124
137
1
1
1
179
3.3
P6KE130A P6KE130CA
P6KE150
P6KE150C
121
135
165
1
1
1
215
2.8
P6KE150
P6KE150C
P6KE150A
P6KE150CA
128
143
158
1
1
1
207
2.9
P6KE150A P6KE150CA
P6KE160
P6KE160C
130
144
176
1
1
1
230
2.6
P6KE160
P6KE160C
P6KE160A
P6KE160CA
136
152
168
1
1
1
219
2.7
P6KE160A P6KE160CA
P6KE170
P6KE170C
138
153
187
1
1
1
244
2.5
P6KE170
P6KE170C
P6KE170A
P6KE170CA
145
162
179
1
1
1
234
2.6
P6KE170A P6KE170CA
P6KE180
P6KE180C
146
162
198
1
1
1
258
2.3
P6KE180
P6KE180C
P6KE180A
P6KE180CA
154
171
189
1
1
1
246
2.4
P6KE180A P6KE180CA
P6KE200
P6KE200C
162
180
220
1
1
1
287
2.1
P6KE200
P6KE200C
P6KE200A
P6KE200CA
171
190
210
1
1
1
274
2.2
P6KE200A P6KE200CA
P6KE220
P6KE220C
175
198
242
1
1
1
344
1.8
P6KE220
P6KE220C
P6KE220A
P6KE220CA
185
209
231
1
1
1
328
1.9
P6KE220A P6KE220CA
P6KE250
P6KE250C
202
225
275
1
1
1
360
1.7
P6KE250
P6KE250C
P6KE250A
P6KE250CA
214
237
263
1
1
1
344
1.8
P6KE250A P6KE250CA
P6KE300
P6KE300C
243
270
330
1
1
1
430
1.4
P6KE300
P6KE300C
P6KE300A
P6KE300CA
256
285
315
1
1
1
414
1.5
P6KE300A P6KE300CA
P6KE350
P6KE350C
284
315
385
1
1
1
504
1.2
P6KE350
P6KE350C
P6KE350A
P6KE350CA
300
332
368
1
1
1
482
1.3
P6KE350A P6KE350CA
P6KE400
P6KE400C
324
360
440
1
1
1
574
1.05
P6KE400
P6KE400C
P6KE400A
P6KE400CA
342
380
420
1
1
1
548
1.1
P6KE400A P6KE400CA
P6KE440
P6KE440C
356
396
484
1
1
1
631
0.99
P6KE440
P6KE440C
P6KE440A
P6KE440CA
376
418
462
1
1
1
600
1.04
P6KE440A P6KE440CA


Similar Part No. - P6KE130

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE130 PANJIT-P6KE130 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Shenzhen Luguang Electr...
P6KE130 LUGUANG-P6KE130 Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
P6KE130 YANGJIE-P6KE130 Datasheet
187Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
P6KE130 MICROSEMI-P6KE130 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Shenzhen Luguang Electr...
P6KE130 LUGUANG-P6KE130 Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P6KE130

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA5.0_SERIES PANJIT-SA5.0_SERIES_14 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
P4KE_SERIES PANJIT-P4KE_SERIES_14 Datasheet
194Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
P6KE-AU PANJIT-P6KE-AU Datasheet
229Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watt
SA5.0 PANJIT-SA5.0_08 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P6KE PANJIT-P6KE_09 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P4KE PANJIT-P4KE_08 Datasheet
104Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com