Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB130 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # P6SMB130
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6SMB130 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  P6SMB130 Datasheet HTML 1Page - Pan Jit International Inc. P6SMB130 Datasheet HTML 2Page - Pan Jit International Inc. P6SMB130 Datasheet HTML 3Page - Pan Jit International Inc. P6SMB130 Datasheet HTML 4Page - Pan Jit International Inc. P6SMB130 Datasheet HTML 5Page - Pan Jit International Inc. P6SMB130 Datasheet HTML 6Page - Pan Jit International Inc. P6SMB130 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PAGE . 1
December 2,2013-REV.08
P6SMB SERIES
FEATURES
• For surface mounted applications in order to optimize board space.
• Glass passivated junction
• Low inductance
• Plastic package has Underwriters Laboratory
Fammability Classification 94V-O
• High temperature soldering : 260°C /10 seconds at terminals
• Lead free in compliance with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case:JEDEC DO-214AA ,Molded plastic over passivated junction
• Terminals: Solder plated,solderable per MIL-STD-750,Method 2026
• Polarity : Color band denotes cathode end
• Standard Packaging:12mm tape (EIA-481)
• Weight: 0.003 ounce, 0.093 gram
NOTES:
1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25oC per Fig. 2.
2. Mounted on 5mm2 (0.13mm thick) land areas.
3. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulse s per minute maximum.
4. A transient suppressor is selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than
the DC or continuous peak operating voltage level.
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types
Ele ctrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600Watts
BREAK DOWN VOLTAGE
6.8 to 400 Volt
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000s waveform (Notes 1,2, Fig.1)
P
PP
600
Watts
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method) (Notes 2,3)
I
FSM
100
Amps
Peak Pulse Current on 10/1000s waveform (Notes 1) Fig.3
I
PPM
see Table 1
Amps
Typical Thermal Resistance Junction to Air (Notes 2)
R
JA
60
O
C / W
Operating Junction and Storage Temperature Range
T
J,TSTG
-55 to +150
O
C
0.185(4.70)
0.160(4.06)
0.050(1.27)
0.030(0.76)
0.220(5.59)
0.200(5.08)
0.012(0.305)
0.006(0.152)


Similar Part No. - P6SMB130

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6SMB130 MOTOROLA-P6SMB130 Datasheet
240Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Nantong Hornby Electron...
P6SMB130 HORNBY-P6SMB130 Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P6SMB130 TSC-P6SMB130 Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
P6SMB130 TSC-P6SMB130 Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P6SMB130 PANJIT-P6SMB130 Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMB130

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
SMBJ SKTECHNOLGY-SMBJ Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
DONGGUAN YOU FENG WEI E...
SMBFJ6.8A YFWDIODE-SMBFJ6.8A Datasheet
496Kb / 5P
   Surface mount transient voltage suppressor power 600 watts
logo
SHIKUES Electronics
P6SMB SKTECHNOLGY-P6SMB Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
Pan Jit International I...
P6SMAFJ5.0A PANJIT-P6SMAFJ5.0A Datasheet
116Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
DONGGUAN YOU FENG WEI E...
SMBJ6.8A YFWDIODE-SMBJ6.8A Datasheet
520Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
Shenzhen Luguang Electr...
SMBJ LUGUANG-SMBJ_13 Datasheet
316Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Fuji Electric
P6SMB FUJI-P6SMB Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMBJ5.0 TSC-SMBJ5.0_1 Datasheet
562Kb / 5P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMBJ440 LUGUANG-SMBJ440 Datasheet
1,002Kb / 6P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
P6SMB TSC-P6SMB_1 Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com