Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJP1943OTU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FJP1943OTU
Description  PNP Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJP1943OTU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FJP1943OTU Datasheet HTML 1Page - Fairchild Semiconductor FJP1943OTU Datasheet HTML 2Page - Fairchild Semiconductor FJP1943OTU Datasheet HTML 3Page - Fairchild Semiconductor FJP1943OTU Datasheet HTML 4Page - Fairchild Semiconductor FJP1943OTU Datasheet HTML 5Page - Fairchild Semiconductor FJP1943OTU Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJP1943 Rev. B
3
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain ( R Grade )
Figure 3. DC current Gain ( O Grade )
Figure 4. Collector-Emitter Saturation Voltage
Figure 5. Base-Emitter Saturation Voltage
Figure 6. Base-Emitter On Voltage
-0
-2
-4
-6
-8
-10
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
I
B
= -500mA
I
B
= -600mA
I
B
= -400m
A
I
B = -700mA
I
B = -300mA
I
B = -900mA
I
B = -200mA
I
B = -800mA
I
B = -1A
I
B = -100mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.1
1
10
1
10
100
V
CE
= -5V
Tj = -25
oC
Tj = 25
oC
Tj = 125
oC
I
C
[A], COLLECTOR CURRENT
0.1
1
10
1
10
100
V
CE
= -5V
Tj = -25
oC
Tj = 25
oC
Tj = 125
oC
I
C
[A], COLLECTOR CURRENT
0.1
1
10
10
100
1000
10000
Ic=-10Ib
Tj=-25
oC
Tj=25
oC
Tj=125
oC
Ic[A], COLLECTOR CURRENT
0.1
1
10
100
1000
10000
Ic=-10Ib
Tj=-25
oC
Tj=25
oC
Tj=125
oC
Ic[A], COLLECTOR CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
2
4
6
8
10
12
14
VCE = 5V
VBE[V], BASE-EMITTER VOLTAGE


Similar Part No. - FJP1943OTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJP1943 FAIRCHILD-FJP1943 Datasheet
561Kb / 5P
   Audio Power Amplifier
More results

Similar Description - FJP1943OTU

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com