Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN258-55-07 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FN258-55-07
Description  Book-style EMC/RFI Filter for Inverters and Power Drive Systems
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN258-55-07 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FN258-55-07 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN258-55-07 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN258-55-07 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN258-55-07 Datasheet HTML 4Page - List of Unclassifed Manufacturers FN258-55-07 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EMC/EMIProducts
SchaffnerGroup Datasheets 2014
Headquarters,global
innovationanddevelopment
center
Switzerland
Schaffner Group
Nordstrasse 11
4542 Luterbach
T +41 32 6816 626
F +41 32 6816 630
info@schaffner.com
http://www.schaffner.com
To nd your local partner within Schaffner‘s
global network: www.schaffner.com
© 2014 Schaffner Group
The content of this document has been
carefully checked and understood. However,
neither Schaffner nor its subsidiaries assume
any liability whatsoever for any errors or
inaccuracies of this document and the
consequences thereof. Published speci ca-
tions are subject to change without notice.
Product suitability for any area of application
must ultimately be determined by the
customer. In all cases, products must never be
operated
outside
their
published
speci cations. Schaffner does not guarantee
the availability of all published products. This
disclaimer shall be governed by substantive
Swiss law and resulting disputes shall be
settled by the courts at the place of business
of Schaffner Holding AG. Latest publications
and a complete disclaimer can be downloa-
ded from the Schaffner website. All
trademarks recognized.
Sales andapplicationcenters
China
Schaffner EMC Ltd. Shanghai
T20-3, No 565 Chuangye Road
Pudong New Area
201201 Shanghai
T +86 21 3813 9500
F +86 21 3813 9501 / 02
cschina@schaffner.com
http://www.schaffner.com.cn/
Finland
Schaffner Oy
Sauvonrinne 19 H
08500 Lohja
T +358 19 35 72 71
finlandsales@schaffner.com
France
Schaffner EMC S.A.S.
112, Quai de Bezons
Boîte postale 133
95103 Argenteuil
T +33 1 34 34 30 60
F +33 1 39 47 02 28
francesales@schaffner.com
Germany
Schaffner Deutschland GmbH
Schoemperlenstrasse 12B
76185 Karlsruhe
T +49 721 56910
F +49 721 569110
germanysales@schaffner.com
Italy
Schaffner EMC S.r.l.
Via Galileo Galilei 47
20092 Cinisello Balsamo (MI)
T +39 02 66 04 30 45/47
F +39 02 61 23 943
italysales@schaffner.com
Japan
Schaffner EMC K.K.
1-32-12, Kamiuma, Setagaya-ku
7F Mitsui-seimei Sangenjaya Bldg.
154-0011 Tokyo
T +81 3 5712 3650
F +81 3 5712 3651
japansales@schaffner.com
http://www.schaffner.jp
Singapore
Schaffner EMC Pte Ltd.
Blk 3015A Ubi Road 1
05-09 Kampong Ubi Industrial Estate
408705 Singapore
T +65 6377 3283
F +65 6377 3281
singaporesales@schaffner.com
Spain
Schaffner EMC España
Calle Caléndula 93
Miniparc III, Edificio E
El Soto de la Moraleja
Alcobendas
28109 Madrid
T +34 618 176 133
spainsales@schaffner.com
Sweden
Schaffner EMC AB
Turebergstorg 1, 6
19147 Sollentuna
T +46 8 5792 1121 / 22
F +46 8 92 96 90
swedensales@schaffner.com
Switzerland
Schaffner EMV AG
Nordstrasse 11
4542 Luterbach
T +41 32 6816 626
F +41 32 6816 641
sales@schaffner.ch
Taiwan R.O.C.
Schaffner EMV Ltd.
6 Floor, No. 413
Rui Guang Road
114 Neihu District Taipei City
T +886 2 87525050
F +886 2 87518086
taiwansales@schaffner.com
Thailand
Schaffner EMC Co. Ltd.
Northern Region Industrial Estate
67 Moo 4 Tambon Ban Klang
Amphur Muangg P.O. Box 14
51000 Lamphun
T +66 53 58 11 04
F +66 53 58 10 19
thailandsales@schaffner.com
UK
Schaffner Ltd.
5 Ashville Way
Molly Millars Lane
Wokingham
RG41 2PL Berkshire
T +44 118 9770070
F +44 118 9792969
uksales@schaffner.com
http://www.schaffner.uk.com
USA
Schaffner EMC Inc.
52 Mayfield Avenue
08837 Edison, New Jersey
T +1 800 367 5566
T +1 732 225 9533
F +1 732 225 4789
usasales@schaffner.com
http://www.schaffner.com/us
Schaffner MTC LLC
6722 Thirlane Road
24019 Roanoke, Virginia
T +1 276 228 7943
F +1 276 228 7953
http://www.schaffnerusa.com
Schaffner Trenco LLC
2550 Brookpark Road
44134 Cleveland, Ohio
T +1 216 741 5282
F +1 216 741 4860
www.schaffner-trenco.com
5


Similar Part No. - FN258-55-07

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN258-100-35 SCHAFFNER-FN258-100-35 Datasheet
466Kb / 5P
   Book-style EMC/RFI Filter for Inverters and Power Drive Systems
FN258-130-35 SCHAFFNER-FN258-130-35 Datasheet
466Kb / 5P
   Book-style EMC/RFI Filter for Inverters and Power Drive Systems
logo
List of Unclassifed Man...
FN258-7-07 ETC2-FN258-7-07 Datasheet
309Kb / 4P
   Book-style EMC/RFI Filter for Inverters and Power Drive Systems
More results

Similar Description - FN258-55-07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN258-7-07 ETC2-FN258-7-07 Datasheet
309Kb / 4P
   Book-style EMC/RFI Filter for Inverters and Power Drive Systems
logo
Schaffner International...
FN-258 SCHAFFNER-FN-258 Datasheet
466Kb / 5P
   Book-style EMC/RFI Filter for Inverters and Power Drive Systems
FN-3287 SCHAFFNER-FN-3287 Datasheet
1Mb / 9P
   Smallest book-style EMC/RFI Filter for Inverter and Power Drive Systems
FN3840 SCHAFFNER-FN3840 Datasheet
1Mb / 6P
   Book-style EMC/RFI Filter for regenerative drive application
FN-3270 SCHAFFNER-FN-3270 Datasheet
681Kb / 4P
   Compact EMC/RFI Filter for Industrial Motor Drive Applications
FN-2200 SCHAFFNER-FN-2200 Datasheet
1Mb / 5P
   EMC/EMI Filter for PV Inverters
logo
List of Unclassifed Man...
FN2200-600-99 ETC2-FN2200-600-99 Datasheet
461Kb / 4P
   DC EMC/EMI Filter for PV Inverters
logo
Schaffner International...
FN-350 SCHAFFNER-FN-350 Datasheet
557Kb / 4P
   Compact EMC/RFI Filter for Motor Drives
FN-3120 SCHAFFNER-FN-3120 Datasheet
309Kb / 4P
   High-Performance EMC/RFI Filter for Drives
FN-3359 SCHAFFNER-FN-3359 Datasheet
786Kb / 4P
   High-current EMC/RFI Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com