Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN2060-12-06 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FN2060-12-06
Description  Multi-stage General Purpose EMI Filter Single-Phase Filters FN 2060
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN2060-12-06 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FN2060-12-06 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN2060-12-06 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN2060-12-06 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN2060-12-06 Datasheet HTML 4Page - List of Unclassifed Manufacturers FN2060-12-06 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EMC/EMIProducts
SchaffnerGroup Datasheets 2014
Headquarters,global
innovationanddevelopment
center
Switzerland
Schaffner Group
Nordstrasse 11
4542 Luterbach
T +41 32 6816 626
F +41 32 6816 630
info@schaffner.com
http://www.schaffner.com
To nd your local partner within Schaffner‘s
global network, please go to:
www.schaffner.com
© 2014 Schaffner Group
The content of this document has been
carefully checked and understood. However,
neither Schaffner nor its subsidiaries assume
any liability whatsoever for any errors or
inaccuracies of this document and the
consequences
thereof.
Published
speci cations are subject to change without
notice. Product suitability for any area of
application must ultimately be determined by
the customer. In all cases, products must
never be operated outside their published
speci cations. Schaffner does not guarantee
the availability of all published products. This
disclaimer shall be governed by substantive
Swiss law and resulting disputes shall be
settled by the courts at the place of business
of Schaffner Holding AG. Latest publications
and a complete disclaimer can be
downloaded from the Schaffner website. All
trademarks recognized.
Sales andapplicationcenters
China
Schaffner EMC Ltd. Shanghai
T20-3, No 565 Chuangye Road
Pudong New Area
201201 Shanghai
T +86 21 3813 9500
F +86 21 3813 9501 / 02
cschina@schaffner.com
http://www.schaffner.com.cn/
Finland
Schaffner Oy
Sauvonrinne 19 H
08500 Lohja
T +358 19 35 72 71
finlandsales@schaffner.com
France
Schaffner EMC S.A.S.
112, Quai de Bezons
Boîte postale 133
95103 Argenteuil
T +33 1 34 34 30 60
F +33 1 39 47 02 28
francesales@schaffner.com
Germany
Schaffner Deutschland GmbH
Schoemperlenstrasse 12B
76185 Karlsruhe
T +49 721 56910
F +49 721 569110
germanysales@schaffner.com
Italy
Schaffner EMC S.r.l.
Via Galileo Galilei 47
20092 Cinisello Balsamo (MI)
T +39 02 66 04 30 45/47
F +39 02 61 23 943
italysales@schaffner.com
Japan
Schaffner EMC K.K.
1-32-12, Kamiuma, Setagaya-ku
7F Mitsui-seimei Sangenjaya Bldg.
154-0011 Tokyo
T +81 3 5712 3650
F +81 3 5712 3651
japansales@schaffner.com
http://www.schaffner.jp
Singapore
Schaffner EMC Pte Ltd.
Blk 3015A Ubi Road 1
05-09 Kampong Ubi Industrial Estate
408705 Singapore
T +65 6377 3283
F +65 6377 3281
singaporesales@schaffner.com
Spain
Schaffner EMC España
Calle Caléndula 93
Miniparc III, Edificio E
El Soto de la Moraleja
Alcobendas
28109 Madrid
T +34 618 176 133
spainsales@schaffner.com
Sweden
Schaffner EMC AB
Turebergstorg 1, 6
19147 Sollentuna
T +46 8 5792 1121 / 22
F +46 8 92 96 90
swedensales@schaffner.com
Switzerland
Schaffner EMV AG
Nordstrasse 11
4542 Luterbach
T +41 32 6816 626
F +41 32 6816 641
sales@schaffner.ch
Taiwan R.O.C.
Schaffner EMV Ltd.
6 Floor, No. 413
Rui Guang Road
114 Neihu District Taipei City
T +886 2 87525050
F +886 2 87518086
taiwansales@schaffner.com
Thailand
Schaffner EMC Co. Ltd.
Northern Region Industrial Estate
67 Moo 4 Tambon Ban Klang
Amphur Muangg P.O. Box 14
51000 Lamphun
T +66 53 58 11 04
F +66 53 58 10 19
thailandsales@schaffner.com
UK
Schaffner Ltd.
5 Ashville Way
Molly Millars Lane
Wokingham
RG41 2PL Berkshire
T +44 118 9770070
F +44 118 9792969
uksales@schaffner.com
http://www.schaffner.uk.com
USA
Schaffner EMC Inc.
52 Mayfield Avenue
08837 Edison, New Jersey
T +1 800 367 5566
T +1 732 225 9533
F +1 732 225 4789
usasales@schaffner.com
http://www.schaffner.com/us
Schaffner MTC LLC
6722 Thirlane Road
24019 Roanoke, Virginia
T +1 276 228 7943
F +1 276 228 7953
http://www.schaffnerusa.com
Schaffner Trenco LLC
2550 Brookpark Road
44134 Cleveland, Ohio
T +1 216 741 5282
F +1 216 741 4860
www.schaffner-trenco.com
5


Similar Part No. - FN2060-12-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN2060-16-06 ETC2-FN2060-16-06 Datasheet
1Mb / 4P
   1A - 30A
More results

Similar Description - FN2060-12-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN2070-16-07 ETC2-FN2070-16-07 Datasheet
260Kb / 5P
   Multi-stage Performance EMI Filter Single-Phase Filters FN 2070
FN2010-6-06 ETC2-FN2010-6-06 Datasheet
201Kb / 5P
   General Purpose EMI Filter Single-Phase Filters FN 2010
FN2080-16-07 ETC2-FN2080-16-07 Datasheet
182Kb / 5P
   Multi-stage High Performance EMI Filter Single-Phase Filters FN 2080
FN2030-6-06 ETC2-FN2030-6-06 Datasheet
249Kb / 5P
   General Purpose EMI Filter with High Attenuation Performance Single-Phase Filters FN 2030
FN2060-6-06 ETC2-FN2060-6-06 Datasheet
598Kb / 5P
   Multi-stage General Purpose EMI Filter
logo
Schaffner International...
FN-2060 SCHAFFNER-FN-2060 Datasheet
969Kb / 7P
   Multi-stage General Purpose AC/DC EMI Filter
FN-352-Z SCHAFFNER-FN-352-Z Datasheet
291Kb / 4P
   Multi-stage EMI Filter
logo
List of Unclassifed Man...
FN3359-600-99 ETC2-FN3359-600-99 Datasheet
227Kb / 4P
   High-current EMC/RFI Filter 3-Phase Filters FN 3359
FN410-6-02 ETC2-FN410-6-02 Datasheet
159Kb / 3P
   High Performance Two-stage PCB-mounting EMC Filter PCB Filters FN 410
FN405-10-02 ETC2-FN405-10-02 Datasheet
151Kb / 3P
   PCB-mounting filter PCB Filters FN 405
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com