Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78A2GC8AF00C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 78A2GC8AF00C
Description  2GB DDR3 SDRAM SODIMM with SPD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

78A2GC8AF00C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  78A2GC8AF00C Datasheet HTML 1Page - List of Unclassifed Manufacturers 78A2GC8AF00C Datasheet HTML 2Page - List of Unclassifed Manufacturers 78A2GC8AF00C Datasheet HTML 3Page - List of Unclassifed Manufacturers 78A2GC8AF00C Datasheet HTML 4Page - List of Unclassifed Manufacturers 78A2GC8AF00C Datasheet HTML 5Page - List of Unclassifed Manufacturers 78A2GC8AF00C Datasheet HTML 6Page - List of Unclassifed Manufacturers 78A2GC8AF00C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specifications
Features
On Dimm Thermal Sensor: No
• Double-data-rate architecture; two data transfers per
• Density: 2GB
clock cycle
• Organization
• The high-speed data transfer is realized by the 8 bits
prefetch pipelined architecture
 256M words × 64 bits, 1 rank
• Bi-directional differential data strobe (DQS and /DQS)
• Mounting 8 pieces of 2G bits DDR3 SDRAM sealed
is transmitted/received with data for capturing data at
in FBGA
the receiver
• Package: 204-pin socket type small outline dual in
• DQS is edge-aligned with data for READs; center-
line memory module (SO-DIMM)
aligned with data for WRITEs
 PCB height: 30.0mm
• Differential clock inputs (CK and /CK)
 Lead pitch: 0.6mm (pin)
• DLL aligns DQ and DQS transitions with CK
 Lead-free (RoHS compliant)
transitions
• Power supply: VDD = 1.5V ± 0.075V
• Commands entered on each positive CK edge; data
• Eight internal banks for concurrent operation
and data mask referenced to both edges of DQS
(components)
• Data mask (DM) for write data
• Interface: SSTL_15
• Posted /CAS by programmable additive latency for
• Burst lengths (BL): 8 and 4 with Burst Chop (BC)
better command and data bus efficiency
• /CAS Latency (CL): 6, 7, 8, 9
• On-Die-Termination (ODT) for better signal quality
• /CAS write latency (CWL): 5, 6, 7
 Synchronous ODT
• Precharge: auto precharge option for each burst
 Dynamic ODT
access
 Asynchronous ODT
• Refresh: auto-refresh, self-refresh
• Multi Purpose Register (MPR) for temperature read
• Refresh cycles
out
 Average refresh period
• ZQ calibration for DQ drive and ODT
7.8µs at 0°C ≤ TC ≤ +85°C
• Programmable Partial Array Self-Refresh (PASR)
3.9µs at +85°C < TC ≤ +95°C
• /RESET pin for Power-up sequence and reset
• Operating case temperature range
function
 TC = 0°C to +95°C
• SRT range:
 Normal/extended
 Auto/manual self-refresh
• Programmable Output driver impedance control
Apacer Memory Product Specification
2GB DDR3 SDRAM SODIMM with SPD
Ordering Information
Part Number
Bandwidth Speed Grade
Max Frequency
CAS Latency
Density Organization
Component
Composition
Number of
Rank
78.A2GC8.AF00C
2GB
256Mx64
256Mx8*8EA
1
8.5GB/sec
1066Mbps
533MHz
CL7


Similar Part No. - 78A2GC8AF00C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78A207 ETC-78A207 Datasheet
68Kb / 8P
   MFR1 Receiver
78A207-CP ETC-78A207-CP Datasheet
68Kb / 8P
   MFR1 Receiver
More results

Similar Description - 78A2GC8AF00C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78B2GC8XX1 ETC2-78B2GC8XX1 Datasheet
289Kb / 7P
   4GB DDR3 SDRAM SODIMM with SPD
78C2GCMAT30C ETC2-78C2GCMAT30C Datasheet
259Kb / 7P
   8GB DDR3 SDRAM SODIMM with SPD
logo
Hynix Semiconductor
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ2G43CFR HYNIX-H5TQ2G43CFR Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43CFR-XXC HYNIX-H5TQ2G43CFR-XXC Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G63BFR HYNIX-H5TQ2G63BFR Datasheet
1Mb / 93P
   2Gb DDR3 SDRAM
H5TQ2G83DFR HYNIX-H5TQ2G83DFR Datasheet
408Kb / 34P
   2Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com