Selected language     English  ▼


B-058-00 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. B-058-00
Description  SOLDERSLEEVE DEVICE WITH PRE-INSTALLED LEAD
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
SPECIFICATION CONTROL DRAWING
THERMOFIT
DEVICES
Raychem Corporation
300 Constitution Drive
Menlo Park, CA 94025
USA
TITLE:
SOLDERSLEEVE* DEVICE
WITH PRE-INSTALLED LEAD
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE IN BETWEEN BRACKETS.
DOCUMENT NO
.: B-058-0X
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
Raychem reserves the right to amend this
drawing at any time. Users should
evaluate the suitability of the product for
their application.
DCR NUMBER:
D981675
REPLACES:
B0580X
DRAWN BY:
R. MAPALO
DATE:
16-Oct-98
REV.:
SEE TABLE
DOC ISSUE:
4
SCALE:
NONE
SIZE:
A
SHEET:
1 of 1
If this document is printed it becomes uncontrolled. Check for the latest revision.
Product Revisions
Product Dimensions
Cable Dimensions
Part Names
L
max
A
min
B
min
K
min
D
max
E
min
F
min
J
±1
(J
±0.04)
B-058-00
J
16.5
(0.650)
2.6
(0.100)
3.1
(0.120)
150
(5.900)
2.6
(0.100)
1.6
(0.630)
1.5
(0.060)
7
(0.275)
B-058-01
G
16.5
(0.650)
4.4
(0.175)
4.9
(0.195)
150
(5.900)
4.4
(0.175)
2.2
(0.085)
2.1
(0.080)
7
(0.275)
B-058-02
H
22.1
(0.870)
6.9
(0.270)
7.4
(0.290)
150
(5.900)
6.9
(0.270)
3.4
(0.135)
3.2
(0.125)
7
(0.275)
MATERIAL
1. INSULATION SLEEVE: Heat-shrinkable, radiation cross-linked modified polyvinylidene fluoride. Transparent blue.
2. SOLDER PREFORM WITH FLUX:
SOLDER: TYPE Sn63 per ANSI J-STD-006.
FLUX:
TYPE ROL1 per ANSI J-STD-004.
3. & 4. MELTABLE RINGS: Thermally stabilized thermoplastic. Color: clear.
5. GROUND LEAD: RAYCHEM 55A0111-24 in accordance with MIL-W-22759/32 24 AWG. Stranded tin plated copper.
Color: blue.
APPLICATION
1. These parts are designed to provide an environment protected shield termination on cables rated for 125
°C minimum, meeting
the dimensional criteria listed and having tin or silver plated shields.
2. Temperature range: -55
°C to +150°C.
3. Install using Raychem-approved convection or infrared heating tools in accordance with Raychem installation procedure
RPIP-709-00.
For best results, prepare the cable as shown:
*A trademark of Raychem Corporation.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl