Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3EZ4.7D5 Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # 3EZ4.7D5
Description  SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

3EZ4.7D5 Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  3EZ4.7D5 Datasheet HTML 1Page - EIC discrete Semiconductors 3EZ4.7D5 Datasheet HTML 2Page - EIC discrete Semiconductors 3EZ4.7D5 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at = 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
3EZ110D5
110
6.8
225
4000
0.25
0.5
83.6
25
3EZ120D5
120
6.3
300
4500
0.25
0.5
91.2
22
3EZ130D5
130
5.8
375
5000
0.25
0.5
98.8
21
3EZ140D5
140
5.3
475
5000
0.25
0.5
106.4
19
3EZ150D5
150
5.0
550
6000
0.25
0.5
114.0
18
3EZ160D5
160
4.7
625
6500
0.25
0.5
121.6
17
3EZ170D5
170
4.4
650
7000
0.25
0.5
130.4
16
3EZ180D5
180
4.2
700
7000
0.25
0.5
136.8
15
3EZ190D5
190
4.0
800
8000
0.25
0.5
144.8
14
3EZ200D5
200
3.7
875
8000
0.25
0.5
152.0
13
3EZ220D5
220
3.4
1600
9000
0.25
1
167.0
12
3EZ240D5
240
3.1
1700
9000
0.25
1
182.0
11
3EZ270D5
270
2.8
1800
9000
0.25
1
205.0
10
3EZ300D5
300
2.5
1900
9000
0.25
1
228.0
9
3EZ330D5
330
2.3
2200
9000
0.25
1
251.0
8
3EZ360D5
360
2.1
2700
9000
0.25
1
274.0
8
3EZ400D5
400
1.9
3500
9000
0.25
1
304.0
7
Note :
( 1 ) Suffix " 5 " indicates
± 5.0% tolerance, suffix " 10 " indicates ± 10.0% tolerance.
( 2 ) " EZ " will be omitted in marking on the diode


Similar Part No. - 3EZ4.7D5

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
3EZ4.7D5 JGD-3EZ4.7D5 Datasheet
150Kb / 2P
   3W SILICON ZENER DIODE
logo
SynSemi, Inc.
3EZ4.7D5 SYNSEMI-3EZ4.7D5 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
3EZ4.7D5 NJSEMI-3EZ4.7D5 Datasheet
151Kb / 1P
   Ref/Reg Diode, P(D) = 1W
logo
List of Unclassifed Man...
3EZ4.7D5 ETC2-3EZ4.7D5 Datasheet
197Kb / 3P
   Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
3EZ4.7D5 SUNMATE-3EZ4.7D5 Datasheet
179Kb / 3P
   3Watts Axial Leaded Zener Diodes
More results

Similar Description - 3EZ4.7D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com