Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S05B-XASK-1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # S05B-XASK-1
Description  2.5mm pitch/Disconnectable Crimp style connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S05B-XASK-1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  S05B-XASK-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers S05B-XASK-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers S05B-XASK-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers S05B-XASK-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers S05B-XASK-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers S05B-XASK-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
XA CONNECTOR
2.5
B
A
φ
 0.6
6.4
3.2
Circuit
No.1
Circuits
Model No.
Dimensions (mm)
Q'ty / box
AB
Material and Finish
Pin: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural (ivory)
2
3
4
5
6
7
8
Top entry type without a boss
Top entry type with a boss
B02B-XASS-1-T
B03B-XASS-1-T
B04B-XASS-1-T
B05B-XASS-1-T
B06B-XASS-1-T
B07B-XASS-1-T
B08B-XASS-1-T
2.5
5.0
7.5
10.0
12.5
15.0
17.5
7.5
10.0
12.5
15.0
17.5
20.0
22.5
1,000
1,000
500
500
500
500
500
B03B-XASS-1-A-T
B04B-XASS-1-A-T
B05B-XASS-1-A-T
B06B-XASS-1-A-T
B07B-XASS-1-A-T
B08B-XASS-1-A-T
1.6
2.5
B
A
φ
 0.6
6.4
3.2
1.6
Circuit
No.1
Circuits
Dimensions (mm)
A
Top entry type
B
Material and Finish
Q'ty / reel
2
3
4
5
6
7
8
9
12
13
15
BM02B-XASS-TF
BM03B-XASS-TF
BM04B-XASS-TF
BM05B-XASS-TF
BM06B-XASS-TF
BM07B-XASS-TF
BM08B-XASS-TF
BM09B-XASS-TF
BM12B-XASS-TF
BM13B-XASS-TF
BM15B-XASS-TF
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
27.5
30.0
35.0
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
35.0
37.5
42.5
Model No.
500
500
500
500
500
500
500
500
500
500
500
Pin: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA, UL94V-0, natural
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
Circuit
No.1
A
B
8.0
1.4
1.0
Circuit
No.1
B
A
8.0
1.4
1.0
6.4
12.7
φ4.0
(2 circuits)
(3 to 15 circuits)
SMT type shrouded header
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
BM02B-XASS-TF-
S…natural
K…black R…red E…blue M…green D…orange
L…lemon yellow
Through-hole type shrouded header on radial-tape
Top entry type
without a boss
Top entry type
with a boss
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B03B-XASS-1-A-T-
S…natural (ivory)
R…red E…blue M…green
Taping specifications
Note: Conforms to JIC C 0806 of "Tape packaging of components with
unidirectional leads on continuous tapes".
5


Similar Part No. - S05B-XASK-1

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
S05B-F31SK-GGXR JST-S05B-F31SK-GGXR Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
S05B-F31SK-GGYR JST-S05B-F31SK-GGYR Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
List of Unclassifed Man...
S05B-PASK-2 ETC2-S05B-PASK-2 Datasheet
366Kb / 11P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
S05B-ZESK-2D ETC1-S05B-ZESK-2D Datasheet
130Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - S05B-XASK-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S6B-XH-A ETC2-S6B-XH-A Datasheet
214Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XADRP-14V ETC2-XADRP-14V Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SEH-001T-P0.6 JST-SEH-001T-P0.6 Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
XH-CONNECTOR JST-XH-CONNECTOR Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B08B-XADSS-N ETC2-B08B-XADSS-N Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-06-S ETC2-HRP-06-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com