Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78C2GCMAT30C Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 78C2GCMAT30C
Description  8GB DDR3 SDRAM SODIMM with SPD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

78C2GCMAT30C Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  78C2GCMAT30C Datasheet HTML 1Page - List of Unclassifed Manufacturers 78C2GCMAT30C Datasheet HTML 2Page - List of Unclassifed Manufacturers 78C2GCMAT30C Datasheet HTML 3Page - List of Unclassifed Manufacturers 78C2GCMAT30C Datasheet HTML 4Page - List of Unclassifed Manufacturers 78C2GCMAT30C Datasheet HTML 5Page - List of Unclassifed Manufacturers 78C2GCMAT30C Datasheet HTML 6Page - List of Unclassifed Manufacturers 78C2GCMAT30C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
67.60
9.00
21.15
2.15
39.00
2.45
2.15
2.45
21.00
Unit: mm
1.00 ± 0.10
3.80 Max
(DATUM -A-)
4x Full R
Component area
(Back)
B
A
C
3.00
1.65
Detail B
Detail A
0.60
0.45 ± 0.03
1.00 ± 0.10
Detail C
FULL R
3.00
1.35
Detail D
Front side
Back side
D
63.60
2.00 Min
(DATUM -A-)
Component area
(Front)
Contact pad
Apacer Memory Product Specification
(All dimensions are in millimeters with ±0.15mm tolerance unless specified otherwise.)


Similar Part No. - 78C2GCMAT30C

ManufacturerPart #DatasheetDescription
logo
Sames
78C05 SAMES-78C05 Datasheet
154Kb / 10P
   Single Phase Bidirectional Dual Element Power/Energy Metering IC with Pulse Output
logo
Grayhill, Inc
78C08SRAT GRAYHILL-78C08SRAT Datasheet
233Kb / 1P
   Thru-Hole DIP Switches
logo
Renesas Technology Corp
78C11A RENESAS-78C11A Datasheet
779Kb / 68P
   MOS INTEGRATED CIRCUIT
1990
78C12A RENESAS-78C12A Datasheet
779Kb / 68P
   MOS INTEGRATED CIRCUIT
1990
78C18 RENESAS-78C18 Datasheet
3Mb / 112P
   MOS INTEGRATED CIRCUIT
1992
More results

Similar Description - 78C2GCMAT30C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78B2GC8XX1 ETC2-78B2GC8XX1 Datasheet
289Kb / 7P
   4GB DDR3 SDRAM SODIMM with SPD
78A2GC8AF00C ETC2-78A2GC8AF00C Datasheet
366Kb / 7P
   2GB DDR3 SDRAM SODIMM with SPD
logo
Hynix Semiconductor
H5TQ8G43AMR HYNIX-H5TQ8G43AMR Datasheet
477Kb / 35P
   8Gb DDR3 SDRAM
HMT312S6BFR6C-G7 HYNIX-HMT312S6BFR6C-G7 Datasheet
545Kb / 54P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8C-G7 HYNIX-HMT112S6TFR8C-G7 Datasheet
544Kb / 48P
   204pin DDR3 SDRAM SODIMM
HMT351S6AFR8C-G7 HYNIX-HMT351S6AFR8C-G7 Datasheet
377Kb / 42P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8A-G7 HYNIX-HMT112S6TFR8A-G7 Datasheet
581Kb / 50P
   204pin DDR3 SDRAM SODIMM
HMT451S6MMP8C-S6 HYNIX-HMT451S6MMP8C-S6 Datasheet
303Kb / 40P
   204pin DDR3 SDRAM SODIMM
logo
Elpida Memory
EBJ81UG8BBU0 ELPIDA-EBJ81UG8BBU0 Datasheet
152Kb / 16P
   8GB DDR3 SDRAM SO-DIMM
EBJ82HF4B1RA ELPIDA-EBJ82HF4B1RA Datasheet
248Kb / 26P
   8GB Registered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com