Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF393 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MRF393
Description  The RF Line Controlled ?쏲??Broadband Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF393 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MRF393 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF393 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF393 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF393 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF393 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF393 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
The RF Line Controlled “Q” Broadband Power Transistor
100W, 30 to 500MHz, 28V
M/A-COM Products
Released - Rev. 07.07
MRF393
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.


Similar Part No. - MRF393

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF393 MOTOROLA-MRF393 Datasheet
118Kb / 4P
   BROADBAND PUSH-PULL RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF393 MACOM-MRF393 Datasheet
138Kb / 4P
   The RF Line NPN Silicon Push-Pull RF Power Transistor
logo
M/A-COM Technology Solu...
MRF393 MA-COM-MRF393 Datasheet
202Kb / 6P
   The RF Line Controlled ?쏲??Broadband Power Transistor 100W, 30 to 500MHz, 28V
logo
New Jersey Semi-Conduct...
MRF393 NJSEMI-MRF393 Datasheet
93Kb / 2P
   NPN Silicon Push-Pull RF Power TVansistor
logo
M/A-COM Technology Solu...
MRF393 MA-COM-MRF393_15 Datasheet
202Kb / 6P
   The RF Line Controlled Broadband Power Transistor
More results

Similar Description - MRF393

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF327 MA-COM-MRF327 Datasheet
239Kb / 6P
   The RF Line Controlled ?쏲??Broadband Power Transistor
MRF392 MA-COM-MRF392 Datasheet
222Kb / 6P
   The RF Line Controlled ?쏲??Broadband Power Transistor
MRF392 MA-COM-MRF392_17 Datasheet
685Kb / 7P
   The RF Line Controlled ?쏲??Broadband Power Transistor
MRF327 MA-COM-MRF327_17 Datasheet
753Kb / 7P
   The RF Line Controlled ?쏲??Broadband Power Transistor
MRF393 MA-COM-MRF393_17 Datasheet
659Kb / 7P
   The RF Line Controlled ?쏲??Broadband Power Transistor
MRF392 MA-COM-MRF392 Datasheet
222Kb / 6P
   The RF Line Controlled ?쏲??Broadband Power Transistor 125W, 30 to 500MHz, 28V
MRF327 MA-COM-MRF327 Datasheet
239Kb / 6P
   The RF Line Controlled ?쏲??Broadband Power Transistor 80W, 100 to 500MHz, 28V
MRF393 MA-COM-MRF393 Datasheet
202Kb / 6P
   The RF Line Controlled ?쏲??Broadband Power Transistor 100W, 30 to 500MHz, 28V
MRF392 MA-COM-MRF392_15 Datasheet
222Kb / 6P
   The RF Line Controlled Broadband Power Transistor
MRF393 MA-COM-MRF393_15 Datasheet
202Kb / 6P
   The RF Line Controlled Broadband Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com