Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI945RF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MI945RF
Description  2x DDR2 SO-DIMM, Max. 8GB
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MI945RF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MI945RF Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-20
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
LVDS
SATA II
DDR2
SO-DIMM
Sockets
Socket P
Intel®GM45
Chipset
KB/Mouse
RJ-45/USB
RJ-45
USB
Audio
PCI Slot
ICH9M
PCI -E(x1)
IDE1
COM/VGA
Features
● Supports Intel® Core™2 Duo processors 667/800/1066MHz FSB
● 2x DDR2 SO-DIMM, Max. 8GB
● Onboard dual Gigabit LAN
● Integrated VGA for CRT & LVDS
● 4x SATA II, 8x USB 2.0, 4x COM, 1x IDE, 1x CF
● 1x PCI, 1x PCI-E(x1), 1x Mini PCI-E
Specifications
CPU Socket
Socket P for Intel® Core™2 Duo processors
System Memory
2x DDR2 SO-DIMM, 667/800MHz, Max. 8GB
System Chipset
Intel® GM45 + ICH9M (MI945F) / ICH9ME (MI945RF/MI945AF),
667/800/1066MHz FSB
BIOS
Award (MI945F/MI945RF) / AMI (MI945AF)
Watchdog Timer
256 levels
SSD
CF socket (solder side)
H/W Monitor
Yes
Expansion Slots
1x PCI, 1x PCI-E(x1), 1x Mini PCI-E
VGA Controller
Intel® GM45 integrated GMA 4500MHD
VGA Memory
Supports DVMT 5.0; Max. shared memory - 1GB
Display Interface
Supports CRT & 18-bit/24-bit dual channel LVDS, optional
daughter card supports 2nd CRT and single/dual DVI
LAN Controller
ICH9M integrated Intel® 82567LM Gigabit LAN
Intel® 82574L PCI-E Gigabit LAN for 2nd LAN
Connector
RJ-45 on board
I/O Chipset
Winbond W83627DHG-P + Fintek 81216G
1x IDE, 1x KB, 1x mouse,
3x RS232, 1x RS-232/422/485, 4x SATA II
USB
4 ports on board
Pin header for 4 ports (USB 2.0)
Audio
Intel® ICH9M built-in HD audio w/ Realtek ALC888 codec for 7.1CH
Others
Digital I/O (4 in, 4 out)
Dimensions
170mm x 170mm (6.7“ x 6.7“)
Max. Power Requirement
Intel® Core™2 Duo T9400 2.53GHz
w/ 2GB DDR2-667
+12V: 2.01A, +5V: 0.45A, +3.3V: 0.82A
Operating Temperature
0°C~60°C (32°F~140°F)
Storage Temperature
-20°C~80°C (-4°F~176°F)
Relative Humidity
10%~90% (non-condensing)
Ordering Information
MI945F
Socket P GM45 Mini-ITX motherboard with VGA and
dual Gigabit LAN (ICH9M)
MI945AF
Socket P GM45 Mini-ITX motherboard with VGA,
dual Gigabit LAN, RAID, iAMT 4.0 (ICH9ME)
MI945RF
Socket P GM45 Mini-ITX motherboard with VGA,
dual Gigabit LAN and RAID (ICH9ME)
Features
● Supports Intel® Core™2 Duo / Celeron® processors, 533MHz/800MHz FSB
● 2x DDR2 DIMM, Max. 4GB
● Supports CRT, LVDS, optional DVI
● Onboard dual Gigabit LAN
● 2x SATA II, 6x USB 2.0, 2x COM, 1394
● Watchdog timer, Digital I/O
● 1x Mini PCI, 1x PCI, 1x PCI-E(x1)
Mini PCI
SATA II
DDR2
Sockets
Socket P
Intel®
GME965
Chipset
PS/2
KB/Mouse
COM/VGA
RJ-45/USB
RJ-45/USB
1394
SPDIF
Audio
SDVO Port
FDD
PCI Slot
PCI-E(x1)
ATX Power
1394
USB
COM2
CD In
LVDS
Digital I/O
IrDA
Specifications
CPU
Socket P for Intel® Core™2 Duo / Celeron®
System Memory
2x DDR2 DIMM, 533/667MHz, Max. 4GB
System Chipset
Intel® GME965 + ICH8M, 533MHz/800MHz FSB
BIOS
Award
Watchdog Timer
256 levels
SSD
CF socket (solder side)
H/W Monitor
Yes
Expansion Slots
1x PCI, 1x PCI-E(x1), 1x Mini PCI
VGA Controller
Intel® GME965 built-in Graphics Media Accelerator X3100
supports CRT and LVDS
VGA Memory
Supports DVMT 4.0; Max. shared memory - 384MB
Display Interface
Supports CRT and 24-bit dual channel LVDS,
optional DVI
LAN Controller
ICH8M integrated Intel® 82566DM Gigabit LAN and Intel®
82574L PCI-E Gigabit LAN
Connector
RJ-45 on board
I/O Chipset
Winbond W83627EHG
1x IDE, 1x FDD, 1x KB, 1x mouse,
1x RS-232, 1x RS232/422/485, 2x SATA II
USB
4 ports on board, 2 ports via pin header
Audio
Intel® ICH8M built-in Intel® HD audio w/ Realtek ALC888 codec
for 7.1CH
Others
IrDA, 1394, Digital I/O (4-in/4-out), EuP/ErP compliant
Dimensions
170mm x 170mm (6.7" x 6.7")
Max. Power Requirement
Intel® Core™2 Duo 2.6GHz
w/ 2x 2GB DDR2-800
+5V: 4.15A
+12V: 2.43A
+3.3V: 1.06A
Operating Temperature
0°C~60°C (32°F~140°F)
Storage Temperature
-20°C~80°C (-4°F~176°F)
Relative Humidity
10%~90% (non-condensing)
Ordering Information
MI912EF
Socket P GME965 Mini-ITX M/B with VGA, Gigabit and
PCI-E Gigabit LAN, EuP/ErP compliant
Intel
® Core™2 Duo-Based
Socket P Intel® Core2 Duo Mini-ITX
Motherboard w/ Intel® GM45 Chipset
MI945
Intel® Core™2 Duo-Based
MI912
Socket P Intel® Core™2 Duo Mini-ITX Motherboard w/
Intel® GME965 Chipset
8
USB
4
COM
4
SATA II
2
Gbe LAN
6
USB
2
COM
2
SATA II
2
Gbe LAN


Similar Part No. - MI945RF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI945RF ETC2-MI945RF Datasheet
528Kb / 1P
   Integrated VGA for CRT & LVDS
More results

Similar Description - MI945RF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI970 ETC2-MI970 Datasheet
815Kb / 1P
   2x DDR3 SO-DIMM, Max. 16GB
MI95 ETC2-MI95 Datasheet
797Kb / 1P
   2x DDR3 DIMM, Max. 8GB, supports ECC
SI-58 ETC2-SI-58 Datasheet
490Kb / 1P
   Supports 2x DDR3 1333MHz SO-DIMM, Max. 16GB
logo
Elpida Memory
EBJ81UG8BBU0 ELPIDA-EBJ81UG8BBU0 Datasheet
152Kb / 16P
   8GB DDR3 SDRAM SO-DIMM
EBE82AF4A1RA ELPIDA-EBE82AF4A1RA Datasheet
248Kb / 31P
   8GB Registered DDR2 SDRAM DIMM
logo
Hynix Semiconductor
HYMP112S64MP8 HYNIX-HYMP112S64MP8 Datasheet
405Kb / 17P
   DDR2 SDRAM SO-DIMM
logo
Elpida Memory
EBE81AF4ABHA ELPIDA-EBE81AF4ABHA Datasheet
250Kb / 29P
   8GB Registered DDR2 SDRAM DIMM
EBJ81UG8EBU0 ELPIDA-EBJ81UG8EBU0 Datasheet
229Kb / 16P
   8GB DDR3L SDRAM SO-DIMM
EBJ81UG8BAS0 ELPIDA-EBJ81UG8BAS0 Datasheet
229Kb / 16P
   8GB DDR3 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SLN08G64B3BA2HY-CC[WR]RT ETC2-SLN08G64B3BA2HY-CC[WR]RT Datasheet
702Kb / 17P
   8GB DDR3L ??SDRAM SO-DIMM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com