Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBESD9N5C Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SBESD9N5C
Description  ESD Protection for high-speed interfaces
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SBESD9N5C Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SBESD9N5C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SBESD9N5C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SBESD9N5C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Elektronische Bauelemente
SBESD9N5C
48W, 5V
Ultra Low Capactance
ESD Protection for high-speed interfaces
21-Apr-2014 Rev. C
Page 3 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTICS CURVES


Similar Part No. - SBESD9N5C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBESD9N5C SECOS-SBESD9N5C_15 Datasheet
286Kb / 3P
   ESD Protection for high-speed interfaces
More results

Similar Description - SBESD9N5C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4242CZ6 NXP-IP4242CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-12 March 2009
IP4282CZ6 NXP-IP4282CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
SeCoS Halbleitertechnol...
KS05UL5 SECOS-KS05UL5_15 Datasheet
313Kb / 3P
   ESD Protection for high-speed interfaces
logo
NXP Semiconductors
IP4282CZ6 PHILIPS-IP4282CZ6_15 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
Nexperia B.V. All right...
PESD4USB3B-TTS NEXPERIA-PESD4USB3B-TTS Datasheet
243Kb / 11P
   ESD protection for high-speed interfaces
11 August 2022
PESD4USB3UTBR-Q NEXPERIA-PESD4USB3UTBR-Q Datasheet
219Kb / 11P
   ESD protection for high-speed interfaces
11 August 2022
PESD4USB5UTBR-Q NEXPERIA-PESD4USB5UTBR-Q Datasheet
219Kb / 11P
   ESD protection for high-speed interfaces
11 August 2022
logo
NXP Semiconductors
IP4285CZ9-TBB NXP-IP4285CZ9-TBB_13 Datasheet
501Kb / 12P
   ESD protection for high-speed interfaces
Rev. 3-7 April 2014
logo
Nexperia B.V. All right...
IP4285CZ6-TY NEXPERIA-IP4285CZ6-TY Datasheet
653Kb / 12P
   ESD protection for high-speed interfaces
IP4369CX4 NEXPERIA-IP4369CX4 Datasheet
1Mb / 15P
   ESD protection for high-speed interfaces
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com