Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSB200-892 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RSB200-892
Description  Fanless System for IBASE IB892 3.5??SBC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RSB200-892 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RSB200-892 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available
7-14
SBC System
Wide Temp Rugged System for IBASE IB892
3.5” Disk-Size SBC
RSB200-892
RSB200-884T
Wide Temp Rugged System for IBASE IB884T
3.5” Disk-Size SBC
Features
● Fanless System for IBASE IB892 3.5” SBC
● Onboard Intel® Atom™ Processor E660T, 1.3GHz
● Available in silver color
● One 2.5” HDD or SSD
● Internal CFast socket
● Front panel I/O for USB, VGA, COM, LAN and DC-in connector
● DIN-rail mounting
System
Mainboard
IB892-13T-ASB
CPU Type
Intel® Atom™ Processor E660T
System Speed
1.3GHz
Memory
DDR2-800 1GB onboard
Construction
Steel + Aluminum
Chassis Color
Silver
Front Panel
External I/O
1x VGA, 1x COM, 2x USB ports, 1x RJ45,
Phoenix connector, On/Off button, Reset button, power LED ,
HDD LED
Rear Panel
External I/O
N/A
Storage
1x 2.5" HDD or SSD
1x MicroSD
1x CFast
Power Supply
Optional 60W DC power supply
(Commercial grade only)
Mounting
DIN rail
Dimensions
187mm(W) x 126mm(D) x 53mm(H)
Operating
Temperature
-30°C~ 70°C (-22°F~158°F)
Storage
Temperature
-20°C ~ 80°C (-4°F~176°F)
Relative Humidity
5~95% @ 45°C, (non-condensing)
Vibration
TBC
RSB200-892
Fanless System with IBASE IB892-13T-ASB 3.5” SBC, w/ Intel® Atom™
E660T(1.3GHz) CPU, 1GB DDR2-800 memory, 2.5” 100GB industrial-
grade HDD, DIN rail mounting brackets
Ordering Information
Specifications
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS
Features
● Fanless System for IBASE IB884T 3.5” SBC
● Onboard Intel® Atom™ Processor Z510PT, 1.1GHz
● Available in silver color
● One 2.5” HDD or SSD
● Internal Compact Flash socket
● Front panel I/O for USB, VGA, COM, LAN and DC-in connector
● DIN-rail mounting
System
Mainboard
IB884T-11
CPU Type
Intel® Atom™ Processor Z510PT
System Speed
1.1GHz
Memory
1x DDR2 SO-DIMM, 1GB
Construction
Steel + Aluminum
Chassis Color
Silver
Front Panel
External I/O
1x VGA, 1x COM, 2x USB ports, 1x RJ45,
DC-in connectors
Rear Panel
External I/O
N/A
Storage
1x 2.5" HDD or SSD
1x Compact Flash Disk
Power Supply
Optional 60W DC power supply
(Commercial grade only)
Mounting
DIN rail
Dimensions
187mm(W) x 126mm(D) x 53mm(H)
Operating
Temperature
-30°C~ 70°C (-22°F~158°F)
Storage
Temperature
-20°C ~ 80°C (-4°F~176°F)
Relative Humidity
5~90% @ 45°C, (non-condensing)
Vibration
TBC
RSB200-884T-
11-HD
Fanless System with IBASE IB884T-11 3.5” SBC, w/ Intel® Atom™
Z510PT(1.1GHz) CPU, 1GB DDR2 SO-DIMM , 2.5” 100GB industrial-
grade HDD, DIN rail mounting brackets
Specifications
Ordering Information
SBC System
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS


Similar Part No. - RSB200-892

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSB200-892 ETC2-RSB200-892 Datasheet
887Kb / 1P
   Fanless System for IBASE IB892 3.5??SBC
More results

Similar Description - RSB200-892

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSB200-892 ETC2-RSB200-892 Datasheet
887Kb / 1P
   Fanless System for IBASE IB892 3.5??SBC
ASB200-895 ETC2-ASB200-895 Datasheet
1Mb / 1P
   Slim Type System for IBASE IB895 3.5??Disk-Size SBC
AFB100-D25 ETC2-AFB100-D25 Datasheet
985Kb / 1P
   eFlex System for IBASE FB800 SBC
CSB100-550-4COM ETC2-CSB100-550-4COM Datasheet
1,021Kb / 1P
   Slim Type for IBASE IB550F 3.5" Disk-Size SBC
CSB100-891 ETC2-CSB100-891 Datasheet
990Kb / 1P
   Slim Type for IBASE IB891 3.5" Disk-Size SBC
logo
Advantech Co., Ltd.
EPC-S101 ADVANTECH-EPC-S101 Datasheet
803Kb / 2P
   Embedded 3.5 SBC system for PCM-9310
logo
List of Unclassifed Man...
AMI401-945 ETC2-AMI401-945 Datasheet
892Kb / 1P
   Fanless system with IBASE MI945F Mini-ITX motherboard
logo
DFI Inc
ES520 DFI-ES520 Datasheet
2Mb / 2P
   Embedded Chassis for 3.5" SBC
logo
VIA Technologies, Inc.
VB9001 VIA-VB9001 Datasheet
456Kb / 2P
   3.5 SBC Series
logo
Advantech Co., Ltd.
EPC-S202 ADVANTECH-EPC-S202 Datasheet
1Mb / 6P
   Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com