Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCN164 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BCN164
Description  BCN Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BCN164 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BCN164 Datasheet HTML 1Page - List of Unclassifed Manufacturers BCN164 Datasheet HTML 2Page - List of Unclassifed Manufacturers BCN164 Datasheet HTML 3Page - List of Unclassifed Manufacturers BCN164 Datasheet HTML 4Page - List of Unclassifed Manufacturers BCN164 Datasheet HTML 5Page - List of Unclassifed Manufacturers BCN164 Datasheet HTML 6Page - List of Unclassifed Manufacturers BCN164 Datasheet HTML 7Page - List of Unclassifed Manufacturers BCN164 Datasheet HTML 8Page - List of Unclassifed Manufacturers BCN164 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BCN Series
BCN
Electrical
Environmental
Construction
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
01. 12
Standard Resistance Range,
Ohms
BCN06 2,BCN06 4, BCN2D, BCN4D, BCN10, BCN16 4:
BCN 16 8R / 8S:
BCN 31 8R / 8S:
BCN 21:
10 to 1 Megohm
100 to 1 Megohm
22 to 1 Megohm
68 to 220K
Standard Resistance Tolerance
±5% (J Tol.)
Optional: ±1% (F Tol.), BCN 4D, BCN 16 4, BCN31 8RB / 8SB Only
±2% (G Tol.), BCN 16 4, BCN31 8RB / 8SB Only
Operating Voltage, Maximum
BCN 4D:
BCN 2D, BCN 16 4, BCN 31 8R / 8S:
BCN 10, BCN 16 8R / 8S, BCN 21:
BCN 06 2, BCN 06 4:
75Vdc or
√pr
50Vdc or
√pr
25Vdc or
√pr
12.5Vdc or
√pr
Power Rating, watts at 70°C
BCN 2D:
BCN 4D:
BCN 06 2:
BCN 06 4:
BCN 10, BCN 164:
BCN 16 8R / 8S:
BCN 21, BCN 31 8R / 8S:
63mW per Resistor / 125mW per Package
125mW per Resistor / 500mW per Package
31mW per Resistor / 63mW per Package
31mW per Resistor / 125mW per Package
63mW per Resistor / 250mW per Package
32mW per Resistor / 250mW per Package
63mW per Resistor / 500mW per Package
Operating Temperature Range
-55°C to +125°C
Temperature Coefficient of
Resistance
BCN 2D:
BCN 06 2, BCN 06 4, BCN 4D, BCN 16 8R / 8S, BCN 21, BCN 31:
BCN 10, BCN 16 4:
±300ppm/°C
±200ppm/°C
±200ppm/°C
Moisture Resistance
1,000 hours @ +40°C, 95% R.H. (3.0% +0.1
Ω
ΔR)
High Temperature Operation
1,000 hours @ 70°C (3.0% +0.1
Ω
ΔR)
Short Time Overload
2.5 X rated voltage, 5 seconds (2.0% +0.1
Ω
ΔR)
Temperature Cycling
-55°C to +125°C, 5 cycles (1.0% +0.1
Ω
ΔR)
Resistance to Solder Heat
260°C for 10 seconds (1.0% +0.1
Ω
ΔR)
Load Life
1,000 hours @ 70°C (3.0% +0.1
Ω
ΔR)
Glass Passivation
Conductor
Nickel Barrier
Resistor: Ruthenium Oxide
Alumina Substrate
100% Tin


Similar Part No. - BCN164

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BCN164 TTELEC-BCN164 Datasheet
623Kb / 9P
   Thick Film Chip Arrays
logo
List of Unclassifed Man...
BCN164A100J13 ETC2-BCN164A100J13 Datasheet
762Kb / 11P
   Sulphur resistant version available
BCN164A100J7 ETC2-BCN164A100J7 Datasheet
762Kb / 11P
   Sulphur resistant version available
BCN164A101J7 ETC2-BCN164A101J7 Datasheet
762Kb / 11P
   Sulphur resistant version available
BCN164A102J13 ETC2-BCN164A102J13 Datasheet
762Kb / 11P
   Sulphur resistant version available
More results

Similar Description - BCN164

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com