Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B250W48A106XXG Datasheet(PDF) 5 Page - ON Semiconductor

Part # B250W48A106XXG
Description  High-Performance Programmable Audio Processing System
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

B250W48A106XXG Datasheet(HTML) 5 Page - ON Semiconductor

  B250W48A106XXG Datasheet HTML 1Page - ON Semiconductor B250W48A106XXG Datasheet HTML 2Page - ON Semiconductor B250W48A106XXG Datasheet HTML 3Page - ON Semiconductor B250W48A106XXG Datasheet HTML 4Page - ON Semiconductor B250W48A106XXG Datasheet HTML 5Page - ON Semiconductor B250W48A106XXG Datasheet HTML 6Page - ON Semiconductor B250W48A106XXG Datasheet HTML 7Page - ON Semiconductor B250W48A106XXG Datasheet HTML 8Page - ON Semiconductor B250W48A106XXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
BELASIGNA 250
http://onsemi.com
5
Table 2. ELECTRICAL SPECIFICATIONS (continued)
Description
Screened
Units
Max
Typ
Min
Conditions
Symbol
ANALOG OUTPUT STAGE
Attenuator gain tolerance
ATG
Input is –6 dB re: full scale @
1 kHz (all preamplifier gains)
−1
1
dB
Output impedance
ROUT
Attenuator settings:
0 dB
12 dB
15 dB
18 dB
21 dB
24 dB
27 dB
30 dB
1
9
7
4
3
2
1
1
2
13
10
8
6
4
3
2
5
17
14
12
9
7
6
5
kW
Output noise
OUTN
0 dB attenuation
33
40
mV
Output dynamic range
OUTDR
Unweighted, 100 Hz to
8 kHz BW, mono
85
87
dB
Output THD+N
OUTTHDN
Unweighted, 100 Hz to
22 kHz BW, mono
−70
−67
dB
ANTI−ALIASING FILTERS (Input and Output)
Preamplifier filter cut−off frequency
Preamp not bypassed
25
kHz
Digital anti−aliasing filter cut−off
frequency
fs/2
Analog output cut−off frequency
25 kHz
15
25
35
kHz
12 kHz (only output filter)
9
12
15
kHz
Passband flatness
−1
1
dB
Stopband attenuation
60 kHz (12 kHz cut−off)
60
dB
LOW−SPEED A/D
Input voltage
Peak input voltage
0
2.0
V
INL
From GND to 2*VREG
10
LSB
DNL
From GND to 2*VREG
2
LSB
Maximum variation over
temperature (0_C to 50_C)
5
LSB
Sampling frequency
All channels sequentially
12.8
kHz
Channel sampling frequency
8 channels
1.6
kHz
DIGITAL PADS
Voltage level for high input
VIH
VDDC
* 0.8
VDDC
+ 0.5
(Note 6)
V
Voltage level for low input
VIL
−0.3
VDDC
* 0.2
V
Input capacitance for digital pads
CIN
2
pF
Pull−up resistance for digital input
pads
RUP_IN
260
kW
Pull−down resistance to VDDC for
digital input pads
RDOWN_IN
VDDC = 1.0 V
430
kW
VDDC = 1.25 V
260
kW
VDDC = 2.0 V
140
kW
3. Audio performance will be degraded below 1.05 V.
4. Measured with a = 12 dB input signal.
5. Input stage delay is inversely proportional to sampling frequency.
6. Max voltage should be limited to 2.2 V peak regardless of VDDC. Protection diodes will be enabled above this voltage.


Similar Part No. - B250W48A106XXG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B250 DIODES-B250 Datasheet
45Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13004 Rev. E-2
logo
Fuji Electric
B250 FUJI-B250 Datasheet
668Kb / 1P
   2 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B250 WEITRON-B250 Datasheet
168Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
B250 BILIN-B250 Datasheet
88Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Taychipst Elec...
B250 TAYCHIPST-B250 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - B250W48A106XXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
   High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
logo
ON Semiconductor
LC823450 ONSEMI-LC823450 Datasheet
1Mb / 55P
   Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
LC823450 ONSEMI-LC823450_17 Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
logo
Analog Devices
ADSP-21371 AD-ADSP-21371_09 Datasheet
1Mb / 52P
   SHARC Processor optimized for high performance audio processing
REV. C
logo
ATMEL Corporation
ATSAM3308B ATMEL-ATSAM3308B Datasheet
358Kb / 27P
   Audio Processing
ATSAM3703 ATMEL-ATSAM3703 Datasheet
444Kb / 36P
   Audio Processing
ATSAM2195 ATMEL-ATSAM2195 Datasheet
1Mb / 19P
   Audio Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com