Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B250W48A106XXG Datasheet(PDF) 8 Page - ON Semiconductor

Part # B250W48A106XXG
Description  High-Performance Programmable Audio Processing System
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

B250W48A106XXG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button B250W48A106XXG Datasheet HTML 4Page - ON Semiconductor B250W48A106XXG Datasheet HTML 5Page - ON Semiconductor B250W48A106XXG Datasheet HTML 6Page - ON Semiconductor B250W48A106XXG Datasheet HTML 7Page - ON Semiconductor B250W48A106XXG Datasheet HTML 8Page - ON Semiconductor B250W48A106XXG Datasheet HTML 9Page - ON Semiconductor B250W48A106XXG Datasheet HTML 10Page - ON Semiconductor B250W48A106XXG Datasheet HTML 11Page - ON Semiconductor B250W48A106XXG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
BELASIGNA 250
http://onsemi.com
8
Table 3. LFBGA PIN DESCRIPTIONS (continued)
Pad Index
A/D
I/O
Description
BELASIGNA 250 Pin Name
A4
SPI_SERI
SPI serial input
I
D
E6
TWSS_CLK
Two−wire synchronous serial clock
I/O
D
F8
TWSS_DATA
Two−wire synchronous serial data
I/O
D
G5
GPIO[0] / I2S_FD
General−purpose input or output / I2S digital frame
I/O
D
H5
GPIO[1] / I2S_IND
General−purpose input or output / I2S digital input
I/O
D
G4
GPIO[2] / I2S_INA
General−purpose input or output / I2S analog input
I/O
D
F5
GPIO[3] / NCLK_DIV_RESET / I2S_FA
General−purpose input or output / I2S analog frame
I/O
D
B5
GPIO[4] / LSAD [0] / I2S_OUTD
General−purpose input or output / low−speed A/D input /
I2S digital output
I/O
D/A
A5
GPIO[5] / LSAD[1] / I2S_OUTA
General−purpose input or output / low−speed A/D input /
I2S analog output
I/O
D/A
B6
GPIO[6] / LSAD[2]
General−purpose input or output / low−speed A/D input
I/O
D/A
A7
GPIO[7] / LSAD[3]
General−purpose input or output / low−speed A/D input
I/O
D/A
A8
GPIO[8] / LSAD[4] / UART_TX
General−purpose input or output / low−speed A/D input /
UART output
I/O
D/A
B7
GPIO[9] / LSAD[5] / UART_RX
General−purpose input or output / low−speed A/D input /
UART input
I/O
D/A
B8
GPIO[10] / UCLK
General−purpose input or output / user clock
I/O
D
C7
GPIO[11] / PCM_CLK
General−purpose input or output / PCM clock
I/O
D
C8
GPIO[12] / PCM_SERI
General−purpose input or output / PCM serial input
I/O
D
D7
GPIO[13] / PCM_SERO
General−purpose input or output / PCM serial output
I/O
D
D8
GPIO[14] / PCM_FRAME
General−purpose input or output / PCM frame
I/O
D
E7
GPIO[15]
General−purpose input or output
I/O
D
NOTE: Unlisted pads must be left unconnected.
Weight
BELASIGNA 250 LFBGA (0W888−002−XTP) has an average weight of 0.1275 grams.
A total of 49 active pins are present on this CABGA package of BELASIGNA 250. A description of these pads is given in
Table 4.
Table 4. CABGA PIN DESCRIPTIONS
Pad Index
BELASIGNA 250 Pad Name
Description
I/O
A/D
H7
VBAT
Power supply
I
A
H5, J6, H6
AGND
Analog ground
N/A
A
H8
RCVRBAT
Digital output power supply
I
A
G8
RCVRGND
Digital output ground
N/A
A
D9, C3
VDDC
Digital core power supply
O
D
C8
GNDC
Digital core ground
N/A
D
J5
VREG
Regulated microphone power supply
O
A
J1
VDBL
Doubled voltage output
O
A
F1
SPI_CS
SPI chip select
O
D
G2
SPI_CLK
SPI Clock
O
D
F2
SPI_SERO
SPI serial output
O
D
E1
SPI_SERI
SPI serial input
I
D


Similar Part No. - B250W48A106XXG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B250 DIODES-B250 Datasheet
45Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13004 Rev. E-2
logo
Fuji Electric
B250 FUJI-B250 Datasheet
668Kb / 1P
   2 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B250 WEITRON-B250 Datasheet
168Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
B250 BILIN-B250 Datasheet
88Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Taychipst Elec...
B250 TAYCHIPST-B250 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - B250W48A106XXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
   High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
logo
ON Semiconductor
LC823450 ONSEMI-LC823450 Datasheet
1Mb / 55P
   Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
LC823450 ONSEMI-LC823450_17 Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
logo
Analog Devices
ADSP-21371 AD-ADSP-21371_09 Datasheet
1Mb / 52P
   SHARC Processor optimized for high performance audio processing
REV. C
logo
ATMEL Corporation
ATSAM3308B ATMEL-ATSAM3308B Datasheet
358Kb / 27P
   Audio Processing
ATSAM3703 ATMEL-ATSAM3703 Datasheet
444Kb / 36P
   Audio Processing
ATSAM2195 ATMEL-ATSAM2195 Datasheet
1Mb / 19P
   Audio Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com