Electronic Components Datasheet Search |
|
BC549BTF Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
BC549BTF Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 6 page © 2002 Fairchild Semiconductor Corporation www.fairchildsemi.com BC546 / BC547 / BC548 / BC549 / BC550 Rev. 1.1.0 2 Absolute Maximum Ratings Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera- ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi- tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted. Electrical Characteristics Values are at TA = 25°C unless otherwise noted. hFE Classification Symbol Parameter Value Unit VCBO Collector-Base Voltage BC546 80 V BC547 / BC550 50 BC548 / BC549 30 VCEO Collector-Emitter Voltage BC546 65 V BC547 / BC550 45 BC548 / BC549 30 VEBO Emitter-Base Voltage BC546 / BC547 6 V BC548 / BC549 / BC550 5 IC Collector Current (DC) 100 mA PC Collector Power Dissipation 500 mW TJ Junction Temperature 150 °C TSTG Storage Temperature Range -65 to +150 °C Symbol Parameter Conditions Min. Typ. Max. Unit ICBO Collector Cut-Off Current VCB = 30 V, IE = 0 15 nA hFE DC Current Gain VCE = 5 V, IC = 2 mA 110 800 VCE(sat) Collector-Emitter Saturation Voltage IC = 10 mA, IB = 0.5 mA 90 250 mV IC = 100 mA, IB = 5 mA 250 600 VBE(sat) Collector-Base Saturation Voltage IC = 10 mA, IB = 0.5 mA 700 mV IC = 100 mA, IB = 5 mA 900 VBE(on) Base-Emitter On Voltage VCE = 5 V, IC = 2 mA 580 660 700 mV VCE = 5 V, IC = 10 mA 720 fT Current Gain Bandwidth Product VCE = 5 V, IC = 10 mA, f = 100 MHz 300 MHz Cob Output Capacitance VCB = 10 V, IE = 0, f = 1 MHz 3.5 6.0 pF Cib Input Capacitance VEB = 0.5 V, IC = 0, f = 1 MHz 9 pF NF Noise Figure BC546 / BC547 / BC548 V CE = 5 V, IC = 200 μA, f = 1 kHz, RG = 2 kΩ 210 dB BC549 / BC550 1.2 4.0 BC549 VCE = 5 V, IC = 200 μA, RG = 2 kΩ, f = 30 to 15000 MHz 1.4 4.0 BC550 1.4 3.0 Classification A B C hFE 110 ~ 220 200 ~ 450 420 ~ 800 |
Similar Part No. - BC549BTF |
|
Similar Description - BC549BTF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |